Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SESD1ZXXV Datasheet(PDF) 1 Page - WILLAS ELECTRONIC CORP

Part # SESD1ZXXV
Description  Transient Voltage Suppressors for ESD Protection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

SESD1ZXXV Datasheet(HTML) 1 Page - WILLAS ELECTRONIC CORP

  SESD1ZXXV Datasheet HTML 1Page - WILLAS ELECTRONIC CORP SESD1ZXXV Datasheet HTML 2Page - WILLAS ELECTRONIC CORP SESD1ZXXV Datasheet HTML 3Page - WILLAS ELECTRONIC CORP SESD1ZXXV Datasheet HTML 4Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Transient Voltage Suppressors for ESD Protection
General Description
The SESD1Z SERIES is designed to protect
voltage sensitive components from ESD and transient
voltage events. Excellent clamping capability, low
leakage, and fast response time, make these parts
ideal for ESD protection on designs where board space
is at a premium.
Applications
Cellular Phone Handsets and Accessories
Microprocessor based equipment
Personal Digital Assistants(PDA’S)
Notebooks, Desktops, and Servers
Portable Instrumentation
Pagers Peripherals
Features
Small Body Outline Dimensions
600 Watts peak pulse power (tp = 8/20
μs)
Transient protection for data lines to
Small package for use in portable electronics
Suitable replacement for MLV’s in ESD
protection applications
Protects one I/O or power line
Low clamping voltage
Low leakage current
Solid-state silicon-avalanche technology
Complies with the following standards
IEC61000-4-2
Level 4
15 kV (air discharge)
8 kV(contact discharge)
MIL STD 883E - Method 3015-7 Class 3
25 kV HBM (Human Body Model)
Functional diagram
SOD-123
PIN CONFIGURATIONS
Absolute Ratings (Tamb=25°C )
Symbol
Parameter
Value
Units
PPK
Peak Pulse Power (tp = 8/20
μs)
600
W
VESD
ESD Voltage(HBM Waveform per IEC 61000-4-2)
8
kV
TL
Maximum lead temperature for soldering during 10s
260
°C
TSTG
Storage Temperature Range
-55 to +150
°C
TJ
Maximum junction temperature
-55 to +125
°C
IPP
Maximum Reverse Peak Pulse Current
24
A
WILLAS ELECTRONIC CORP.
2012-09
SESD1ZxxV
Pb-Free package is available
RoHS product for packing code suffix ”G”
Halogen free product for packing code suffix “H”


Similar Part No. - SESD1ZXXV

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SESD1004Q4UG-0020-090 LITTELFUSE-SESD1004Q4UG-0020-090 Datasheet
1Mb / 8P
   SESD Series Ultra Low Capacitance Diode Arrays
SESD1103Q6UG-0020-090 LITTELFUSE-SESD1103Q6UG-0020-090 Datasheet
1Mb / 8P
   SESD Series Ultra Low Capacitance Diode Arrays
logo
SeCoS Halbleitertechnol...
SESD12 SECOS-SESD12 Datasheet
527Kb / 2P
   110 W Transient Voltage Suppressors Diode
SESD12 SECOS-SESD12 Datasheet
240Kb / 3P
   Uni-direction ESD Protection Diode
SESD12-C SECOS-SESD12-C Datasheet
240Kb / 3P
   Uni-direction ESD Protection Diode
More results

Similar Description - SESD1ZXXV

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
TVS16H5.0 AITSEMI-TVS16H5.0 Datasheet
387Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD3Z12 AITSEMI-ESD3Z12 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
logo
Weitron Technology
ESD5Z5.0C WEITRON-ESD5Z5.0C Datasheet
457Kb / 3P
   Transient Voltage Suppressors for ESD Protection
logo
SeCoS Halbleitertechnol...
SZMD12C SECOS-SZMD12C Datasheet
204Kb / 2P
   Transient Voltage Suppressors for ESD Protection
logo
Socay Electornics Co., ...
ESD3.3V32D-LA SOCAY-ESD3.3V32D-LA Datasheet
236Kb / 3P
   Transient Voltage Suppressors for ESD Protection
logo
WILLAS ELECTRONIC CORP
SESDL5V0WB WILLAS-SESDL5V0WB Datasheet
280Kb / 2P
   Transient Voltage Suppressors for ESD Protection
ESDA6V1W6 WILLAS-ESDA6V1W6 Datasheet
273Kb / 3P
   Transient Voltage Suppressors for ESD Protection
SESDBV5V0WB WILLAS-SESDBV5V0WB Datasheet
321Kb / 2P
   Transient Voltage Suppressors for ESD Protection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com