Electronic Components Datasheet Search |
|
ADS4616A4A-5 Datasheet(PDF) 4 Page - A-Data Technology |
|
ADS4616A4A-5 Datasheet(HTML) 4 Page - A-Data Technology |
4 / 8 page A-Data ADS4616A4A Capacitance TA=25℃, f-=1Mhz, VDD=3.3V Parameter Pin Symbol Min Max Unit CLK C11 2.5 4 pF Input capacitance A0~A11,BA0,BA1,CKE,/CS,/RAS, /CAS,/WE,DQM C12 2.5 5 pF Data input / output capacitance DQM CI/O 4 6.5 pF Output load circuit 1.4 V 50 ohms Output 30 pF Z= 50 ohms DC Characteristics I Parameter Symbol Min Max Unit Note Input leakage current ILI -5 5 uA 1 Output leakage current ILO -5 5 uA 2 Output high voltage VOH 2.4 - V IOH = -2mA Output low voltage VOL - 0.4 V IOL = 2mA Note : 1.VIN = 0 TO 3.6V, All other pins are not tested under VIN = 0V. 2.DOUT is disabled, VOUT = 0 to 3.6. Rev 1 December, 2001 4 |
Similar Part No. - ADS4616A4A-5 |
|
Similar Description - ADS4616A4A-5 |