Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC72711W Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC72711W
Description  Mobile FM Multiplex Broadcast (DARC) Receiver IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72711W Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC72711W Datasheet HTML 1Page - Sanyo Semicon Device LC72711W Datasheet HTML 2Page - Sanyo Semicon Device LC72711W Datasheet HTML 3Page - Sanyo Semicon Device LC72711W Datasheet HTML 4Page - Sanyo Semicon Device LC72711W Datasheet HTML 5Page - Sanyo Semicon Device LC72711W Datasheet HTML 6Page - Sanyo Semicon Device LC72711W Datasheet HTML 7Page - Sanyo Semicon Device LC72711W Datasheet HTML 8Page - Sanyo Semicon Device LC72711W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LC72711W, 72711LW
No.6167-5/26
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Hysteresis voltage
VHYS
A0/CL, A1/CE, A2/DI, A3, CS, RD, WR,
0.1VDDDV
DACK, IOCNT1, IOCNT2, RST, STNBY
Internal feedback resistor
Rf
XIN, XOUT
1.0
MΩ
Current drain
IDD
12
20
mA
Package Dimensions
unit : mm (typ)
3190A
Pin Assignment
10.0
12.0
0.15
0.18
0.5
(1.25)
116
17
32
33
48
49
64
SANYO : SQFP64(10X10)
32
D15
49
D14
D13
TIN
Vssa
D12
Vref
MPXIN
D11
D10
Vdda
D9
FLOUT
D8
NC
NC
CIN
D7
D6
TPC1
64
1
16
D5
TPC2
TEST
TOSEL1
TOSEL2
Vssd
XIN
D4
D3
D2
D1
D0
LC72711W,
LC72711LW
(Top view)


Similar Part No. - LC72711W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72711W SANYO-LC72711W Datasheet
155Kb / 29P
   Mobile FM Multiplex Broadcast DARC Receiver IC
More results

Similar Description - LC72711W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72711W SANYO-LC72711W Datasheet
155Kb / 29P
   Mobile FM Multiplex Broadcast DARC Receiver IC
LC72717PW SANYO-LC72717PW Datasheet
177Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
logo
ON Semiconductor
LC72717PW ONSEMI-LC72717PW Datasheet
254Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
March, 2014
LC72717PW ONSEMI-LC72717PW_17 Datasheet
324Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
June 2017 - Rev. 3
logo
Sanyo Semicon Device
LC72710W SANYO-LC72710W Datasheet
168Kb / 33P
   Mobile FM Multiplex Broadcast DARC Receiver IC with On-Chip VICS Decoder
LC72700E SANYO-LC72700E Datasheet
200Kb / 14P
   Mobile FM Multiplex Broadcast Receiver LSI
LC72708E SANYO-LC72708E Datasheet
159Kb / 15P
   FM Multiplex Broadcast Reception IC for Mobile VICS Systems
LC72714W SANYO-LC72714W Datasheet
232Kb / 29P
   Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
LC72715PW SANYO-LC72715PW Datasheet
173Kb / 26P
   CMOS IC Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
logo
Toshiba Semiconductor
TC90A60U TOSHIBA-TC90A60U Datasheet
1Mb / 33P
   DATA SLICE IC FOR VIDEO MULTIPLEX BROADCAST RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com