Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC72720YVS Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LC72720YVS
Description  Single-Chip RDS Signal-Processing System IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72720YVS Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LC72720YVS Datasheet HTML 4Page - Sanyo Semicon Device LC72720YVS Datasheet HTML 5Page - Sanyo Semicon Device LC72720YVS Datasheet HTML 6Page - Sanyo Semicon Device LC72720YVS Datasheet HTML 7Page - Sanyo Semicon Device LC72720YVS Datasheet HTML 8Page - Sanyo Semicon Device LC72720YVS Datasheet HTML 9Page - Sanyo Semicon Device LC72720YVS Datasheet HTML 10Page - Sanyo Semicon Device LC72720YVS Datasheet HTML 11Page - Sanyo Semicon Device LC72720YVS Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
LC72720YVS
No. A2155-8/18
(3) Consecutive RAM read out possible flag (1bit) : RE
RE
RAM data information
1
The next data to be read out is in RAM
0
This data item is the last item in RAM, ant the next data is not present.
(4) RAM data remaining flag (2bits) : RF0,RF1
RF1
RF0
Remaining data in RAM (number of blocks)
0
0
1 to 7
0
1
8 to 15
1
0
16 to 23
1
1
24
Caution : This value is only meaningful when RE is 1. When RE is 0, there is no data in RAM, even if RF is 00.
If a synchronization reset was applied using SYR, then the backward protection block data that was written to memory
is also counted in this value.
(5) ARI(SK) detection flag (1bit) : ARI
ARI
SK signal
1
Detected
0
Not detected
(6) Synchronization established flag (1bit) : SYC
SYC
Synchronization detection
1
Synchronized
0
Not synchronized
Caution : This flag indicates the synchronization state of the circuit at the point when the data block being output was received.
On the other hand, the SYNC pin (pin18) output indicates the current synchronization state of the circuit.
(7) Error information flags (3bits) : E0 to E2
E
2
E
1
E
0
Number of bits corrected
0
0
0
0 (no errors)
0
0
1
1
0
1
0
2
0
1
1
3
1
0
0
4
1
0
1
5
1
1
0
Correction not possible
1
1
1
Unused
Caution : If the number of errors exceeds the value of the EC0 to EC2 setting (see the section on the CCB input format),
the error information flags will be set to the “Correction not possible” value.
(8) RDS data (16bits) : D0 to D15
This data is output with the MSB first ant the LSB last.
Caution : When error correction was not possible, the input data is output without change.


Similar Part No. - LC72720YVS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC72720YVS ONSEMI-LC72720YVS Datasheet
171Kb / 18P
   Signal-Processing System IC
June, 2013
More results

Similar Description - LC72720YVS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72722PM SANYO-LC72722PM_12 Datasheet
174Kb / 18P
   Single-Chip RDS Signal-Processing System IC
LC72722PMS SANYO-LC72722PMS Datasheet
167Kb / 18P
   Single-Chip RDS Signal-Processing System IC
72720YV SANYO-72720YV Datasheet
222Kb / 14P
   Single-Chip RDS Signal-Processing System IC
LC72720YV SANYO-LC72720YV Datasheet
173Kb / 18P
   Single-Chip RDS Signal-Processing System IC
LC72720 SANYO-LC72720 Datasheet
235Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
LC72722 SANYO-LC72722 Datasheet
114Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
LC72720N SANYO-LC72720N Datasheet
214Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
72722PM SANYO-72722PM_11 Datasheet
283Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
logo
ON Semiconductor
LC72720YV ONSEMI-LC72720YV Datasheet
176Kb / 18P
   Signal-Processing System IC
June, 2013
LC72720YVS ONSEMI-LC72720YVS Datasheet
171Kb / 18P
   Signal-Processing System IC
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com