Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC72725KMA Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC72725KMA
Description  RDS(RBDS) Demodulation IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72725KMA Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC72725KMA Datasheet HTML 1Page - Sanyo Semicon Device LC72725KMA Datasheet HTML 2Page - Sanyo Semicon Device LC72725KMA Datasheet HTML 3Page - Sanyo Semicon Device LC72725KMA Datasheet HTML 4Page - Sanyo Semicon Device LC72725KMA Datasheet HTML 5Page - Sanyo Semicon Device LC72725KMA Datasheet HTML 6Page - Sanyo Semicon Device LC72725KMA Datasheet HTML 7Page - Sanyo Semicon Device LC72725KMA Datasheet HTML 8Page - Sanyo Semicon Device LC72725KMA Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LC72725KMA
No.A2063-5/9
Pin Descriptions
Pin No.
Pin Name
I/O
Function
Pin Circuit
3
VREF
Output
Reference voltage output (Vdda/2)
4
MPXIN
Input
Baseband (multiplexed) signal input
7
FLOUT
Output
Subcarrier output (filter output)
8
CIN
Input
Subcarrier input (comparator input)
5
VDDa
-
Analog system power supply (+3V)
6
VSSa
-
Analog system ground
14
XOUT
Output
Crystal oscillator output (4.332MHz)
13
XIN
Input
Crystal oscillator input
(external reference signal input)
9
TEST
Test input
10
MODE
Read out mode (0:master, 1:slave)
15
RST
RDS-ID/RAM reset (active high)
2
RDDA
Output
RDS data output
16
RDCL
I/O
RDS clock output (master mode) /
RDS read out clock input (slave mode)
1
RDS-ID/
READY
Output
RDS reliability data output
(High:data with high RDS reliability
Low: data with low RDS reliability)
READY output (active high)
12
VDDd
-
Digital system power supply (+3V)
11
VSSd
-
Digital system ground
VDDa
VSSa
VDDd
VSSd
VDDa
VREF
VSSa
VDDd
XOUT
XIN
VSSd
S
VSSd
VSSd
VDDd
VSSd
S
VSSd
VDDd


Similar Part No. - LC72725KMA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72725KM SANYO-LC72725KM Datasheet
176Kb / 9P
   CMOS IC RDS(RBDS) Demodulation IC
LC72725KM SANYO-LC72725KM Datasheet
93Kb / 9P
   RDS(RBDS) Demodulation IC
LC72725KM SANYO-LC72725KM_10 Datasheet
93Kb / 9P
   RDS(RBDS) Demodulation IC
More results

Similar Description - LC72725KMA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72725KM SANYO-LC72725KM_10 Datasheet
93Kb / 9P
   RDS(RBDS) Demodulation IC
logo
ON Semiconductor
LC72725KVS ONSEMI-LC72725KVS Datasheet
90Kb / 9P
   RDS(RBDS) Demodulation IC
June, 2013
LC72725KV ONSEMI-LC72725KV Datasheet
93Kb / 9P
   RDS(RBDS) Demodulation IC
June, 2013
logo
Sanyo Semicon Device
LC72725KVS SANYO-LC72725KVS Datasheet
91Kb / 9P
   CMOS IC RDS(RBDS) Demodulation IC
LC72725KM SANYO-LC72725KM Datasheet
176Kb / 9P
   CMOS IC RDS(RBDS) Demodulation IC
LC72723 SANYO-LC72723 Datasheet
114Kb / 8P
   RDS Demodulation IC
logo
Rohm
BU1924 ROHM-BU1924 Datasheet
81Kb / 5P
   RDS / RBDS decoder
logo
STMicroelectronics
TDA7333 STMICROELECTRONICS-TDA7333 Datasheet
656Kb / 21P
   RDS/RBDS PROCESSOR
January 2005 Rev. 1
TDA7333N STMICROELECTRONICS-TDA7333N Datasheet
415Kb / 36P
   RDS/RBDS processor
logo
Rohm
BU1920 ROHM-BU1920 Datasheet
96Kb / 7P
   RDS / RBDS decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com