Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RClamp0531T.TCT Datasheet(PDF) 7 Page - Semtech Corporation

Part # RClamp0531T.TCT
Description  Ultra-Low Capacitance 1-Line ESD protection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

RClamp0531T.TCT Datasheet(HTML) 7 Page - Semtech Corporation

  RClamp0531T.TCT Datasheet HTML 1Page - Semtech Corporation RClamp0531T.TCT Datasheet HTML 2Page - Semtech Corporation RClamp0531T.TCT Datasheet HTML 3Page - Semtech Corporation RClamp0531T.TCT Datasheet HTML 4Page - Semtech Corporation RClamp0531T.TCT Datasheet HTML 5Page - Semtech Corporation RClamp0531T.TCT Datasheet HTML 6Page - Semtech Corporation RClamp0531T.TCT Datasheet HTML 7Page - Semtech Corporation RClamp0531T.TCT Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
© 2011 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
RClamp0531T
Outline Drawing - SLP1006P2T
Land Pattern - SLP1006P2T
bxN
e
A1 .000 .001 .002 0.00 0.03 0.05
R
2x L
PIN 1 ID
R
.002 .004 .006 0.05 0.10 0.15
A
INCHES
.026 BSC
aaa
N
E
L
e
.008
.020
DIM
A
MIN
.018
.015
0.30
0.70
0.20
0.50
.003
2
.010
.024
.012
.028
0.08
2
0.25
0.60
0.65 BSC
MILLIMETERS
MAX
0.55
0.43
DIMENSIONS
MIN
0.45
NOM
.016
.020
MAX
.022
.017
NOM
0.37
0.50
0.40
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
NOTES:
1.
BOTTOM VIEW
TOP VIEW
A
B
C
b
aaa C
SEATING
PLANE
bbb
C A B
D
.035 .039 .043 0.90
1.10
1.00
.004
bbb
0.10
D
E
A1
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY.
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
NOTES:
2.
DIM
Y
G
C
MILLIMETERS
INCHES
(0.85)
.055
.012
.022
(.033)
1.40
0.55
0.30
DIMENSIONS
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
Z
Y
(C)
G
Z
X
.024
0.60
X
1. CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).


Similar Part No. - RClamp0531T.TCT

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
RCLAMP0531T.TCT UMW-RCLAMP0531T.TCT Datasheet
292Kb / 4P
   Ultra-small package (1.0 x 0.6 x 0.4mm)
More results

Similar Description - RClamp0531T.TCT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP0821P SEMTECH-RCLAMP0821P Datasheet
181Kb / 7P
   Ultra-Low Capacitance 1-Line ESD protection
RCLAMP0531TQ SEMTECH-RCLAMP0531TQ Datasheet
152Kb / 9P
   Ultra-Low Capacitance 1-Line ESD protection
RCLAMP0521P SEMTECH-RCLAMP0521P Datasheet
181Kb / 7P
   Ultra-Low Capacitance 1-Line ESD protection
logo
TECH PUBLIC Electronics...
TPESD3301P TECHPUBLIC-TPESD3301P Datasheet
1Mb / 4P
   Ultra-Low Capacitance 1-Line ESD Protection
logo
Semtech Corporation
RCLAMP1521P SEMTECH-RCLAMP1521P Datasheet
175Kb / 7P
   Ultra-Low Capacitance 1-Line ESD protection
logo
TECH PUBLIC Electronics...
ESD5V0B03-0201 TECHPUBLIC-ESD5V0B03-0201 Datasheet
1Mb / 4P
   Ultra-Low Capacitance 1-Line ESD Protection
ESD5V0B03-1006 TECHPUBLIC-ESD5V0B03-1006 Datasheet
1Mb / 4P
   Ultra-Low Capacitance 1-Line ESD Protection
logo
Semtech Corporation
RCLAMP0521P SEMTECH-RCLAMP0521P_10 Datasheet
156Kb / 7P
   Ultra-Low Capacitance 1-Line ESD protection
RCLAMP1521PQ SEMTECH-RCLAMP1521PQ Datasheet
777Kb / 9P
   Ultra-Low Capacitance 1-Line ESD protection
RCLAMP2431TQ SEMTECH-RCLAMP2431TQ Datasheet
126Kb / 7P
   Ultra-Low Capacitance 1-Line ESD protection
logo
TECH PUBLIC Electronics...
GBLC05C-TP TECHPUBLIC-GBLC05C-TP Datasheet
1Mb / 4P
   Ultra-Low Capacitance 1-Line ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com