Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCLAMP0582B Datasheet(PDF) 1 Page - Semtech Corporation

Part # RCLAMP0582B
Description  Low Capacitance TVS for ESD and Surge Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

RCLAMP0582B Datasheet(HTML) 1 Page - Semtech Corporation

  RCLAMP0582B Datasheet HTML 1Page - Semtech Corporation RCLAMP0582B Datasheet HTML 2Page - Semtech Corporation RCLAMP0582B Datasheet HTML 3Page - Semtech Corporation RCLAMP0582B Datasheet HTML 4Page - Semtech Corporation RCLAMP0582B Datasheet HTML 5Page - Semtech Corporation RCLAMP0582B Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
www.semtech.com
RClamp0582B
Low Capacitance TVS
for ESD and Surge Protection
PROTECTION PRODUCTS - RailClamp®
®
®
®
®
Description
Features
Dimensions
Schematic & PIN Configuration
Revision 10/13/2010
RailClamp® TVS diodes are specifically designed to
protect sensitive components which are connected to
high-speed data and transmission lines from overvolt-
age caused by ESD (electrostatic discharge), CDE
(cable discharge events), and EFT (electrical fast
transients).
The RClamp®0582B features high peak pulse current
capability (Ipp=15A, tp=8/20us) for use in applications
that require high surge immunity testing. It has a
maximum capacitance of only 1.2pF (pin 1 or 2 to
pin3). This means it can be used on high-speed inter-
faces such as USB 2.0 and LVDS data lines. They may
be used to meet the ESD immunity requirements of
IEC 61000-4-2 (±30kV air, ±25kV contact discharge).
Each device can be configured to protect 1 bidirec-
tional line or two unidirectional lines.
These devices are in a small SC-75 (SOT-523) package
and feature a lead-free, matte tin finish. They are com-
patible with both lead free and SnPb assembly tech-
niques. They are designed for use in applications where
board space is at a premium. The combination of small
size, low capacitance, and high level of surge protection
makes them a flexible solution for applications such as
set top boxes, displays, and portable electronics.
Applications
Mechanical Characteristics
USB 2.0
Set Top Box
mp3 Players
Notebook Computers
Networking Equipment
Transient protection for high-speed data lines to
IEC 61000-4-2 (ESD) ±30kV (air), ±25kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
Protects up to two I/O lines
Low capacitance (<1.2pF)
High surge capability: 15A (tp=8/20us)
Low leakage current and clamping voltage
Low operating voltage: 5.0V
Solid-state silicon-avalanche technology
SC-75 (SOT-523) package
Lead Finish: Matte Tin
Pb-Free, Halogen Free, RoHS/WEEE Compliant
Molding compound flammability rating: UL 94V-0
Packaging: Tape and Reel
SC-75 3L (Top View)
12
3
1.60
1.60
1.00
BSC
0.50 BSC
0.75
0.80
Nominal Dimensions (mm)


Similar Part No. - RCLAMP0582B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP0582BQ SEMTECH-RCLAMP0582BQ Datasheet
593Kb / 8P
   Low Capacitance RClamp짰 for Automotive Applications
RClamp0582BQTCT SEMTECH-RClamp0582BQTCT Datasheet
593Kb / 8P
   Low Capacitance RClamp짰 for Automotive Applications
More results

Similar Description - RCLAMP0582B

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ1603-02S AMAZING-AZ1603-02S Datasheet
195Kb / 7P
   Low Capacitance ESD Protection Array For ESD and Surge Protection Revision 2019/
Revision 2019/10/15
logo
Littelfuse
SP3050 LITTELFUSE-SP3050 Datasheet
282Kb / 7P
   Low Capacitance Diode Array for ESD and Surge Protection
logo
Semtech Corporation
RCLAMP1502B SEMTECH-RCLAMP1502B_09 Datasheet
164Kb / 8P
   Ultra-Low Capacitance TVS for ESD and CDE Protection
RCLAMP0502B SEMTECH-RCLAMP0502B Datasheet
317Kb / 9P
   Ultra-Low Capacitance TVS for ESD and CDE Protection
RCLAMP0502BA SEMTECH-RCLAMP0502BA Datasheet
166Kb / 7P
   Ultra-Low Capacitance TVS for ESD and CDE Protection
logo
Yea Shin Technology Co....
YSLC05C YEASHIN-YSLC05C Datasheet
998Kb / 4P
   Ultra-Low Capacitance TVS for ESD and CDE Protection
logo
Semtech Corporation
RCLAMP1502B SEMTECH-RCLAMP1502B Datasheet
189Kb / 8P
   Ultra-Low Capacitance TVS for ESD and CDE Protection
RCLAMP2402B SEMTECH-RCLAMP2402B Datasheet
195Kb / 8P
   Ultra-Low Capacitance TVS for ESD and CDE Protection
logo
Pan Jit International I...
PJSD05U10LCFN2 PANJIT-PJSD05U10LCFN2 Datasheet
338Kb / 5P
   LOW CAPACITANCE TVS/ESD PROTECTION
PJSD05U06LCFN2 PANJIT-PJSD05U06LCFN2 Datasheet
289Kb / 5P
   LOW CAPACITANCE TVS/ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com