Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

03256.25HXP Datasheet(PDF) 1 Page - Littelfuse

Part # 03256.25HXP
Description  325/326 Series Lead-Free 3AB, Slo-Blo짰 Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

03256.25HXP Datasheet(HTML) 1 Page - Littelfuse

  03256.25HXP Datasheet HTML 1Page - Littelfuse 03256.25HXP Datasheet HTML 2Page - Littelfuse 03256.25HXP Datasheet HTML 3Page - Littelfuse 03256.25HXP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: December 6, 2012
Axial Lead & Cartridge Fuses
325/326 Series
3AB > Time Lag > 325/326 Series
Please refer to www.littelfuse.com/series/325.html
or /326.html for current information.
325/326 Series Lead-Free 3AB, Slo-Blo® Fuse
The 3AB Slo-Blo® Fuse with ceramic body construction
permits higher interrupting ratings and voltage ratings.
Ideal for applications where high current loads are
expected.
Agency Approvals
Agency
Agency File Number
Ampere Range
E10480
250mA - 10A
E10480
12A - 30A
LR 29862
250mA - 30A
PS
E
NBK 030805-
E10480A-F/
NBK 260106-
JP1021A/B
1A - 30A
SU05001-5010
SU05001-5011
SU05001-5012
SU05001-7005
2.5A - 3.2A/
7A - 20A
10mA - 30A
Features
Applications
Electrical Characteristics for Series
% of Ampere
Rating
Ampere Rating
OpeningTime
100%
100mA – 30A
4 hours, Minimum
135%
100mA – 30A
1 hour, Maximum
200%
100mA – 3.2A
5 sec., Min., 30 sec., Max.
4A – 30A
5 sec., Min., 60 sec., Max.
• In accordance with UL
Standard 248-14
• Available in cartridge
and axial lead format
and with various forming
dimensions
• RoHS compliant and
Lead-free
Used as supplementary protection in appliance or
utilization equipment to provide individual protection for
components or internal circuits.
PS
E
Description


Similar Part No. - 03256.25HXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
03256.25H LITTELFUSE-03256.25H Datasheet
92Kb / 1P
   3AB Slo-Blo Fuse 325/326 Series
03256.25H-ND LITTELFUSE-03256.25H-ND Datasheet
92Kb / 1P
   3AB Slo-Blo Fuse 325/326 Series
More results

Similar Description - 03256.25HXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0326.600H LITTELFUSE-0326.600H Datasheet
42Kb / 1P
   3AB Slo-Blo짰 Fuse 325/326/390 Series
326 LITTELFUSE-326 Datasheet
92Kb / 1P
   3AB Slo-Blo Fuse 325/326 Series
02291.25HXP LITTELFUSE-02291.25HXP Datasheet
227Kb / 6P
   229/230 Series Lead-Free 2AG, Slo-Blo짰 Fuse and Indicating Slo-Blo짰 Fuse
2205 LITTELFUSE-2205 Datasheet
905Kb / 3P
   2205 Series, Lead-Free 2AG, Slo-Blo짰 Fuse
0229.375HXSP LITTELFUSE-0229.375HXSP Datasheet
227Kb / 6P
   229/230 Series Lead-Free 2AG, Slo-Blo짰 Fuse and Indicating Slo-Blo짰 Fuse
0313.010HXP LITTELFUSE-0313.010HXP Datasheet
211Kb / 4P
   313/315 Series Lead-Free 3AG, Slo-Blo짰 Fuse
508 LITTELFUSE-508 Datasheet
584Kb / 3P
   Lead-Free 3AB Fuse
0209.250MXP LITTELFUSE-0209.250MXP Datasheet
454Kb / 4P
   209 Series Lead-Free 2AG, Slo-Blo짰 (Time-Lag) Fuse
0314.125HXP LITTELFUSE-0314.125HXP Datasheet
191Kb / 3P
   314/324 Series Lead-free 3AB, Fast-acting Fuse
E10480 LITTELFUSE-E10480 Datasheet
449Kb / 4P
   328 Series, Lead-Free 3AB, High Surge Withstanding Fuse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com