Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8608A8A Datasheet(PDF) 2 Page - A-Data Technology

Part # ADS8608A8A
Description  Synchronous DRAM(8M X 8 Bit X 4 Banks)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

ADS8608A8A Datasheet(HTML) 2 Page - A-Data Technology

  ADS8608A8A Datasheet HTML 1Page - A-Data Technology ADS8608A8A Datasheet HTML 2Page - A-Data Technology ADS8608A8A Datasheet HTML 3Page - A-Data Technology ADS8608A8A Datasheet HTML 4Page - A-Data Technology ADS8608A8A Datasheet HTML 5Page - A-Data Technology ADS8608A8A Datasheet HTML 6Page - A-Data Technology ADS8608A8A Datasheet HTML 7Page - A-Data Technology ADS8608A8A Datasheet HTML 8Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
A-Data
ADS8608A8A
Pin Description
PIN
NAME
FUNCTION
CLK
System Clock
Active on the positive edge to sample all inputs.
CKE
Clock Enable
Masks system clock to freeze operation from the next clock cycle. CKE
should be enabled at least on cycle prior new command. Disable input
buffers for power down in standby
/CS
Chip Select
Disables or Enables device operation by masking or enabling all input
except CLK, CKE and L(U)DQM
A0~A12
Address
Row / Column address are multiplexed on the same pins.
Row address : A0~A12
Column address : A0~A9
BS0~BS1 Banks Select
Selects bank to be activated during row address latch time.
Selects bank for read / write during column address latch time.
DQ0~DQ7 Data
Data inputs / outputs are multiplexed on the same pins.
/RAS
Row Address Strobe
Latches row addresses on the positive edge of the CLK with /RAS low
/CAS
Column Address Strobe
Latches Column addresses on the positive edge of the CLK with /CAS low
/WE
Write Enable
Enables write operation and row recharge.
VCC/VSS Power Supply/Ground
Power and Ground for the input buffers and the core logic.
VCCQ/VSSQ Data Output Power/Ground
Power supply for output buffers.
NC
No Connection
This pin is recommended to be left No Connection on the device.
Block Diagram
CLK
CKE
Clock
Generator
Address
/CS
/RAS
/CAS
/WE
DQM
Mode
Register
Address
Buffer
&
Refresh
Counter
Column
Address
Buffer
&
Refresh
Counter
Bank0
Bank2
Bank3
Bank1
Amplifier
Column Decoder
Data Control Circuit
DQ
Rev 1.0 December, 2001
2


Similar Part No. - ADS8608A8A

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
ADS8616A8A A-DATA-ADS8616A8A Datasheet
550Kb / 8P
   Synchronous DRAM(4M X 16 Bit X 4 Banks)
Rev 1.0 December, 2001
ADS8616A8A-75 A-DATA-ADS8616A8A-75 Datasheet
550Kb / 8P
   Synchronous DRAM(4M X 16 Bit X 4 Banks)
Rev 1.0 December, 2001
ADS8616A8A-75A A-DATA-ADS8616A8A-75A Datasheet
550Kb / 8P
   Synchronous DRAM(4M X 16 Bit X 4 Banks)
Rev 1.0 December, 2001
logo
Texas Instruments
ADS8634 TI1-ADS8634 Datasheet
1Mb / 75P
[Old version datasheet]   12-Bit, 1MSPS, 4-/8-Channel, Bipolar-Input, SAR Analog-to-Digital Converter
ADS8634SRGER TI1-ADS8634SRGER Datasheet
1Mb / 75P
[Old version datasheet]   12-Bit, 1MSPS, 4-/8-Channel, Bipolar-Input, SAR Analog-to-Digital Converter
More results

Similar Description - ADS8608A8A

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
VDS8608A8A A-DATA-VDS8608A8A Datasheet
545Kb / 8P
   Synchronous DRAM(8M X 8 Bit X 4 Banks)
Rev 1.0 December, 2001
logo
Hynix Semiconductor
HY57V121620 HYNIX-HY57V121620 Datasheet
160Kb / 12P
   4 Banks x 8M x 16Bit Synchronous DRAM
logo
Samsung semiconductor
KM44S32030 SAMSUNG-KM44S32030 Datasheet
116Kb / 10P
   8M x 4Bit x 4 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V56820B HYNIX-HY57V56820B Datasheet
151Kb / 12P
   4 Banks x 8M x 8Bit Synchronous DRAM
logo
Elite Semiconductor Mem...
M52D5121632A ESMT-M52D5121632A Datasheet
1Mb / 46P
   8M x 16 Bit x 4 Banks Mobile Synchronous DRAM
logo
Hynix Semiconductor
HY5756820C HYNIX-HY5756820C Datasheet
86Kb / 12P
   4 Banks x 8M x 8Bit Synchronous DRAM
logo
A-Data Technology
ADS6608A4A A-DATA-ADS6608A4A Datasheet
522Kb / 8P
   Synchronous DRAM(2M X 8 Bit X 4 Banks)?
Rev 1 April, 2001
ADS7608A4A A-DATA-ADS7608A4A Datasheet
696Kb / 8P
   Synchronous DRAM(4M X 8 Bit X 4 Banks)
Rev 1 April, 2001
VDS6608A4A A-DATA-VDS6608A4A Datasheet
521Kb / 8P
   Synchronous DRAM(2M X 8 Bit X 4 Banks)
VDS7608A4A A-DATA-VDS7608A4A Datasheet
696Kb / 8P
   Synchronous DRAM(4M X 8 Bit X 4 Banks)
Rev 1 April, 2001
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com