Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX1243 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SX1243
Description  Low Cost Low Current Integrated Transmitter 310 to 928MHz Frequency Agile
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1243 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SX1243 Datasheet HTML 7Page - Semtech Corporation SX1243 Datasheet HTML 8Page - Semtech Corporation SX1243 Datasheet HTML 9Page - Semtech Corporation SX1243 Datasheet HTML 10Page - Semtech Corporation SX1243 Datasheet HTML 11Page - Semtech Corporation SX1243 Datasheet HTML 12Page - Semtech Corporation SX1243 Datasheet HTML 13Page - Semtech Corporation SX1243 Datasheet HTML 14Page - Semtech Corporation SX1243 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
SX1243, Rev 3, May 2012
©2012 Semtech Corporation
SX1243
www.semtech.com
Page 11
Integrated Transmitter IC
WIRELESS & SENSING
DATASHEET
4.3. Application Mode: Power & Go
The default ‘Power & Go’ application mode sees the SX1243 configured as detailed in Table 6. By changing the logical
state of the CTRL pin at Power-up or Reset, two distinct configuration modes can be selected. The Power & Go application
modes hence permit microcontroller-less operation.
Table 6
Configuration in Power & Go Mode
4.4. Application Mode: Advanced
4.4.1. Advanced Mode: Configuration
As described on Figure 4, Advanced mode is entered when accessing the Two Wire Interface (TWI) bus of the SX1243.
Upon communication to the register at up to 10 MHz of clocking speed, complete flexibility on the use of the chip is
obtained.
Once all register settings are selected (see registers detailed description in section [5]), the SX1243 can be used either in
Automatic mode by simply toggling the DATA pin, or in Forced Transmit mode to optimize timings for instance.
4.4.2. Frequency Hopping Spread Spectrum
Frequency hopping is supported in Advanced mode. After sending the data stream in the first channel, the user can send
a Frequency change instruction containing the new channel frequency. The circuit will automatically ramp down the PA,
lock the PLL to the new frequency, and turn the Power Amplifier back on. The user can then send his packet data on the
new channel. Timings are detailed hereafter:
Figure 6. Frequency Hopping Description
Notes
- During any TWI access, the input of the modulator is inhibited
- The time between two Frequency change instructions shall be greater than TS_HOPi
- FHSS modulation, as described under FCC part 15.247, is supported by the SX1243; also note that the large
Frequency Deviation settings available on the SX1243 make it suitable for “Digitally Modulated Systems”, as
described under FCC Part 15.247 (a)(2)
CTRL Pin
Configuration
Mode
‘Low’
FSK 868.3 MHz, +10 dBm, Fdev=+/-19.2 kHz
Power&Go 1
‘High’
OOK 433.92 MHz, +10 dBm
Power&Go 2
Tx Channel B
DATA
t < TOFFT
(2 or 20 ms)
Frequency change
CTRL
Frequency change
TWI
instruction
RFOUT
t < TOFFT
(2 or 20 ms)
TS_HOPi
Tx Channel A
5th falling
edge on CTRL
24th falling
edge on CTRL


Similar Part No. - SX1243

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1240 SEMTECH-SX1240 Datasheet
548Kb / 20P
   Low Cost Integrated Transmitter IC 434 MHz and 868 MHz Band RF Transmitter
SX1242 SEMTECH-SX1242 Datasheet
304Kb / 14P
   SX1242 - Low Cost Integrated Transmitter IC
SX1242ISETRT SEMTECH-SX1242ISETRT Datasheet
304Kb / 14P
   SX1242 - Low Cost Integrated Transmitter IC
More results

Similar Description - SX1243

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RF68 HOPE-RF68 Datasheet
778Kb / 21P
   Low Cost Integrated Transmitter IC
logo
List of Unclassifed Man...
RF68 ETC2-RF68 Datasheet
778Kb / 21P
   Low Cost Integrated Transmitter IC
logo
Semtech Corporation
SX1242 SEMTECH-SX1242 Datasheet
304Kb / 14P
   SX1242 - Low Cost Integrated Transmitter IC
logo
List of Unclassifed Man...
SEM104PT100 ETC2-SEM104PT100 Datasheet
92Kb / 2P
   LOW COST TEMPERATURE TRANSMITTER
logo
HOPE Microelectronics C...
RFM68W HOPE-RFM68W Datasheet
793Kb / 20P
   Low Cost ISM Transmitter Module
logo
List of Unclassifed Man...
RFM68W-315S2 ETC2-RFM68W-315S2 Datasheet
793Kb / 20P
   Low Cost ISM Transmitter Module
logo
HOPE Microelectronics C...
RFM68CW HOPE-RFM68CW Datasheet
806Kb / 20P
   Low Cost ISM Transmitter Module
logo
List of Unclassifed Man...
RFM68CW-315S2 ETC2-RFM68CW-315S2 Datasheet
806Kb / 20P
   Low Cost ISM Transmitter Module
logo
Dorji Industrial Group ...
DRA889TX DORJI-DRA889TX Datasheet
112Kb / 2P
   LOW COST ASK TRANSMITTER MODULE
logo
WOLFSPEED, INC.
AM411 WOLFSPEED-AM411 Datasheet
350Kb / 10P
   Low-Cost Voltage Transmitter IC
March 2015 Rev. 4.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com