Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX1257 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SX1257
Description  Low Power Digital I and Q RF Multi-PHY Mode Transceiver
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1257 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SX1257 Datasheet HTML 6Page - Semtech Corporation SX1257 Datasheet HTML 7Page - Semtech Corporation SX1257 Datasheet HTML 8Page - Semtech Corporation SX1257 Datasheet HTML 9Page - Semtech Corporation SX1257 Datasheet HTML 10Page - Semtech Corporation SX1257 Datasheet HTML 11Page - Semtech Corporation SX1257 Datasheet HTML 12Page - Semtech Corporation SX1257 Datasheet HTML 13Page - Semtech Corporation SX1257 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Page 10
SX1257
WIRELESS & SENSING PRODUCTS
DATASHEET
SX1257 Rev 1
February 2012
©2012 Semtech Corp.
www.semtech.com
2.4. Electrical Specifications
The table below gives the electrical specifications of the transceiver under the following conditions:
supply Voltage = 3.3 V, temperature = 25 °C, fXOSC = 36 MHz, fRF = 915 MHz, OFDM with 16-QAM, 3/4 rate coded with 26
active tones (IEEE 802.15.4g MR-OFDM Option 3). Output power = -5 dBm (100 ohm differential transmission),
TXBWANA = 250 kHz, RXBWANA = 250 kHz, External baseband RX filter = 150 kHz, unless otherwise specified.
2.4.1. Power Consumption
2.4.2. Frequency Synthesis
Table 4
Power Consumption Specification
Symbol
Description
Conditions
Min
Typ
Max
Units
IDDSL
Supply Current in Sleep Mode
-0.5
1
uA
IDDST
Supply Current in Standby Mode
Crystal oscillator enabled
-1.15
1.5
mA
IDDRX
Supply Current in Receive Mode
-20
25
mA
IDDTX
Supply Current in Transmit Mode
RFOutput Power = -5 dBm
-58
85
mA
Table 5
Frequency Synthesizer Specification
Symbol
Description
Conditions
Min
Typ
Max
Units
FR
Synthesizer Frequency Range
Programmable
862
-
1020
MHz
FXOSC
Crystal Oscillator Frequency
See Section 5
32
36
36
MHz
TS_OS
Crystal Oscillator Wake-up Time
From sleep mode
-
300
500
us
TS_FS
RX Frequency Synthesizer
Wake-up Time
Crystal Oscillator Enabled
-
100
150
us
FSTEP
Frequency Synthesizer Step Size
FSTEP = FXOSC / 219
61
68.7
68.7
Hz
TS_HOP_RX
RX Frequency Synthesizer Hop Time
(to within 10 kHz of target frequency)
200 kHz step
400 kHz step
1.2 MHz step
25 MHz step
-
-
-
-
tbd
tbd
tbd
tbd
-
-
-
-
us
us
us
us
TS_HOP_TX
RX Frequency Synthesizer Hop Time
(to within 10 kHz of target frequency)
200 kHz step
400 kHz step
1.2 MHz step
25 MHz step
-
-
-
-
tbd
tbd
tbd
tbd
-
-
-
-
us
us
us
us


Similar Part No. - SX1257

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1250 SEMTECH-SX1250 Datasheet
524Kb / 28P
   Multi-band Sub-GHz RF Front End
Rev. 1.1 July 2019
SX1250IMLTRT SEMTECH-SX1250IMLTRT Datasheet
524Kb / 28P
   Multi-band Sub-GHz RF Front End
Rev. 1.1 July 2019
SX1255 SEMTECH-SX1255 Datasheet
1Mb / 43P
   Low Power Digital I and Q RF Multi-PHY Mode Transceiver
SX1255IWLTRT SEMTECH-SX1255IWLTRT Datasheet
1Mb / 43P
   Low Power Digital I and Q RF Multi-PHY Mode Transceiver
SX1255WS SEMTECH-SX1255WS Datasheet
1Mb / 43P
   Low Power Digital I and Q RF Multi-PHY Mode Transceiver
More results

Similar Description - SX1257

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1255 SEMTECH-SX1255 Datasheet
1Mb / 43P
   Low Power Digital I and Q RF Multi-PHY Mode Transceiver
logo
NXP Semiconductors
SA1638 PHILIPS-SA1638 Datasheet
271Kb / 26P
   Low voltage IF I/Q transceiver
1997 Sept 03
logo
ATMEL Corporation
AT86RF215 ATMEL-AT86RF215 Datasheet
10Mb / 235P
   Sub-1GHz/2.4GHz Transceiver and I/Q Radio for
logo
Radiocrafts AS.
RC11XXHP-RC232 RADIOCRAFTS-RC11XXHP-RC232 Datasheet
778Kb / 28P
   High Power Multi-Channel RF Transceiver Module
rev. 1.11
logo
HOKURIKU ELECTRIC INDUS...
HRF-400A0-001A HOKURIKU-HRF-400A0-001A Datasheet
62Kb / 2P
   Low Power RF Transceiver Module
logo
Optoway Technology Inc
SPM-8100WG_2015 OPTOWAY-SPM-8100WG_2015 Datasheet
156Kb / 5P
   4.25 Gbps Digital Diagnostic Digital Diagnostic SFP LC Multi-Mode TRANSCEIVER
SPM-8100WG OPTOWAY-SPM-8100WG_15 Datasheet
156Kb / 5P
   4.25 Gbps Digital Diagnostic Digital Diagnostic SFP LC Multi-Mode TRANSCEIVER
SPM-3102WG_2015 OPTOWAY-SPM-3102WG_2015 Datasheet
148Kb / 5P
   125 Mbps Digital Diagnostic LC SFP MULTI-MODE TRANSCEIVER
SPM-7101WG_2015 OPTOWAY-SPM-7101WG_2015 Datasheet
152Kb / 5P
   1.25 Gbps Digital Diagnostic LC SFP MULTI-MODE TRANSCEIVER
SPM-5101WG OPTOWAY-SPM-5101WG_15 Datasheet
148Kb / 5P
   622 Mbps Digital Diagnostic LC SFP MULTI-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com