Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6368B Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC6368B
Description  PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6368B Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC6368B Datasheet HTML 6Page - Torex Semiconductor XC6368B Datasheet HTML 7Page - Torex Semiconductor XC6368B Datasheet HTML 8Page - Torex Semiconductor XC6368B Datasheet HTML 9Page - Torex Semiconductor XC6368B Datasheet HTML 10Page - Torex Semiconductor XC6368B Datasheet HTML 11Page - Torex Semiconductor XC6368B Datasheet HTML 12Page - Torex Semiconductor XC6368B Datasheet HTML 13Page - Torex Semiconductor XC6368B Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
XC6367/6368
Series
416
4
XC6367A331MR, XC6368A331MR
Ta=25
°C
(VOUT=3.3V, FOSC=100kHz)
PARAMETER
UNITS
Output Voltage
VOUT
V
3.383
3.300
3.218
CE "Low" Voltage
VCEL
V
0.20
-
-
VOUT=set-up output voltage x0.95
PFM Duty Ratio (Note 3)
PFMDTY
%
35
25
15
Same as IDD1
CE "High" Voltage
VCEH
V
-
0.65
-
IOUT=0mA
Oscillation Start-up Voltage 1
VST1
V
0.9
-
-
Use of a 2SD1628 transistor, IOUT=1.0mA
Oscillation Start-up Voltage 2
VST2
V
0.8
-
-
VOUT=CE : Apply voltage
EXT "High" ON Resistance
REXTH
43
29
-
VOUT=set-up output voltage x0.95
EXT "Low" ON Resistance
REXTL
27
19
-
Same as IDD1, VEXT=VOUT-0.4V
Efficiency (Note 2)
EFFI
%
84
--
Same as IDD1, VEXT=0.4V
Soft-Start Time
TSS
msec
20
10
5
Supply Voltage (Note 1)
VDD
V
2.0
10.0
-
Maximum Input Voltage
VIN
V
-
-
10.0
Supply Current 1
IDD1
-
50
µA
100
Oscillation Hold Voltage
VHLD
V
0.7
-
-
Use of a 2SD1628 transistor, IOUT=1.0mA
%
92
78
85
Oscillator Frequency
FOSC
kHz
115
100
85
Stand-by Current
ISTB
µA
-
0.5
-
VOUT=set-up output voltage x 0.95, CE=0V
Maximum Duty Ratio
MAXDTY
Same as IDD1
VOUT=CE=set-up output voltage x 0.95
Supply Current 2
IDD2VOUT=CE=set-up output voltage + 0.5V
-
11
20
µA
SYMBOL
CONDITIONS
MAX
MIN
TYP
Unless otherwise specified, connect VDD to VOUT ; VIN=set-up output voltage x 0.6, IOUT=130mA
Measuring conditions:
When taking VDD from another power source please ensure that VDD = 2.0V or more.
Oscillation will occur with a value of VDD = 0.8V or more, but with a value of VDD = 2.0V or more,
output voltage and oscillation frequency will be stable.
Note 1:
EFFI = {[(output voltage) x (output current)]
÷ [(input voltage) x (input current)} x 100
Note 2:
Applies to the XC6368 series only (duty ratio when control changes to PFM).
Note 3:
04S_02XC6367/68 02.09.12 14:41 ページ 416


Similar Part No. - XC6368B

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6368B TOREX-XC6368B Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6368B101ML TOREX-XC6368B101ML Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6368B101MR TOREX-XC6368B101MR Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6368B102ML TOREX-XC6368B102ML Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6368B102MR TOREX-XC6368B102MR Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
More results

Similar Description - XC6368B

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
   PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
UC3550 UTC-UC3550_11 Datasheet
391Kb / 9P
   PWM CONTROLLED竊?PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER DESCRIPTION
logo
Torex Semiconductor
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
   PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
logo
Unisonic Technologies
UC3550 UTC-UC3550 Datasheet
193Kb / 10P
   PWM CONTROLLED竊똏WM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com