Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS9004 Datasheet(PDF) 10 Page - Touchstone Semiconductor Inc

Part # TS9004
Description  Low-Power Single/Dual-Supply Quad Comparator with Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS9004 Datasheet(HTML) 10 Page - Touchstone Semiconductor Inc

Back Button TS9004 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS9004 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS9004 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS9004 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS9004 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS9004 Datasheet HTML 9Page - Touchstone Semiconductor Inc TS9004 Datasheet HTML 10Page - Touchstone Semiconductor Inc TS9004 Datasheet HTML 11Page - Touchstone Semiconductor Inc TS9004 Datasheet HTML 12Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TS9004
Page 10
TS9004DS r1p0
RTFDS
out of the region where oscillation occurs. Figure 1
illustrates the case in which an IN- input is a fixed
voltage and an IN+ is varied. If the input signals
were reversed, the figure would be the same with an
inverted output. To add hysteresis to the TS9004,
the circuit in Figure 2 is implemented and uses
positive feedback along with two external resistors to
set the desired hysteresis. The circuit consumes
more current and it slows down the hysteresis effect
due to the high impedance on the feedback. The
following procedure explains the steps to design the
circuit for a desired hysteresis:
1.
Choosing R3. As the leakage current at the
IN+ pin is less than 1nA, the current through
R3 should be at least 100nA to minimize
offset voltage errors caused by the input
leakage current.
For R3 = 11.8MΩ, the
current through R3 is VREF/R3 at the trip
point. In this case, a 10MΩ resistor is a good
standard value for R3.
2.
Next, the desired hysteresis band (VHB) is
set. In this example, VHB is set to 50mV.
3.
Calculating R1.
R1 = R3 x
V
V+
= 10MΩ x
50mV
5V
= 100 Ω
In this example, a
100 Ω, 1% standard
value resistor is selected for R1.
4.
Choose the trip point for VIN rising (VTHR),
which is the threshold voltage at which the
comparator switches its output from low to
high as VIN rises above the trip point. In this
example, choose VTHR = 3V.
5.
Calculating R2.
R2 =
1
VT R
VREF x R1
1
R1
1
R3
=
1
3
1.182V x 100 Ω
1
100 Ω
1
10MΩ
= 5.44 Ω
In this
example, a
4.9 Ω, 1% standard
value resistor is selected for R2.
6.
The last step is to verify the trip voltages and
hysteresis band using the standard
resistance values:
VT R = VREFx R1 x
1
R1
+
1
R2
+
1
R3
VT F = VT R
R1 x V+
R3
Board Layout and Bypassing
While power-supply bypass capacitors are not
typically required, it is good engineering practice to
use 0.1μF bypass capacitors close to the device’s
power
supply
pins
when
the
power
supply
impedance is high, the power supply leads are long,
or there is excessive noise on the power supply
traces. To reduce stray capacitance, it is also good
engineering practice to make signal trace lengths as
short as possible. Also recommended are a ground
plane and surface mount resistors and capacitors.
Figure 1. Threshold Hysteresis Band
Figure 2. External Hysteresis


Similar Part No. - TS9004

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9004 TSC-TS9004 Datasheet
125Kb / 5P
   300mA CMOS LDO Adjustable Voltage with Enable & Power Good
TS9004 TSC-TS9004 Datasheet
311Kb / 7P
   300mA CMOS LDO Adjustable Voltage with Enable & Power Good
logo
Touchstone Semiconducto...
TS9004 TOUCHSTONE-TS9004 Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
logo
Silicon Laboratories
TS9004 SILABS-TS9004 Datasheet
1Mb / 13P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
logo
Taiwan Semiconductor Co...
TS9004C TSC-TS9004C Datasheet
311Kb / 7P
   300mA CMOS LDO Adjustable Voltage with Enable & Power Good
More results

Similar Description - TS9004

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS9004DB TOUCHSTONE-TS9004DB Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
logo
Silicon Laboratories
TS9004 SILABS-TS9004 Datasheet
1Mb / 13P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
TS9002 SILABS-TS9002 Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Touchstone Semiconducto...
TS9002 TOUCHSTONE-TS9002 Datasheet
910Kb / 11P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Shanghai Consonance Ele...
CN951 CONSONANCE-CN951 Datasheet
271Kb / 8P
   Low-Power, Single-Supply Op Amp Comparator Reference
logo
Renesas Technology Corp
UPC177 RENESAS-UPC177 Datasheet
505Kb / 8P
   Single Power Supply Quad Comparator
logo
Linear Technology
LTC1440 LINER-LTC1440_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1442 LINER-LTC1442_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1441IS LINER-LTC1441IS Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1441 LINER-LTC1441_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com