Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

032601.2HXP Datasheet(PDF) 4 Page - Littelfuse

Part # 032601.2HXP
Description  325/326 Series Lead-Free 3AB, Slo-Blo짰 Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

032601.2HXP Datasheet(HTML) 4 Page - Littelfuse

  032601.2HXP Datasheet HTML 1Page - Littelfuse 032601.2HXP Datasheet HTML 2Page - Littelfuse 032601.2HXP Datasheet HTML 3Page - Littelfuse 032601.2HXP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: December 6, 2012
Axial Lead & Cartridge Fuses
325/326 Series
3AB > Time Lag > 325/326 Series
Please refer to www.littelfuse.com/series/325.html
or /326.html for current information.
Materials
Body: Ceramic
Cap: Nickel–plated brass
Leads: Tin–plated Copper
Terminal Strength
MIL-STD-202G, Method 211A,
Test Condition A
Solderability
Reference IEC 60127 Second Edition
2003-01 Annex A
Product Marking
Cap1:
Brand logo, current and voltage
ratings
Cap2:
Series and agency approval
marks
Operating Temperature
–55ºC to +125ºC
Thermal Shock
MIL-STD-202G, Method 107G, Test
Condition B:(5 cycles - 65ºC to
125ºC)
Vibration:
MIL-STD-202G, Method 201A
Humidity
MIL-STD-202G, Method 103B, Test
Condition A: High RH (95%) and
Elevated temperature(40ºC) for 240
hours
Salt Spray
MIL-STD-202G, Method 101D, Test
Condition B
Product Characteristics
Packaging
326 000P Series
(cartridge)
325 000P Series
(axial leaded)
6.35±0.3
(.25")
32.72±1.12
(1.288")
31.75±1.12
(1.25")
6.985±0.3
(.275")
Axial Lead Diameter:
0.81±0.05 (.032") for
(0.01A - 15A)
1.02±0.06 (.040") for
(20A - 30A)
Axial Lead Length:
38.1±3.15 (1.50") TYP.
Axial Lead Material:
Tin-coated copper
Packaging Option
Packaging Specification
Quantity
Quantity &
Packaging Code
Taping Width
325 Series
Bulk
N/A
1000
MX
N/A
Bulk
N/A
100
HX
N/A
326 Series
Bulk
N/A
1000
MX
N/A
Bulk
N/A
100
HX
N/A
Part Numbering System
0325
M X P
xxxx
Lead-free
Packaging Code
Quantity Code
Amp Code
Series
X = Filler
M = 1000
Refer to Amp Code column of
Electrical Characteristics Table
Dimensions
Measurements displayed in millimeters (inches)


Similar Part No. - 032601.2HXP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
0326025HXP FAIRCHILD-0326025HXP Datasheet
1Mb / 28P
   FEBSPM3SPM45-M01MTCA Motion SPM3 45H Evaluation Board
More results

Similar Description - 032601.2HXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0326.600H LITTELFUSE-0326.600H Datasheet
42Kb / 1P
   3AB Slo-Blo짰 Fuse 325/326/390 Series
326 LITTELFUSE-326 Datasheet
92Kb / 1P
   3AB Slo-Blo Fuse 325/326 Series
02291.25HXP LITTELFUSE-02291.25HXP Datasheet
227Kb / 6P
   229/230 Series Lead-Free 2AG, Slo-Blo짰 Fuse and Indicating Slo-Blo짰 Fuse
2205 LITTELFUSE-2205 Datasheet
905Kb / 3P
   2205 Series, Lead-Free 2AG, Slo-Blo짰 Fuse
0229.375HXSP LITTELFUSE-0229.375HXSP Datasheet
227Kb / 6P
   229/230 Series Lead-Free 2AG, Slo-Blo짰 Fuse and Indicating Slo-Blo짰 Fuse
0313.010HXP LITTELFUSE-0313.010HXP Datasheet
211Kb / 4P
   313/315 Series Lead-Free 3AG, Slo-Blo짰 Fuse
508 LITTELFUSE-508 Datasheet
584Kb / 3P
   Lead-Free 3AB Fuse
0209.250MXP LITTELFUSE-0209.250MXP Datasheet
454Kb / 4P
   209 Series Lead-Free 2AG, Slo-Blo짰 (Time-Lag) Fuse
0314.125HXP LITTELFUSE-0314.125HXP Datasheet
191Kb / 3P
   314/324 Series Lead-free 3AB, Fast-acting Fuse
E10480 LITTELFUSE-E10480 Datasheet
449Kb / 4P
   328 Series, Lead-Free 3AB, High Surge Withstanding Fuse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com