Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSS84WT1 Datasheet(PDF) 4 Page - WILLAS ELECTRONIC CORP

Part # BSS84WT1
Description  Small Signal MOSFET 115 mA, 60 V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

BSS84WT1 Datasheet(HTML) 4 Page - WILLAS ELECTRONIC CORP

  BSS84WT1 Datasheet HTML 1Page - WILLAS ELECTRONIC CORP BSS84WT1 Datasheet HTML 2Page - WILLAS ELECTRONIC CORP BSS84WT1 Datasheet HTML 3Page - WILLAS ELECTRONIC CORP BSS84WT1 Datasheet HTML 4Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SOT−323
1.9
0.075
0.65
0.025
0.65
0.025
0.9
0.035
0.7
0.028
mm
inches
SCALE 10:1
XXM
XX
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
GENERIC
MARKING DIAGRAM
*This information is generic. Please refer to
device data sheet for actual part marking.
Pb−Free indicator, “G” or microdot “ G”,
may or may not be present.
1
SOLDERING FOOTPRINT*
Dimensions in inches and (millimeters)
2012-0
WILLAS ELECTRONIC CORP.
Power MOSFET
mAmps, 50 Volts
mAmps, 50 Volts
130
BSS84WT1
.056(1.40)
.047(1.20)
.010(0.25)
.003(0.08)
.016(0.40)
.008(0.20)
.004(0.10)MAX.
.087(2.20)
.070(1.80)
Features
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
Low power loss, high efficiency.
High current capability, low forward voltage drop.
High surge capability.
Guardring for overvoltage protection.
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Package outline
Mechanical data
Epoxy : UL94-V0 rated flame retardant
Case : Molded plastic, SOD-123H
Terminals :Plated terminals, solderable per MIL-STD-750
,
Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : Approximated 0.011 gram
0.146(3.7)
0.130(3.3)
0.012(0.3) Typ.
0.071(1.8)
0.056(1.4)
0.040(1.0)
0.024(0.6)
0.031(0.8) Typ.
0.031(0.8) Typ.
Dimensions in inches and (millimeters)
SOD-123H
Pb Free Product
1.0A SURFACE MOUNT SCHOTTKY
SOD-123
PACKAGE
WILLAS
BARRIER RECTIFIERS -20V- 200V
FM120-M
THRU
FM1200-M
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
WILLAS ELECTRONIC CORP.
201
2-06
 
RATINGS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Marking Code
12
13
14
15
16
18
10
115
120
Maximum Recurrent Peak Reverse Voltage
VRRM
Maximum RMS Voltage
VRMS
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
150
200
14
21
28
35
42
56
70
105
140
20
30
40
50
60
80
100
150
200
Volts
Volts
Volts
Maximum Average Forward Rectified Current
 
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IO
 
IFSM
1.0
 
30
Amps
 
Amps
Typical Thermal Resistance (Note 2)
RΘJA
Typical Junction Capacitance (Note 1)
CJ
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
 
 
-55 to +125
40
120
 
- 65 to +175
 
 
-55 to +150
℃/W
PF
 
CHARACTERISTICS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Maximum Forward Voltage at 1.0A DC
VF
0.50
0.70
0.85
0.9
0.92
Volts
@TA=25℃
0.5
Maximum Average Reverse Current at
Rated DC Blocking Voltage
@TA=125℃
IR
10
 
mAmps
 
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Thermal Resistance From Junction to Ambient
 
 
RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"


Similar Part No. - BSS84WT1

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
BSS84WT1 WILLAS-BSS84WT1 Datasheet
318Kb / 4P
   130 mAmps, 50 Volts
More results

Similar Description - BSS84WT1

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
2N7002WT1 WILLAS-2N7002WT1 Datasheet
374Kb / 5P
   Small Signal MOSFET 115 mA, 60 V
logo
ON Semiconductor
2N7002L ONSEMI-2N7002L_12 Datasheet
100Kb / 4P
   Small Signal MOSFET 60 V, 115 mA, N.Channel SOT.23
May, 2012 ??Rev. 6
logo
Leshan Radio Company
L2N7002WT1G LRC-L2N7002WT1G Datasheet
279Kb / 7P
   Small Signal MOSFET 115 mA, 60 V N-Channel SOT-323
logo
ON Semiconductor
2N7002L ONSEMI-2N7002L Datasheet
58Kb / 4P
   Small Signal MOSFET 60 V, 115 mA, N-Channel SOT-23
July, 2004 ??Rev. 2
logo
Leshan Radio Company
L2N7003LT1 LRC-L2N7003LT1 Datasheet
149Kb / 3P
   Small Signal MOSFET 115 mAmps, 60 Volts
L2N7002LT1 LRC-L2N7002LT1 Datasheet
70Kb / 3P
   Small Signal MOSFET 115 mAmps, 60 Volts
logo
Shenzhen Huazhimei Semi...
HM7002JR HMSEMI-HM7002JR Datasheet
398Kb / 4P
   Small Signal MOSFET 115 mAmps, 60 Volts
logo
Leshan Radio Company
L2N7002M3T5G LRC-L2N7002M3T5G Datasheet
173Kb / 4P
   Small Signal MOSFET 115 mAmps, 60 Volts
logo
Shenzhen Huazhimei Semi...
HM7002DM HMSEMI-HM7002DM Datasheet
326Kb / 5P
   Small Signal MOSFET 115 mAmps, 60 Volts
logo
First Silicon Co., Ltd
FTK7002U FS-FTK7002U Datasheet
734Kb / 4P
   Small Signal MOSFET 115 mAmps, 60 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com