Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDS6608A4A-75 Datasheet(PDF) 6 Page - A-Data Technology

Part # VDS6608A4A-75
Description  Synchronous DRAM(2M X 8 Bit X 4 Banks)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

VDS6608A4A-75 Datasheet(HTML) 6 Page - A-Data Technology

  VDS6608A4A-75 Datasheet HTML 1Page - A-Data Technology VDS6608A4A-75 Datasheet HTML 2Page - A-Data Technology VDS6608A4A-75 Datasheet HTML 3Page - A-Data Technology VDS6608A4A-75 Datasheet HTML 4Page - A-Data Technology VDS6608A4A-75 Datasheet HTML 5Page - A-Data Technology VDS6608A4A-75 Datasheet HTML 6Page - A-Data Technology VDS6608A4A-75 Datasheet HTML 7Page - A-Data Technology VDS6608A4A-75 Datasheet HTML 8Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
V-Data
VDS6608A4A
AC Characteristics
-7.5
Parameter
Symbol
Min Max
Unit Note
/CAS Latency = 3
tCK3
7.5
System clock
Cycle time
/CAS Latency = 2
tCK2
10
1000 ns
Clock high pulse width
tCHW
2.5
-
ns
1
Clock low pulse width
tCLW
2.5
-
ns
1
/CAS Latency = 3
tAC3
-
5.4
Access time
form clock
/CAS Latency = 2
tAC2
-
6
ns
2
Operation
tRC
65
-
/RAS cycle
time
Auto Refresh
tRRC
65
-
ns
/RAS to /CAS delay
tRCD
20
-
ns
/RAS active time
tRAS
45
100
ns
/RAS precharge time
tRP
20
-
ns
/RAS to /RAS bank active delay
tRRD
15
-
ns
/CAS to /CAS delay
tCCD
1
-
CLK
Data – in active command
tDAL
4
-
CLK
Data – out hold time
tOH
3
-
ns
Address setup time
tAS
1.5
-
ns
1
Address hold time
tAH
1
-
ns
1
CKE setup time
tCKS
1.5
-
ns
1
CKE hold time
tCKH
1
-
ns
1
Command setup time
tCS
1.5
-
ns
1
Command hold time
tCH
1
-
ns
1
CLK to data output in low Z-time
tOLZ
1.5
-
ns
MRS to new command
tMRD
1
-
CLK
Power down exit time
tPDE
1
-
CLK
Self refresh exit time
tSRE
1
-
CLK
3
Refresh time
tREF
64
-
ms
Note : 1. Assume tR / tF (input rise and fall time) is 1 ns.
2. Access times to be measured with input signals of 1v / ns edge rate.
3.A new command can be given tRRC after self refresh exit.
Rev 1 April, 2001
6


Similar Part No. - VDS6608A4A-75

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
VDS6616A4A A-DATA-VDS6616A4A Datasheet
608Kb / 8P
   Synchronous DRAM(1M X 16 Bit X 4 Banks)
Rev 1.1 April, 2001
VDS6616A4A-5 A-DATA-VDS6616A4A-5 Datasheet
608Kb / 8P
   Synchronous DRAM(1M X 16 Bit X 4 Banks)
Rev 1.1 April, 2001
VDS6616A4A-6 A-DATA-VDS6616A4A-6 Datasheet
608Kb / 8P
   Synchronous DRAM(1M X 16 Bit X 4 Banks)
Rev 1.1 April, 2001
VDS6616A4A-7 A-DATA-VDS6616A4A-7 Datasheet
608Kb / 8P
   Synchronous DRAM(1M X 16 Bit X 4 Banks)
Rev 1.1 April, 2001
VDS6616A4A-75 A-DATA-VDS6616A4A-75 Datasheet
608Kb / 8P
   Synchronous DRAM(1M X 16 Bit X 4 Banks)
Rev 1.1 April, 2001
More results

Similar Description - VDS6608A4A-75

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
ADS6608A4A A-DATA-ADS6608A4A Datasheet
522Kb / 8P
   Synchronous DRAM(2M X 8 Bit X 4 Banks)?
Rev 1 April, 2001
logo
AMIC Technology
A43L3616 AMICC-A43L3616 Datasheet
865Kb / 41P
   2M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L128168A ESMT-M12L128168A_06 Datasheet
786Kb / 43P
   2M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
ADS7616A4A A-DATA-ADS7616A4A Datasheet
565Kb / 8P
   Synchronous DRAM(2M X 16 Bit X 4 Banks)
Rev 1.0 April, 2001
logo
Elite Semiconductor Mem...
M12L128168A ESMT-M12L128168A_09 Datasheet
673Kb / 45P
   2M x 16 Bit x 4 Banks Synchronous DRAM
logo
White Electronic Design...
WED48S8030E WEDC-WED48S8030E Datasheet
1Mb / 26P
   2M x 8 Bits x 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M52S128168A ESMT-M52S128168A_08 Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A ESMT-M12L128168A Datasheet
808Kb / 44P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A ESMT-M12L128168A_1 Datasheet
366Kb / 22P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M52D128168A ESMT-M52D128168A_1 Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com