Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDS6616A4A Datasheet(PDF) 8 Page - A-Data Technology

Part # VDS6616A4A
Description  Synchronous DRAM(1M X 16 Bit X 4 Banks)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

VDS6616A4A Datasheet(HTML) 8 Page - A-Data Technology

  VDS6616A4A Datasheet HTML 1Page - A-Data Technology VDS6616A4A Datasheet HTML 2Page - A-Data Technology VDS6616A4A Datasheet HTML 3Page - A-Data Technology VDS6616A4A Datasheet HTML 4Page - A-Data Technology VDS6616A4A Datasheet HTML 5Page - A-Data Technology VDS6616A4A Datasheet HTML 6Page - A-Data Technology VDS6616A4A Datasheet HTML 7Page - A-Data Technology VDS6616A4A Datasheet HTML 8Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
V-Data
VDS6616A4A
Package Information
 
MILLIMETER
INCH
SYMBOL
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
1.20
0.047
A1
0.05
0.10
0.15
0.002
0.004
0.006
A2
0.95
1.00
1.05
0.037
0.039
0.041
B
0.30
0.35
0.45
0.012
0.014
0.018
c
0.12
0.21
0.005
0.008
D
22.22 BSC
0.875 BSC
HE
11.56
11.76
11.96
0.460
0.463
0.470
E
10.03
10.16
10.29
0.390
0.400
0.410
e
0.80 BSC
0.031
L
0.40
0.50
0.60
0.016
0.020
0.024
L1
0.80 REF
0.031 REF
S
0.71 REF
0.028 REF
θ
0
°
-
8
°
0
°
-
8
°
 
400mil 54pin TSOP II Package
Rev 1.1 April, 2001
8


Similar Part No. - VDS6616A4A

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
VDS6608A4A A-DATA-VDS6608A4A Datasheet
521Kb / 8P
   Synchronous DRAM(2M X 8 Bit X 4 Banks)
VDS6608A4A-75 A-DATA-VDS6608A4A-75 Datasheet
521Kb / 8P
   Synchronous DRAM(2M X 8 Bit X 4 Banks)
VDS6632A4A A-DATA-VDS6632A4A Datasheet
648Kb / 8P
   Synchronous DRAM(512K X 32 Bit X 4 Banks)
Rev 1.0 April, 2001
VDS6632A4A-5 A-DATA-VDS6632A4A-5 Datasheet
648Kb / 8P
   Synchronous DRAM(512K X 32 Bit X 4 Banks)
Rev 1.0 April, 2001
VDS6632A4A-55 A-DATA-VDS6632A4A-55 Datasheet
648Kb / 8P
   Synchronous DRAM(512K X 32 Bit X 4 Banks)
Rev 1.0 April, 2001
More results

Similar Description - VDS6616A4A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52S128168A ESMT-M52S128168A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12S64164A ESMT-M12S64164A Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_07 Datasheet
814Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L2616A AMICC-A43L2616A Datasheet
1Mb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L64164A ESMT-M12L64164A_09 Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_1 Datasheet
818Kb / 44P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L2616B AMICC-A43L2616B Datasheet
502Kb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M52L64164A ESMT-M52L64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A_0712 ESMT-M12L64164A_0712 Datasheet
826Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M52S64164A ESMT-M52S64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com