Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDS4616A4A-7 Datasheet(PDF) 1 Page - A-Data Technology

Part # VDS4616A4A-7
Description  Synchronous DRAM(512K X 16 Bit X 2 Banks)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

VDS4616A4A-7 Datasheet(HTML) 1 Page - A-Data Technology

  VDS4616A4A-7 Datasheet HTML 1Page - A-Data Technology VDS4616A4A-7 Datasheet HTML 2Page - A-Data Technology VDS4616A4A-7 Datasheet HTML 3Page - A-Data Technology VDS4616A4A-7 Datasheet HTML 4Page - A-Data Technology VDS4616A4A-7 Datasheet HTML 5Page - A-Data Technology VDS4616A4A-7 Datasheet HTML 6Page - A-Data Technology VDS4616A4A-7 Datasheet HTML 7Page - A-Data Technology VDS4616A4A-7 Datasheet HTML 8Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
V-Data
VDS4616A4A
Synchronous DRAM
512K x 16 Bit x 2 Banks
General Description
The VDS4616A4A are two-bank Synchronous
DRAMs organized as 524,288 words x 16 bits x 2
banks,
Synchronous design allows precise cycle control
with the use of system clock I/O transactions are
possible on every clock cycle.
Range of operating frequencies, programmable
burst length and programmable latencies allow the
same device to be useful for a variety of high
bandwidth high performance memory system
applications
Features
Single 3.3V +/- 0.3V power supply
MRS Cycle with address key programs
-CAS Latency (2 & 3)
-Burst Length (1,2,4,8, & full page)
-Burst Type (sequential & Interleave)
2 banks operation
All inputs are sampled at the positive edge of
the system clock
Burst Read single write operation
Auto & Self refresh
4096 refresh cycle
DQM for masking
Package:50-pins 400 mil TSOP-Type II
Ordering Information.
Part No.
Frequency
Interface
Package
VDS4616A4A-5
200Mhz
LVTTL
400mil 50pin TSOPII
VDS4616A4A -6
166Mhz
LVTTL
400mil 50pin TSOPII
VDS4616A4A -7
143Mhz
LVTTL
400mil 50pin TSOPII
Pin Assignment
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
50
49
48
47
46
45
44
43
36
37
35
34
33
41
42
40
39
38
32
31
30
29
Vss
DQ15
VssQ
DQ14
DQ13
VDDQ
DQ12
DQ11
VSSQ
DQ10
DQ9
VDDQ
DQ8
NC
UDQM
CLK
CKE
NC
A9
A8
A7
A6
A5
A4
VSS
VDD
DQ0
VDDQ
DQ1
DQ2
VSSQ
DQ3
DQ4
VDDQ
DQ5
DQ6
VSSQ
DQ7
LDQM
/WE
/CAS
/RAS
/CS
A10
A0
A1
A2
A3
(BS)A11
DD
V
50-pin plastic TSOP II 400 mil
Rev 1 December, 2001
1


Similar Part No. - VDS4616A4A-7

ManufacturerPart #DatasheetDescription
logo
Level One
VDS-0110 LVL1-VDS-0110 Datasheet
1Mb / 3P
   Ethernet over VDSL2 Converter (Sender)
VDS-0111 LVL1-VDS-0111 Datasheet
1Mb / 3P
   Ethernet over VDSL2 Converter (Receiver)
VDS-0120 LVL1-VDS-0120 Datasheet
1Mb / 3P
   Ethernet Over VDSL2 Converter (PSE)
VDS-0130 LVL1-VDS-0130 Datasheet
1Mb / 3P
   Ethernet Over VDSL2 Converter (PD)
VDS-0200 LVL1-VDS-0200 Datasheet
1Mb / 3P
   Ethernet over VDSL2 Converter (AnnexA)
More results

Similar Description - VDS4616A4A-7

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V161610D HYNIX-HY57V161610D Datasheet
73Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
logo
A-Data Technology
ADS4616A4A A-DATA-ADS4616A4A Datasheet
530Kb / 8P
   Synchronous DRAM(512K X 16 Bit X 2 Banks)
Rev 1 December, 2001
logo
AMIC Technology
A43L0616B AMICC-A43L0616B Datasheet
585Kb / 48P
   512K X 16 Bit X 2 Banks Synchronous DRAM
A43L0616B AMICC-A43L0616B Datasheet
1Mb / 45P
   512K X 16 Bit X 2 Banks Synchronous DRAM
A43L0616A AMICC-A43L0616A Datasheet
1,011Kb / 45P
   512K X 16 Bit X 2 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY67V161610D HYNIX-HY67V161610D Datasheet
75Kb / 11P
   2 Banks x 512K x 16 Bit Synchronous DRAM
logo
AMIC Technology
A43E06161 AMICC-A43E06161 Datasheet
1Mb / 46P
   512K X 16 Bit X 2 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V161610ET-I HYNIX-HY57V161610ET-I Datasheet
482Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
HY57V161610D-I HYNIX-HY57V161610D-I Datasheet
574Kb / 11P
   2 Banks x 512K x 16 Bit Synchronous DRAM
HY57V161610ETP-I HYNIX-HY57V161610ETP-I Datasheet
215Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com