Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM934C Datasheet(PDF) 10 Page - Touchstone Semiconductor Inc

Part # TSM934C
Description  Ultra Low-Power Single/Dual-Supply Comparators with Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TSM934C Datasheet(HTML) 10 Page - Touchstone Semiconductor Inc

Back Button TSM934C Datasheet HTML 6Page - Touchstone Semiconductor Inc TSM934C Datasheet HTML 7Page - Touchstone Semiconductor Inc TSM934C Datasheet HTML 8Page - Touchstone Semiconductor Inc TSM934C Datasheet HTML 9Page - Touchstone Semiconductor Inc TSM934C Datasheet HTML 10Page - Touchstone Semiconductor Inc TSM934C Datasheet HTML 11Page - Touchstone Semiconductor Inc TSM934C Datasheet HTML 12Page - Touchstone Semiconductor Inc TSM934C Datasheet HTML 13Page - Touchstone Semiconductor Inc TSM934C Datasheet HTML 14Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
TSM931-TSM934
Page 10
TSM931_34DS r1p0
RTFDS
PIN FUNCTIONS
PIN
NAME
FUNCTION
TSM931
TSM932
TSM933
1
GND
Ground. Connect to V- for single-supply operation. Output swings
from V+ to GND.
1
1
OUTA
Comparator A Output. Sinks and sources current. Swings from
V+ to V-.
2
2
2
V-
Negative Supply. Connect to ground for single-supply operation.
3
IN+
Comparator Noninverting Input
3
3
INA+
Comparator A Noninverting Input
4
IN-
Comparator Inverting Input
4
INB+
Comparator B Noninverting Input
4
INB-
Comparator B Inverting Input
5
5
5
HYST
Hysteresis Input. Connect to REF if not used. Input voltage range
is from VREF to (VREF - 50mV).
6
6
6
REF
1.182V Reference Output with respect to V-.
7
7
7
V+
Positive Supply Voltage
8
OUT
Comparator Output. Sinks and sources current. Swings from V+
to GND.
8
8
OUTB
Comparator B Output. Sinks and sources current. Swings from
V+ to V-.
PIN
NAME
FUNCTION
TSM934
1
OUTB
Comparator B Output. Sinks and sources current. Swings
from V+ to GND.
2
OUTA
Comparator A Output. Sinks and sources current. Swings
from V+ to GND.
3
V+
Positive Supply Voltage
4
INA-
Comparator A Inverting Input
5
INA+
Comparator A Noninverting Input
6
INB-
Comparator B Inverting Input
7
INB+
Comparator B Noninverting Input
8
REF
1.182V Reference Output with respect to V-.
9
V-
Negative Supply Voltage. Connect to ground for single-
supply operation.
10
INC-
Comparator C Inverting Input
11
INC+
Comparator C Noninverting Input
12
IND-
Comparator D Inverting Input
13
IND+
Comparator D Noninverting Input
14
GND
Ground. Connect to V- for single-supply operation.
15
OUTD
Comparator D Output. Sinks and sources current. Swings
from V+ to GND.
16
OUTC
Comparator C Output. Sinks and sources current. Swings
from V+ to GND.


Similar Part No. - TSM934C

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TSM934C SILABS-TSM934C Datasheet
1Mb / 21P
   Ultra Low-Power Single/Dual-Supply Comparators with Reference
More results

Similar Description - TSM934C

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TSM931 SILABS-TSM931 Datasheet
1Mb / 21P
   Ultra Low-Power Single/Dual-Supply Comparators with Reference
TSM921 SILABS-TSM921 Datasheet
1Mb / 20P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921 Datasheet
139Kb / 16P
   Ultra Low-Power, Single/Dual-Supply Comparators
19-0115; Rev 3; 3/95
logo
Touchstone Semiconducto...
TSM921 TOUCHSTONE-TSM921 Datasheet
1Mb / 19P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921_09 Datasheet
192Kb / 17P
   Ultra Low-Power, Single/Dual-Supply Comparators
Rev 6; 4/09
logo
Silicon Laboratories
TSM971 SILABS-TSM971 Datasheet
1Mb / 19P
   Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX971 MAXIM-MAX971 Datasheet
325Kb / 17P
   Ultra-Low-Power, Open-Drain, Single/Dual-Supply Comparators
Rev 3; 2/03
logo
Touchstone Semiconducto...
TSM971 TOUCHSTONE-TSM971 Datasheet
1Mb / 18P
   Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
logo
Motorola, Inc
LM393 MOTOROLA-LM393 Datasheet
136Kb / 6P
   SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
logo
Touchstone Semiconducto...
TS9002 TOUCHSTONE-TS9002 Datasheet
910Kb / 11P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com