Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM931CUA+ Datasheet(PDF) 1 Page - Touchstone Semiconductor Inc

Part # TSM931CUA+
Description  Ultra Low-Power Single/Dual-Supply Comparators with Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TSM931CUA+ Datasheet(HTML) 1 Page - Touchstone Semiconductor Inc

  TSM931CUA+ Datasheet HTML 1Page - Touchstone Semiconductor Inc TSM931CUA+ Datasheet HTML 2Page - Touchstone Semiconductor Inc TSM931CUA+ Datasheet HTML 3Page - Touchstone Semiconductor Inc TSM931CUA+ Datasheet HTML 4Page - Touchstone Semiconductor Inc TSM931CUA+ Datasheet HTML 5Page - Touchstone Semiconductor Inc TSM931CUA+ Datasheet HTML 6Page - Touchstone Semiconductor Inc TSM931CUA+ Datasheet HTML 7Page - Touchstone Semiconductor Inc TSM931CUA+ Datasheet HTML 8Page - Touchstone Semiconductor Inc TSM931CUA+ Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TSM931-TSM934
Page 1
© 2012 Touchstone Semiconductor, Inc. All rights reserved.
FEATURES
♦ Alternate source for MAX931-MAX934
♦ Ultra-Low Quiescent Current Over Temperature
TSM931
Single+Reference: 4μA (max)
TSM932/TSM933 Dual+Reference:
6μA (max)
TSM934 Quad+Reference: 8.5μA (max)
♦ Single or Dual Power Supplies:
Single: +2.5V to +11V
Dual: ±1.25V to ±5.5V
♦ Input Voltage Range Includes Negative Supply
♦ 12μs Propagation Delay at 10mV Overdrive
♦ Push-pull TTL/CMOS-Compatible Outputs
♦ Crowbar-Current-Free Switching
♦ Continuous Source Current Capability: 40mA
♦ Internal 1.182V ±2% Reference:
TSM931/TSM932/TSM933
♦ Adjustable Hysteresis:
TSM931/TSM932/TSM933
APPLICATIONS
Threshold Detectors
Window Comparator
Level Translators
Oscillator Circuits
Battery-Powered Systems
DESCRIPTION
The TSM931
–TSM934 family of single/dual/quad,
low-voltage,
micropower
analog
comparators
is
electrically and form-factor identical to the MAX931-
MAX934 family of analog comparators. Ideal for 3V or
5V single-supply applications, the TSM931
–TSM934
family can operate from single +2.5V to +11V
supplies or from ±1.25V to ±5.5V dual supplies. The
single TSM931 draws
less than 4μA (max) supply
current over temperature. The dual TSM932/933 and
the quad TSM934 each draw less than 3
μA per
comparator over temperature.
All comparators in this family exhibit an input voltage
range from the negative supply rail to within 1.3V of
the positive supply.
In addition, the comparators’
push-pull output stages are TTL/CMOS compatible
and capable of sinking and sourcing current. The
TSM931/TSM932/TSM933
each
incorporates
an
internal 1.182V ±2% voltage reference. Without
complicated
feedback
configurations
and
only
requiring two additional resistors, adding external
hysteresis via a separate pin is available on the
TSM931, the TSM932, and the TSM933.
Ultra Low-Power Single/Dual-Supply Comparators with Reference
TYPICAL APPLICATION CIRCUIT
A 5V, Low-Parts-Count Window Detector
PART
INTERNAL
REFERENCE
COMPARATORS
PER PACKAGE
INTERNAL
HYSTERESIS
TSM931
Yes
1
Yes
TSM932
Yes
2
Yes
TSM933
Yes
2
Yes
TSM934
Yes
4
No
PART
TEMPERATURE
RANGE
PACKAGE
TSM931C
0ºC to 70ºC
8-Pin MSOP/SOIC
TSM931E
-40ºC to 85ºC
TSM932C
0ºC to 70ºC
8-Pin MSOP/SOIC
TSM932E
-40ºC to 85ºC
TSM933C
0ºC to 70ºC
8-Pin MSOP/SOIC
TSM933E
-40ºC to 85ºC
TSM934C
0ºC to 70ºC
16-Pin SOIC
TSM934E
-40ºC to 85ºC
The Touchstone Semiconductor logo is a registered
trademark of Touchstone Semiconductor, Incorporated.


Similar Part No. - TSM931CUA+

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TSM931C SILABS-TSM931C Datasheet
1Mb / 21P
   Ultra Low-Power Single/Dual-Supply Comparators with Reference
More results

Similar Description - TSM931CUA+

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TSM931 SILABS-TSM931 Datasheet
1Mb / 21P
   Ultra Low-Power Single/Dual-Supply Comparators with Reference
TSM921 SILABS-TSM921 Datasheet
1Mb / 20P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921 Datasheet
139Kb / 16P
   Ultra Low-Power, Single/Dual-Supply Comparators
19-0115; Rev 3; 3/95
logo
Touchstone Semiconducto...
TSM921 TOUCHSTONE-TSM921 Datasheet
1Mb / 19P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921_09 Datasheet
192Kb / 17P
   Ultra Low-Power, Single/Dual-Supply Comparators
Rev 6; 4/09
logo
Silicon Laboratories
TSM971 SILABS-TSM971 Datasheet
1Mb / 19P
   Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX971 MAXIM-MAX971 Datasheet
325Kb / 17P
   Ultra-Low-Power, Open-Drain, Single/Dual-Supply Comparators
Rev 3; 2/03
logo
Touchstone Semiconducto...
TSM971 TOUCHSTONE-TSM971 Datasheet
1Mb / 18P
   Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
logo
Motorola, Inc
LM393 MOTOROLA-LM393 Datasheet
136Kb / 6P
   SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
logo
Touchstone Semiconducto...
TS9002 TOUCHSTONE-TS9002 Datasheet
910Kb / 11P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com