Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDS6616A4A-75 Datasheet(PDF) 3 Page - A-Data Technology

Part # VDS6616A4A-75
Description  Synchronous DRAM(1M X 16 Bit X 4 Banks)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

VDS6616A4A-75 Datasheet(HTML) 3 Page - A-Data Technology

  VDS6616A4A-75 Datasheet HTML 1Page - A-Data Technology VDS6616A4A-75 Datasheet HTML 2Page - A-Data Technology VDS6616A4A-75 Datasheet HTML 3Page - A-Data Technology VDS6616A4A-75 Datasheet HTML 4Page - A-Data Technology VDS6616A4A-75 Datasheet HTML 5Page - A-Data Technology VDS6616A4A-75 Datasheet HTML 6Page - A-Data Technology VDS6616A4A-75 Datasheet HTML 7Page - A-Data Technology VDS6616A4A-75 Datasheet HTML 8Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
V-Data
VDS6616A4A
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Voltage on any pin relative to Vss
VIN, Vout
-0.3 ~ VDD+0.3
V
Voltage on VDD supply relative to Vss
VDD, VDDQ
-0.3 ~ 4.6
V
Storage temperature
TSTG
-55 ~ +150
Power dissipation
PD
1
W
Short circuit current
IOS
50
mA
Note : Permanent device damage may occur if ABSOLUTE MAXIMUM RATING are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
DC Operating Condition
Voltage referenced to Vss = 0V, TA = 0 to 70 ℃
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply voltage
VDD, VDDQ
3.0
3.3
3.6
V
Input logic high voltage
VIH
2.0
3.0
VDD+0.3
V
1
Input logic low voltage
VIL
-0.3
0
0.8
V
2
Output logic high voltage
VOH
2.4
-
-
V
IOH=-2mA
Output logic low voltage
VOL
-
-
0.4
V
IOL=2mA
Input leakage current
IIL
-5
-
5
uA
3
Output leakage current
IOL
-5
-
5
uA
4
Note : 1. VIH (max)=4.6V AC for pulse width ≦ 10ns acceptable.
2.VIL(min)=-1.5V AC for pulse width ≦ 10ns acceptable.
3.Any input 0V ≦ VIN ≦ VDD + 0.3V, all other pins are not under test = 0V.
4.Dout is disabled, 0V ≦ VOUT ≦ VDD.
AC Operating Condition
Voltage referenced to Vss = 0V, TA = 0 to 70 ℃
Parameter
Symbol
Value
Unit
Note
AC input high / low level voltage
VIH / VIL
2.4 / 0.4
V
Input timing measurement reference level voltage
Vtrip
1.4
V
Input rise / fall time
TR / tF
1
Ns
Output timing measurement reference level
Voutfef
1.4
V
Output load capacitance for access time measurement
CL
50
pF
2
Note: 1. 3.15V ≦ VDD ≦ 3.6V is applied for VDS6616A4A5.
2. Output load to measure access times is equivalent to two TTL gates and one capacitor (30pF). For details,
refer to AC/DC output load circuit.
Rev 1.1 April, 2001
3


Similar Part No. - VDS6616A4A-75

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
VDS6608A4A A-DATA-VDS6608A4A Datasheet
521Kb / 8P
   Synchronous DRAM(2M X 8 Bit X 4 Banks)
VDS6608A4A-75 A-DATA-VDS6608A4A-75 Datasheet
521Kb / 8P
   Synchronous DRAM(2M X 8 Bit X 4 Banks)
VDS6632A4A A-DATA-VDS6632A4A Datasheet
648Kb / 8P
   Synchronous DRAM(512K X 32 Bit X 4 Banks)
Rev 1.0 April, 2001
VDS6632A4A-5 A-DATA-VDS6632A4A-5 Datasheet
648Kb / 8P
   Synchronous DRAM(512K X 32 Bit X 4 Banks)
Rev 1.0 April, 2001
VDS6632A4A-55 A-DATA-VDS6632A4A-55 Datasheet
648Kb / 8P
   Synchronous DRAM(512K X 32 Bit X 4 Banks)
Rev 1.0 April, 2001
More results

Similar Description - VDS6616A4A-75

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52S128168A ESMT-M52S128168A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12S64164A ESMT-M12S64164A Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_07 Datasheet
814Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L2616A AMICC-A43L2616A Datasheet
1Mb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L64164A ESMT-M12L64164A_09 Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_1 Datasheet
818Kb / 44P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L2616B AMICC-A43L2616B Datasheet
502Kb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M52L64164A ESMT-M52L64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A_0712 ESMT-M12L64164A_0712 Datasheet
826Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M52S64164A ESMT-M52S64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com