Part Name
         Description
MJ10015

 50 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 AND 500 VOLTS 250 WATTS ( 6 Page)


MOTOROLA
100% 
Zoom Out Zoom In
   
 3 page
background image
MJ10015 MJ10016
3
Motorola Bipolar Power Transistor Device Data
– 0.2
VBE, BASE–EMITTER VOLTAGE (VOLTS)
0
2.8
IC, COLLECTOR CURRENT (AMP)
2.4
2.0
1.6
1.2
IC/IB = 10
100
0.5
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (AMPS)
5.0
1.0
2.0
5.0
10
20
50
50
10
20
Figure 2. Collector–Emitter Saturation Voltage
0.5
IC, COLLECTOR CURRENT (AMP)
0.4
2.0
5.0
1.2
0.8
TC = 25°C
VCE = 5.0 V
10
20
50
Figure 3. Base–Emitter Saturation Voltage
+ 0.2
0.5
1.0
2.0
10
50
20
5.0
Figure 4. Collector Cutoff Region
2.4
2.0
1.6
Figure 5. Output Capacitance
1500
0.4
VR, REVERSE VOLTAGE (VOLTS)
100
10
1000
100
400
200
FORWARD
0.8
VCE = 250 V
75
°C
100
°C
REVERSE
25
°C
TJ = 125°C
1.0
4.0
40
300
500
TJ = 150°C
TJ = 25°C
104
103
102
101
100
10–1
1.0
IC/IB = 10
TJ = 150°C
TJ = 25°C
+ 0.4
+ 0.6
+ 0.8
TJ = 25°C
TYPICAL CHARACTERISTICS
1  2  3  4  5  6 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MJ1002240 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 AND 400 VOLTS 250 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJ1000920 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 450 and 500 VOLTS 175 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJ1001210 AMPERE POWER TRANSISTORS DARLINGTON NPN SILICON 400 VOLTS 175 AND 118 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJ1002060 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 200 AND 250 VOLTS 250 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJ1000520 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 175 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJ1000710 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 150 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJE130021.5 AMPERE NPN SILICON POWER TRANSISTORS 300 AND 400 VOLTS 40 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJD47NPN SILICON POWER TRANSISTORS 1 AMPERE 250 400 VOLTS 15 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJH1101715 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150 200 250 VOLTS 150 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJ1000020 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 VOLTS 175 WATTS 1 2 3 4 5 MoreMotorola, Inc

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl