Selected language     English  ▼


LA72703V Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part No. LA72703V
Description  Monolithic Linear IC For US TV BTSC Decoder
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 7 page
background image
LA72703V
No.A2129-7/12
Continued from preceding page.
DC voltage
Pin No.
Pin Name
Function
AC level
Equivalent Circuit
17
PORCH
Line out R
DC : 2.4V
AC : 1.4Vp-p
300
Ω
300
Ω
50k
Ω
50k
Ω
17
18
POLCH
Line out L
DC : 2.4V
AC : 1.4Vp-p
300
Ω
300
Ω
50k
Ω
50k
Ω
18
19
VCC
20
POLED
MONO
= 0.9V
SAP
= 2.0V
STEREO
= 3.0V
STEREO + SAP = 3.8V
Mode out
DC : See Right
AC
Test only
1k
Ω
20
21
PCREG
Reference Voltage
DC : 2.4V
21
10k
Ω
9.6k
Ω
1k
Ω
500
Ω
22
PMAINOUT
Offset cancel Feedback filter
DC : 1.6V
450k
Ω
500
Ω
22
23
PCPLC
Pilot level detect
For Pilot canceller
DC : 2.4V
23
40k
Ω
40k
Ω
160k
Ω
1k
Ω
24
PCPTFILT
Pilot level detect
For ST PLL filter
DC : 2.4V
24
40k
Ω
40k
Ω
160k
Ω
1k
Ω




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl