Selected language     English  ▼


LA72703V Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. LA72703V
Description  Monolithic Linear IC For US TV BTSC Decoder
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 1 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment. The products mentioned herein
shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life,
aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system,
safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives
in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any
guarantee thereof. If you should intend to use our products for new introduction or other application different
from current conditions on the usage of automotive device, communication device, office equipment, industrial
equipment etc. , please consult with us about usage condition (temperature, operation time etc.) prior to the
intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely
responsible for the use.
O0312NKPC 20080821-S00007 No.A2129-1/12
LA72703V
Overview
The LA72703V is a US TV BTSC Decoder.
Features
• With SIF circuit, alignment-free* STEREO channel separation.
* When Base Band signal input, separation is adjusted by input level.
• Dual Slave address (80h, 84h).
Functions
• SIF FM-Demodulator.
• SAP demodulator.
• STEREO decoder.
• SAP detection.
• dbx Noise Reduction.
• SAP output select 2-levels.
• STEREO detection.
• SAP detection sensitivity change function.
• STEREO detection sensitivity change function.
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum power supply voltage
VCCH max
7.0
V
Allowable power dissipation
Pd max
Ta
≤ 85°C *
290
mW
Operating temperature
Topr
-20 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
∗ When mounted on a 114.3mm×76.1mm×1.6mm glass epoxy board.
Monolithic Linear IC
For US TV
BTSC Decoder
Ordering number : ENA2129




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl