Selected language     English  ā–¼


LA72703V Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part No. LA72703V
Description  Monolithic Linear IC For US TV BTSC Decoder
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 11 page
background image
LA72703V
No.A2129-11/12
Mode Condition
I
2C data in
Output mode
I
2C out
Signal
D8
D7
D6
D5
D4
D3
D2
D1
Lch
pin18
Rch
pin17
Mode
condition
D8
D7
Mode
pin20
*
0
0
0
L
R
Stereo
0
0
0
1
SAP
SAP
SAP-1
1
0
0
1
SAP
SAP
SAP-2
0
0
1
0
L+R
SAP
MULTI-1
1
0
1
0
L+R
SAP
MULTI-2
*
1
0
0
L+R
L+R
F-MONO
*
1
0
1
L+R
L+R
F-MONO
*
1
1
0
L+R
L+R
F-MONO
Stereo
+ SAP
*
*
1
1
Off
Off
MUTE
1
1
3.8V
*
0
0
0
L
R
Stereo
*
0
0
1
L
R
Stereo
*
0
1
0
L
R
Stereo
*
1
0
0
L+R
L+R
F-MONO
*
1
0
1
L+R
L+R
F-MONO
*
1
1
0
L+R
L+R
F-MONO
Stereo
*
*
1
1
Off
Off
MUTE
1
0
2.8V
*
*
0
0
L+R
L+R
MONO
0
0
0
1
SAP
SAP
SAP-1
1
0
0
1
SAP
SAP
SAP-2
0
0
1
0
L+R
SAP
MULTI-1
1
0
1
0
L+R
SAP
MULTI-2
Mono
+ SAP
*
*
1
1
Off
Off
MUTE
0
1
1.9V
*
*
0
0
L+R
L+R
MONO
*
*
0
1
L+R
L+R
MONO
*
*
1
0
L+R
L+R
MONO
MONO
(0)
F
I
X
(0)
S
I
F
(1)
B
A
S
E
b
a
n
d
*
(0)
S
T
E
R
E
O
S
E
N
S
Lo
(1)
Hi
(0)
S
A
P
S
E
N
S
Lo
(1)
Hi
*
1
1
Off
Off
MUTE
0
0
1.0V
* : no care




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl