Selected language     English  ā–¼


LA72703V Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part No. LA72703V
Description  Monolithic Linear IC For US TV BTSC Decoder
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 3 page
background image
LA72703V
No.A2129-3/12
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Stereo detect speed
(Reference)
STDT
Input = STEREO : Pilot
I
2C data no-send
Measure pin 20 voltage change to 2.8V timing from
Power ON
(480)
(1000)
ms
SAP detect speed
(Reference)
SAPDT
SAP : Carrier
I
2C data no-send
Measure pin 20 voltage change to 1.9V timing from
Power ON
(350)
(1000)
ms
Package Dimensions
unit : mm (typ)
3175C
SANYO : SSOP24(275mil)
7.8
0.22
0.65
(0.33)
12
13
24
1
0.15




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl