Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA72703V Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LA72703V
Description  Monolithic Linear IC For US TV BTSC Decoder
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA72703V Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LA72703V Datasheet HTML 1Page - Sanyo Semicon Device LA72703V Datasheet HTML 2Page - Sanyo Semicon Device LA72703V Datasheet HTML 3Page - Sanyo Semicon Device LA72703V Datasheet HTML 4Page - Sanyo Semicon Device LA72703V Datasheet HTML 5Page - Sanyo Semicon Device LA72703V Datasheet HTML 6Page - Sanyo Semicon Device LA72703V Datasheet HTML 7Page - Sanyo Semicon Device LA72703V Datasheet HTML 8Page - Sanyo Semicon Device LA72703V Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LA72703V
No.A2129-5/12
Pin Functions
DC voltage
Pin No.
Pin Name
Function
AC level
Equivalent Circuit
1
PCPLDET
Pilot level detect For Stero Detection
DC : 2.4V
1
40k
Ω
40k
Ω
160k
Ω
1k
Ω
2
PC_DC_IN
AC coupling (Input)
DC : 2.4V
AC : 2.4Vp-p
3
PC_DCOUT
AC coupling (Output)
DC : 2.4V
AC : 2.4Vp-p
500
Ω
1k
Ω
2
3
4
PC FIL
SIF offset cancel
DC : 2.6V
4
1k
Ω
1k
Ω
5
PISIF
Signal input
Common input at SIF, Base band
DC : 3.7V
10k
Ω
500
Ω
1k
Ω
5
6
GND
7
CSAPDET
SAP carrier level detect For SAP detection
DC : 2.8V
1k
Ω
1k
Ω
1k
Ω
2k
Ω
70k
Ω
7
8
ADDSEL
Slave Address change control
OPEN/GND : 80h
5V
: 84h
DC : 0V
8
1k
Ω
100k
Ω
Continued on next page.


Similar Part No. - LA72703V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7270 SANYO-LA7270 Datasheet
256Kb / 6P
   VHS VTR Playback Head Amplifier Recording Amplifier
LA72700V SANYO-LA72700V Datasheet
522Kb / 16P
   US MTS (Multi Channel Television Sound) Decoder
LA72702NV SANYO-LA72702NV Datasheet
160Kb / 10P
   Monolithic Linear IC For US TV BTSC Decoder
logo
ON Semiconductor
LA72702NV ONSEMI-LA72702NV Datasheet
163Kb / 10P
   BTSC Decoder
July, 2013
logo
Sanyo Semicon Device
LA72702VA SANYO-LA72702VA Datasheet
158Kb / 11P
   Monolithic Linear IC For US TV BTSC Decoder
More results

Similar Description - LA72703V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA72702VA SANYO-LA72702VA Datasheet
158Kb / 11P
   Monolithic Linear IC For US TV BTSC Decoder
LA72702NV SANYO-LA72702NV Datasheet
160Kb / 10P
   Monolithic Linear IC For US TV BTSC Decoder
LA72714VA SANYO-LA72714VA Datasheet
155Kb / 14P
   Monolithic Linear IC For JPN TV Multi Channel Television Sound Decoder IC
logo
Asahi Kasei Microsystem...
AKD4140-B AKM-AKD4140-B Datasheet
630Kb / 31P
   BTSC decoder
logo
Sanyo Semicon Device
LA72730 SANYO-LA72730 Datasheet
121Kb / 8P
   Monolithic Linear IC For TV Audio/Video Switch
logo
ON Semiconductor
LA72702NV ONSEMI-LA72702NV Datasheet
163Kb / 10P
   BTSC Decoder
July, 2013
logo
Asahi Kasei Microsystem...
AK4140 AKM-AK4140 Datasheet
635Kb / 42P
   Digital BTSC Decoder
AK4140 AKM-AK4140 Datasheet
822Kb / 42P
   Digital BTSC Decoder
logo
Sony Corporation
CXA1124BS SONY-CXA1124BS Datasheet
449Kb / 20P
   US AUDIO MULTIPLEXING DECODER IC
logo
Sanyo Semicon Device
LA75525VA SANYO-LA75525VA Datasheet
79Kb / 6P
   Monolithic Linear IC For TV Sets and VCRs VIF/SIF Signal-Processing IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com