Selected language     English  ▼


LA72703V Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part No. LA72703V
Description  Monolithic Linear IC For US TV BTSC Decoder
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 6 page
background image
LA72703V
No.A2129-6/12
Continued from preceding page.
DC voltage
Pin No.
Pin Name
Function
AC level
Equivalent Circuit
9
SDA
Serial data input
9
1k
Ω
10
SCL
Serial clock input
10
1k
Ω
11
PC DBXIN
Offset cancel Feedback filter
DC : 2.4V
5k
Ω
11
12
PCDETSPE
Spectral band RMS detect
DC : 2.3V
12
200
Ω
1k
Ω
13
PCTIMSPE
dbx spectral detect
DC : 2.4V
5k
Ω
13
14
PCTNWID
Wide band RMS detect
DC : 2.4V
14
200
Ω
1k
Ω
15
PCSPECIN
dbx main signal V/I convert filter
DC : 2.4V
10k
Ω
15
16
PC_KE6B
Offset cancel filter
DC : 2.4V
AC : 220mVp-p
500
Ω
250
Ω
500
Ω
16
Continued on next page
0V
5V
0V
5V




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl