Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3019TT1 Datasheet(PDF) 1 Page - WILLAS ELECTRONIC CORP

Part # 2SK3019TT1
Description  SOT-523 Plastic-Enc apsulate MOSFETS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

2SK3019TT1 Datasheet(HTML) 1 Page - WILLAS ELECTRONIC CORP

  2SK3019TT1 Datasheet HTML 1Page - WILLAS ELECTRONIC CORP 2SK3019TT1 Datasheet HTML 2Page - WILLAS ELECTRONIC CORP 2SK3019TT1 Datasheet HTML 3Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SOT-523 Plastic-Encapsulate MOSFETS
N-channel MOSFET
FEATURES
Low on-resistance
Fast switching speed
Low voltage drive makes this device ideal for portable equipment
Easily designed drive circuits
Easy to parallel
Marking: KN
Equivalent circuit
MOSFET MAXIMUM RATINGS (Ta = 25°C unless otherwise noted)
Symbol Parameter
Value
Units
VDS
Drain-Source Voltage
30
V
VGSS
Gate-Source Voltage
±20
V
ID
Continuous Drain Current
0.1
A
PD
Power Dissipation
0.15
W
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
MOSFET ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Off Characteristics
Drain-Source Breakdown Voltage
VDS
VGS = 0V, ID = 10µA
30
V
Zero Gate Voltage Drain Current
IDSS
VDS =30V,VGS = 0V
1
µA
Gate –Source leakage current
IGSS
VGS =±20V, VDS = 0V
±1
µA
Gate Threshold Voltage
VGS(th)
VDS = 3V, ID =100µA
0.8
1.5
V
VGS = 4V, ID =10mA
8
Drain-Source On-Resistance
RDS(on)
VGS =2.5V,ID =1mA
13
Forward Transconductance
gFS
VDS =3V, ID = 10mA
20
mS
Dynamic Characteristics*
Input Capacitance
Ciss
13
pF
Output Capacitance
Coss
9
pF
Reverse Transfer Capacitance
Crss
VDS =5V,VGS =0V,f =1MHz
4
pF
Switching Characteristics*
Turn-On Delay Time
td(on)
15
ns
Rise Time
tr
35
ns
Turn-Off Delay Time
td(off)
80
ns
Fall Time
tf
VGS =5V, VDD =5V,
ID =10mA, Rg=10Ω, RL=500Ω,
80
ns
SOT-523
1. GATE
2. SOURCE
3. DRAIN
RθJA
Thermal Resistance, Junction-to-Ambient
833
℃ /W
* These parameters have no way to verify.
1
2012-0
WILLAS ELECTRONIC CORP.
2SK3019TT1
Features
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
Low power loss, high efficiency.
High current capability, low forward voltage drop.
High surge capability.
Guardring for overvoltage protection.
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Package outline
Mechanical data
Epoxy : UL94-V0 rated flame retardant
Case : Molded plastic, SOD-123H
Terminals :Plated terminals, solderable per MIL-STD-750
,
Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : Approximated 0.011 gram
0.146(3.7)
0.130(3.3)
0.012(0.3) Typ.
0.071(1.8)
0.056(1.4)
0.040(1.0)
0.024(0.6)
0.031(0.8) Typ.
0.031(0.8) Typ.
Dimensions in inches and (millimeters)
SOD-123H
Pb Free Product
1.0A SURFACE MOUNT SCHOTTKY
SOD-123
PACKAGE
WILLAS
BARRIER RECTIFIERS -20V- 200V
FM120-M
THRU
FM1200-M
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
WILLAS ELECTRONIC CORP.
201
2-06
 
RATINGS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Marking Code
12
13
14
15
16
18
10
115
120
Maximum Recurrent Peak Reverse Voltage
VRRM
Maximum RMS Voltage
VRMS
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
150
200
14
21
28
35
42
56
70
105
140
20
30
40
50
60
80
100
150
200
Volts
Volts
Volts
Maximum Average Forward Rectified Current
 
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IO
 
IFSM
1.0
 
30
Amps
 
Amps
Typical Thermal Resistance (Note 2)
RΘJA
Typical Junction Capacitance (Note 1)
CJ
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
 
 
-55 to +125
40
120
 
- 65 to +175
 
 
-55 to +150
℃/W
PF
 
CHARACTERISTICS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Maximum Forward Voltage at 1.0A DC
VF
0.50
0.70
0.85
0.9
0.92
Volts
@TA=25℃
0.5
Maximum Average Reverse Current at
Rated DC Blocking Voltage
@TA=125℃
IR
10
 
mAmps
 
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Thermal Resistance From Junction to Ambient
 
 
RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"
Pb-Free package is available
RoHS product for packing code suffix ”G”
Halogen free product for packing code suffix “H”


Similar Part No. - 2SK3019TT1

ManufacturerPart #DatasheetDescription
logo
Rohm
2SK3019TL ROHM-2SK3019TL Datasheet
78Kb / 4P
   2.5V Drive Nch MOS FET
More results

Similar Description - 2SK3019TT1

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
MTN5003T DGNJDZ-MTN5003T Datasheet
1Mb / 5P
   SOT-523 Plastic-Encapsulate MOSFETS
logo
Shanghai Leiditech Elec...
2N7002KT LEIDITECH-2N7002KT Datasheet
1Mb / 3P
   SOT-523 Plastic-Encapsulate Mosfets
logo
Nanjing International G...
BSS138WT DGNJDZ-BSS138WT Datasheet
1Mb / 5P
   SOT-523 Plastic-Encapsulate MOSFETS
logo
SHIKUES Electronics
SK2301AAT SKTECHNOLGY-SK2301AAT Datasheet
778Kb / 4P
   SOT-523 Plastic-Encapsulate MOSFETS
SK2302AAT SKTECHNOLGY-SK2302AAT Datasheet
592Kb / 4P
   SOT-523 Plastic-Encapsulate MOSFETS
logo
Tiger Electronic Co.,Lt...
2N7002T TGS-2N7002T Datasheet
1Mb / 5P
   SOT-523 Plastic-Encapsulate MOSFETS
logo
WILLAS ELECTRONIC CORP
2N7002T WILLAS-2N7002T Datasheet
359Kb / 2P
   SOT-523 Plastic-Encapsulate MOSFETS
logo
Nanjing International G...
2N7002T DGNJDZ-2N7002T Datasheet
2Mb / 5P
   SOT-523 Plastic-Encapsulate MOSFETS
logo
ZP Semiconductor
CJ4153 ZPSEMI-CJ4153 Datasheet
685Kb / 2P
   SOT-523 Plastic-Encapsulate MOSFETS
CJ1012 ZPSEMI-CJ1012 Datasheet
1Mb / 3P
   SOT-523 Plastic-Encapsulate MOSFETS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com