Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE24CB642MC Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LE24CB642MC
Description  Two Wire Serial Interface EEPROM(64k EEPROM)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE24CB642MC Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LE24CB642MC Datasheet HTML 6Page - Sanyo Semicon Device LE24CB642MC Datasheet HTML 7Page - Sanyo Semicon Device LE24CB642MC Datasheet HTML 8Page - Sanyo Semicon Device LE24CB642MC Datasheet HTML 9Page - Sanyo Semicon Device LE24CB642MC Datasheet HTML 10Page - Sanyo Semicon Device LE24CB642MC Datasheet HTML 11Page - Sanyo Semicon Device LE24CB642MC Datasheet HTML 12Page - Sanyo Semicon Device LE24CB642MC Datasheet HTML 13Page - Sanyo Semicon Device LE24CB642MC Datasheet HTML 14Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
LE24CB642MC
No.2090-10/14
7 EEPROM read operations
7-1. Current address reading
The address equivalent to the memory address accessed last +1 is held as the internal address of the EEPROM for
both write* and read operations. Therefore, provided that the master device has recognized the position of the
EEPROM address pointer, data can be read from the memory address with the current address pointer without
specifying the word address.
As with writing, current address reading involves receiving the 7-bit device address and read command code “1”
following the start condition, at which time the EEPROM generates an acknowledge signal. After this, the 8-bit data
of the (n+1) address is output serially starting with the highest bits. After the 8 bits have been output, by not sending
an acknowledge signal and inputting the stop condition, the EEPROM completes the read operation and is set to
standby mode.
If the previous read address is the last address, the address for the current address reading is rolled over to become
address 0.
*: If the write data is 1 or more bytes but less than 32 bytes, the current address after page writing is the address
equivalent to the number of bytes to be written in the specified word address +1. If the write data is 32 or more bytes,
it is the designated word address. If the last address (A4-A0=11111b) on the page has been designated by byte write
as the word address, the first address (A4-A0=0000b) on the page serves as the internal address after writing.
7-2. Random read
Random read is a mode in which a selected memory address is specified and its data is read. The address is specified
by a dummy write input.
First, when the EEPROM receives the 7-bit device address and write command code "0" following the start condition,
it generates an acknowledge signal. It then receives 4-bit don’t-care bits and a 12-bit word address and generates an
acknowledge signal. These operations are used to load the word address to the address counter in the EEPROM.
Next, the start condition is input again, and the current read is performed. This generates the word address data that
was input using the dummy write input. After the data is generated, if the stop condition is input without the input of
an acknowledge signal, reading is completed, and standby mode is established.
SDA
1 0 1 0
R
R/W
ACK
Device Address
NO ACK
D7 D6 D5 D4 D3 D2 D1 D0
Data(n+1 address)
S1
S2
S0
SDA
1 0 1 0
A
10
A9 A8
W
R/W
ACK
Word address(n)
S2 S1 S0
*
ACK
D7 D6
D1 D0
Data(n)
NO ACK
1 0 1 0
R
Device Address
Device Address
R/W
ACK
Dummy Write
Current Read
A7 A6 A5 A4 A3 A2 A1 A0
ACK
ACK
A
11
A
12
**
S2 S1 S0
* : Don’t care bit


Similar Part No. - LE24CB642MC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE24CB642 SANYO-LE24CB642 Datasheet
100Kb / 12P
   CMOS IC Two Wire Serial Interface EEPROM(64k EEPROM)
LE24CB642 SANYO-LE24CB642 Datasheet
134Kb / 12P
   Two Wire Serial Interface EEPROM (64k EEPROM)
LE24CB642 SANYO-LE24CB642_10 Datasheet
134Kb / 12P
   Two Wire Serial Interface EEPROM (64k EEPROM)
More results

Similar Description - LE24CB642MC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE24LB642M SANYO-LE24LB642M_10 Datasheet
129Kb / 12P
   Two Wire Serial Interface EEPROM (64k EEPROM)
LE24CB642 SANYO-LE24CB642_10 Datasheet
134Kb / 12P
   Two Wire Serial Interface EEPROM (64k EEPROM)
LE24LB642CS SANYO-LE24LB642CS_12 Datasheet
224Kb / 11P
   Two Wire Serial Interface EEPROM (64k EEPROM)
logo
Renesas Technology Corp
R1EX24064ASAS0G RENESAS-R1EX24064ASAS0G Datasheet
400Kb / 18P
   Two-wire serial interface 64k EEPROM
logo
Sanyo Semicon Device
LE24LB642M SANYO-LE24LB642M Datasheet
106Kb / 12P
   CMOS IC Two Wire Serial Interface EEPROM (64k EEPROM)
LE24CB642 SANYO-LE24CB642 Datasheet
100Kb / 12P
   CMOS IC Two Wire Serial Interface EEPROM(64k EEPROM)
logo
Renesas Technology Corp
R1EV24064ASAS0I RENESAS-R1EV24064ASAS0I Datasheet
546Kb / 17P
   Two-wire serial interface 64k EEPROM Clock frequency
logo
E-CMOS Corporation
EC24C64C E-CMOS-EC24C64C Datasheet
590Kb / 17P
   64K bits Two-wire Serial EEPROM
logo
Sanyo Semicon Device
LE24512AQF SANYO-LE24512AQF Datasheet
952Kb / 14P
   Two Wire Serial Interface EEPROM (512k EEPROM)
LE24C042M SANYO-LE24C042M Datasheet
123Kb / 11P
   Two Wire Serial Interface EEPROM (4k EEPROM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com