Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA2090 Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # ENA2090
Description  Two Wire Serial Interface EEPROM(64k EEPROM)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA2090 Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button ENA2090 Datasheet HTML 5Page - Sanyo Semicon Device ENA2090 Datasheet HTML 6Page - Sanyo Semicon Device ENA2090 Datasheet HTML 7Page - Sanyo Semicon Device ENA2090 Datasheet HTML 8Page - Sanyo Semicon Device ENA2090 Datasheet HTML 9Page - Sanyo Semicon Device ENA2090 Datasheet HTML 10Page - Sanyo Semicon Device ENA2090 Datasheet HTML 11Page - Sanyo Semicon Device ENA2090 Datasheet HTML 12Page - Sanyo Semicon Device ENA2090 Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LE24CB642MC
No.2090-9/14
6-3. Acknowledge polling
Acknowledge polling is used to find out when the EEPROM internal write operation is completed. When the stop
condition is received and the EEPROM starts rewriting, all operations are prohibited, and no response can be given to
the signals sent by the master device. Therefore, in order to find out when the EEPROM internal write operation is
completed, the start condition, device address and write command code are sent from the master device to the
EEPROM (slave device), and the response of the slave device is detected.
In other words, if the slave device does not send the acknowledge signal, it means that the internal write operation is
in progress; conversely, if it does send the acknowledge signal, it means that the internal write operation has been
completed.
When codes are sent by the master device during acknowledge polling, if a write or random read is to be performed
next, the write command "0" is executed. If a current read or sequential read is to be performed next, the read
command "1" is executed. After the write command "0" is executed and ACK="L" is confirmed, the start
condition/stop condition is entered to cancel the command and change to standby mode.
SDA
1 0 1 0
W
R/W
NO ACK
1 0 1 0
W
R/W
NO ACK
1 0 1 0
W
R/W
ACK
Write timing
Writing end
Write timing
S1
S2
S0
S1
S2
S0
S1
S2
S0


Similar Part No. - ENA2090

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA2093 SANYO-ENA2093 Datasheet
366Kb / 15P
   1-channel Step-down Switching Regulator
ENA2094 SANYO-ENA2094 Datasheet
182Kb / 23P
   4M-bit (512K횞8) Serial Flash Memory
logo
ON Semiconductor
ENA2094 ONSEMI-ENA2094 Datasheet
157Kb / 23P
   Serial Flash Memory
July, 2013
logo
Sanyo Semicon Device
ENA2096 SANYO-ENA2096 Datasheet
171Kb / 22P
   4M-bit (512K횞8) Serial Flash Memory
logo
ON Semiconductor
ENA2096 ONSEMI-ENA2096 Datasheet
149Kb / 22P
   Serial Flash Memory
July, 2013
More results

Similar Description - ENA2090

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE24LB642M SANYO-LE24LB642M_10 Datasheet
129Kb / 12P
   Two Wire Serial Interface EEPROM (64k EEPROM)
LE24CB642 SANYO-LE24CB642_10 Datasheet
134Kb / 12P
   Two Wire Serial Interface EEPROM (64k EEPROM)
LE24LB642CS SANYO-LE24LB642CS_12 Datasheet
224Kb / 11P
   Two Wire Serial Interface EEPROM (64k EEPROM)
logo
Renesas Technology Corp
R1EX24064ASAS0G RENESAS-R1EX24064ASAS0G Datasheet
400Kb / 18P
   Two-wire serial interface 64k EEPROM
logo
Sanyo Semicon Device
LE24LB642M SANYO-LE24LB642M Datasheet
106Kb / 12P
   CMOS IC Two Wire Serial Interface EEPROM (64k EEPROM)
LE24CB642 SANYO-LE24CB642 Datasheet
100Kb / 12P
   CMOS IC Two Wire Serial Interface EEPROM(64k EEPROM)
logo
Renesas Technology Corp
R1EV24064ASAS0I RENESAS-R1EV24064ASAS0I Datasheet
546Kb / 17P
   Two-wire serial interface 64k EEPROM Clock frequency
logo
E-CMOS Corporation
EC24C64C E-CMOS-EC24C64C Datasheet
590Kb / 17P
   64K bits Two-wire Serial EEPROM
logo
Sanyo Semicon Device
LE24512AQF SANYO-LE24512AQF Datasheet
952Kb / 14P
   Two Wire Serial Interface EEPROM (512k EEPROM)
LE24C042M SANYO-LE24C042M Datasheet
123Kb / 11P
   Two Wire Serial Interface EEPROM (4k EEPROM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com