Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA2098 Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # ENA2098
Description  4M-bit (512K횞8) Serial Flash Memory
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA2098 Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button ENA2098 Datasheet HTML 6Page - Sanyo Semicon Device ENA2098 Datasheet HTML 7Page - Sanyo Semicon Device ENA2098 Datasheet HTML 8Page - Sanyo Semicon Device ENA2098 Datasheet HTML 9Page - Sanyo Semicon Device ENA2098 Datasheet HTML 10Page - Sanyo Semicon Device ENA2098 Datasheet HTML 11Page - Sanyo Semicon Device ENA2098 Datasheet HTML 12Page - Sanyo Semicon Device ENA2098 Datasheet HTML 13Page - Sanyo Semicon Device ENA2098 Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
LE25U40CMC
No.A2098-10/23
BP0, BP1, BP2, TB (Bits 2, 3, 4, 5)
Block protect BP0, BP1, BP2 and TB are status register bits that can be rewritten, and the memory space to be protected
can be set depending on these bits. For the setting conditions, refer to "Table 5 Protect level setting conditions".
BP0, BP1, and BP2 are used to select the protected area and TB to allocate the protected area to the higher-order
address area or lower-order address area.
Table 5 Protect Level Setting Conditions
Protect Level
Status Register Bits
Protected Area
TB
BP2
BP1
BP0
0 (Whole area unprotected)
X
0
0
0
None
T1 (Upper side 1/8 protected)
0
0
0
1
07FFFFh to 070000h
T2 (Upper side 1/4 protected)
0
0
1
0
07FFFFh to 060000h
T3 (Upper side 1/2 protected)
0
0
1
1
07FFFFh to 040000h
B1 (Lower side 1/8 protected)
1
1
0
1
00FFFFh to 000000h
B2 (Lower side 1/4 protected)
1
1
1
0
01FFFFh to 000000h
B3 (Lower side 1/2 protected)
1
1
1
1
03FFFFh to 000000h
4 (Whole area protected)
X
1
X
X
07FFFFh to 000000h
* Chip erase is enabled only when the protect level is 0.
SRWP (bit 7)
Status register write protect SRWP is the bit for protecting the status registers, and its information can be rewritten.
When SRWP is "1" and the logic level of the WP pin is low, the status register write command is ignored, and status
registers BP0, BP1, BP2, TB and SRWP are protected. When the logic level of the WP pin is high, the status registers
are not protected regardless of the SRWP state. The SRWP setting conditions are shown in "Table 6 SRWP setting
conditions".
Table 6 SRWP Setting Conditions
WP Pin
SRWP
Status Register Protect State
0
0
Unprotected
1
Protected
1
0
Unprotected
1
Unprotected
Bit 6 are reserved bits, and have no significance.


Similar Part No. - ENA2098

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA2098 ONSEMI-ENA2098 Datasheet
157Kb / 23P
   Serial Flash Memory
July, 2013
More results

Similar Description - ENA2098

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25FS406 SANYO-LE25FS406 Datasheet
204Kb / 22P
   4M-bit (512K횞8) Serial Flash Memory
LE25S40MB SANYO-LE25S40MB Datasheet
171Kb / 22P
   4M-bit (512K횞8) Serial Flash Memory
LE25U40CQH SANYO-LE25U40CQH Datasheet
182Kb / 23P
   4M-bit (512K횞8) Serial Flash Memory
LE25FU406B SANYO-LE25FU406B_10 Datasheet
198Kb / 21P
   4M-bit (512K횞8) Serial Flash Memory
LE25FU406B SANYO-LE25FU406B Datasheet
146Kb / 22P
   CMOS IC 4M-bit (512K횞8) Serial Flash Memory
LE25FW403A SANYO-LE25FW403A_11 Datasheet
155Kb / 18P
   4M-bit (512K횞8) Serial Flash Memory 30MHz SPI Bus
LE25FW418A SANYO-LE25FW418A Datasheet
324Kb / 27P
   4M-bit (512K횞8) Serial Flash Memory with High-Density Read Mode
logo
OKI electronic componet...
MSM9893L OKI-MSM9893L Datasheet
146Kb / 9P
   4M-bit Serial Voice Flash Memory
logo
Sanyo Semicon Device
LE25U40CQE SANYO-LE25U40CQE Datasheet
139Kb / 22P
   4M-bit (512K??) Serial Flash Memory
logo
ON Semiconductor
ENA2312 ONSEMI-ENA2312 Datasheet
159Kb / 23P
   4M-bit (512K x 8) Serial Flash Memory
April, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com