Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE25U40CQH Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LE25U40CQH
Description  4M-bit (512K횞8) Serial Flash Memory
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE25U40CQH Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LE25U40CQH Datasheet HTML 1Page - Sanyo Semicon Device LE25U40CQH Datasheet HTML 2Page - Sanyo Semicon Device LE25U40CQH Datasheet HTML 3Page - Sanyo Semicon Device LE25U40CQH Datasheet HTML 4Page - Sanyo Semicon Device LE25U40CQH Datasheet HTML 5Page - Sanyo Semicon Device LE25U40CQH Datasheet HTML 6Page - Sanyo Semicon Device LE25U40CQH Datasheet HTML 7Page - Sanyo Semicon Device LE25U40CQH Datasheet HTML 8Page - Sanyo Semicon Device LE25U40CQH Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
LE25U40CQH
No.A2094
-3/23
Figure 2 Block Diagram
Table 1 Pin Description
Symbol
Pin Name
Description
SCK
Serial clock
This pin controls the data input/output timing.
The input data and addresses are latched synchronized to the rising edge of the serial clock, and the data is
output synchronized to the falling edge of the serial clock.
SI/SIO0
Serial data input
/ Serial data input output
The data and addresses are input from this pin, and latched internally synchronized to the rising edge of the
serial clock. It changes into the output pin at Dual Output and it changes into the input output pin at Dual I/O.
SO/SIO1
Serial data input
/ Serial data input output
The data stored inside the device is output from this pin synchronized to the falling edge of the serial clock.
It changes into the output pin at Dual Output and it changes into the input output pin at Dual I/O.
CS
Chip select
The device becomes active when the logic level of this pin is low; it is deselected and placed in standby
status when the logic level of the pin is high.
WP
Write protect
The status register write protect (SRWP) takes effect when the logic level of this pin is low.
HOLD
Hold
Serial communication is suspended when the logic level of this pin is low.
VDD
Power supply
This pin supplies the 2.3 to 3.6V supply voltage.
VSS
Ground
This pin supplies the 0V supply voltage.
4M Bit
Flash EEPROM
Cell Array
Y-DECODER
I/O BUFFERS
&
DATA LATCHES
CS
SCK
SI/SIO0
HOLD
WP
SO/SIO1
X-
DECODER
ADDRESS
BUFFERS
&
LATCHES
SERIAL INTERFACE
CONTROL
LOGIC


Similar Part No. - LE25U40CQH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LE25U40CQH ONSEMI-LE25U40CQH Datasheet
234Kb / 23P
   Serial Flash Memory 4 Mb
February 2017 - Rev. 1
LE25U40CQH-AH ONSEMI-LE25U40CQH-AH Datasheet
234Kb / 23P
   Serial Flash Memory 4 Mb
February 2017 - Rev. 1
More results

Similar Description - LE25U40CQH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25U40CMC SANYO-LE25U40CMC Datasheet
180Kb / 23P
   4M-bit (512K횞8) Serial Flash Memory
LE25FS406 SANYO-LE25FS406 Datasheet
204Kb / 22P
   4M-bit (512K횞8) Serial Flash Memory
LE25S40MB SANYO-LE25S40MB Datasheet
171Kb / 22P
   4M-bit (512K횞8) Serial Flash Memory
LE25FU406B SANYO-LE25FU406B_10 Datasheet
198Kb / 21P
   4M-bit (512K횞8) Serial Flash Memory
LE25FU406B SANYO-LE25FU406B Datasheet
146Kb / 22P
   CMOS IC 4M-bit (512K횞8) Serial Flash Memory
LE25FW403A SANYO-LE25FW403A_11 Datasheet
155Kb / 18P
   4M-bit (512K횞8) Serial Flash Memory 30MHz SPI Bus
LE25FW418A SANYO-LE25FW418A Datasheet
324Kb / 27P
   4M-bit (512K횞8) Serial Flash Memory with High-Density Read Mode
logo
OKI electronic componet...
MSM9893L OKI-MSM9893L Datasheet
146Kb / 9P
   4M-bit Serial Voice Flash Memory
logo
Sanyo Semicon Device
LE25U40CQE SANYO-LE25U40CQE Datasheet
139Kb / 22P
   4M-bit (512K??) Serial Flash Memory
logo
ON Semiconductor
ENA2312 ONSEMI-ENA2312 Datasheet
159Kb / 23P
   4M-bit (512K x 8) Serial Flash Memory
April, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com