Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA1381A Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # ENA1381A
Description  N-Channel IGBT Light-Controlling Flash Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1381A Datasheet(HTML) 3 Page - Sanyo Semicon Device

  ENA1381A Datasheet HTML 1Page - Sanyo Semicon Device ENA1381A Datasheet HTML 2Page - Sanyo Semicon Device ENA1381A Datasheet HTML 3Page - Sanyo Semicon Device ENA1381A Datasheet HTML 4Page - Sanyo Semicon Device ENA1381A Datasheet HTML 5Page - Sanyo Semicon Device ENA1381A Datasheet HTML 6Page - Sanyo Semicon Device ENA1381A Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TIG058E8
No. A1381-3/7
Case Temperature, Tc -- °C
VGE(off) -- Tc
VCE -- VGE
Gate-to-Emitter Voltage, VGE -- V
Case Temperature, Tc -- °C
VCE(sat) -- Tc
VCE -- VGE
Gate-to-Emitter Voltage, VGE -- V
VCE -- VGE
Gate-to-Emitter Voltage, VGE -- V
Collector-to-Emitter Voltage, VCE -- V
Cies, Coes, Cres -- VCE
130A
IT14286
050
75
100
125
150
25
--25
--50
6
5
8
7
9
10
11
12
4
3
2
I C=150A
VGE=4V
4
3
2
IT14283
1
11
10
9
8
7
6
5
23456
130A
100A
Tc= --25°C
IC=150A
4
3
2
IT14284
1
11
10
9
8
7
6
5
23456
130A
100A
Tc=25°C
IC=150A
4
3
2
IT14285
1
11
10
9
8
7
6
5
23456
130A
100A
Tc=75°C
IC=150A
100A
IT14287
0
50
75
100
125
150
25
--25
--50
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
016
18
20
68
412
14
10
2
10
100
7
7
5
3
2
1000
7
5
3
2
5
3
2
IT14288
Cies
Coes
Cres
f=1MHz
SW Time -- RG
SW Time -- ICP
Collector Current (Pulse), ICP -- A
Gate Series Resistance, RG -- Ω
23
5
7
3
2
100
IT14289
1000
7
3
2
7
5
5
3
2
7
100
tr
td(off)
td(on)
Test circuit Fig.1
VGE=4V
VCC=320V
RG=270Ω
CM=150μF
PW=50μs
tf
23
5
7
3
2
100
57
1000
IT14290
1000
7
7
5
3
5
2
3
100
7
5
3
2
tr
td(of
f)
td(on)
t f
Test circuit Fig.1
VGE=4V
VCC=320V
ICP=150A
CM=150μF
PW=50μs


Similar Part No. - ENA1381A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1380 ONSEMI-ENA1380 Datasheet
178Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.0
logo
Sanyo Semicon Device
ENA1382B SANYO-ENA1382B Datasheet
129Kb / 6P
   2ch Forward/Reverse Motor Driver
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
logo
Sanyo Semicon Device
ENA1387A SANYO-ENA1387A Datasheet
421Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - ENA1381A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TIG064E8 SANYO-TIG064E8 Datasheet
341Kb / 5P
   N-Channel IGBT Light-Controlling Flash Applications
TIG052TS SANYO-TIG052TS Datasheet
55Kb / 5P
   N-Channel IGBT Light-Controlling Flash Applications
TIG030TS SANYO-TIG030TS Datasheet
51Kb / 4P
   N-Channel IGBT Light-Controlling Flash Applications
TIG032TS SANYO-TIG032TS Datasheet
55Kb / 5P
   N-Channel IGBT Light-Controlling Flash Applications
TIG065E8 SANYO-TIG065E8_12 Datasheet
188Kb / 8P
   N-Channel IGBT Light-Controlling Flash Applications
TIG066SS SANYO-TIG066SS Datasheet
483Kb / 6P
   Light-Controlling Flash Applications
TIG058E8 SANYO-TIG058E8 Datasheet
338Kb / 5P
   Light-Controlling Flash Applications
TIG065E8 SANYO-TIG065E8 Datasheet
136Kb / 6P
   Light-Controlling Flash Applications
TIG062E8 SANYO-TIG062E8 Datasheet
339Kb / 5P
   Light-Controlling Flash Applications
TIG062E8_0910 SANYO-TIG062E8_0910 Datasheet
352Kb / 5P
   Light-Controlling Flash Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com