Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACD-515DHTT-A2-1010 Datasheet(PDF) 2 Page - AAEON Technology

Part # ACD-515DHTT-A2-1010
Description  15.6??WXGA Infotainment Multi-Touch Display
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

ACD-515DHTT-A2-1010 Datasheet(HTML) 2 Page - AAEON Technology

  ACD-515DHTT-A2-1010 Datasheet HTML 1Page - AAEON Technology ACD-515DHTT-A2-1010 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
07-14
Dimension
Unit: mm
Optional Accessories
ACD-515D
1700151806
VGA Cable, 180cm
1709051000
Mini-USB to USB Type A for Touch Screen
1700091800
DB-9, 180cm, RS-232 For Touch Screen
Ordering Information
ACD-515DHTT-A2-1010
15.6” Infotainment Multi-Touch Display


Similar Part No. - ACD-515DHTT-A2-1010

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
ACD-515R AAEON-ACD-515R Datasheet
323Kb / 2P
   15.6??WXGA Infotainment Touch Display With Remote Display Technology
ACD-515RHT-A1-1010 AAEON-ACD-515RHT-A1-1010 Datasheet
323Kb / 2P
   15.6??WXGA Infotainment Touch Display With Remote Display Technology
ACD-515RHTT-A2-1010 AAEON-ACD-515RHTT-A2-1010 Datasheet
323Kb / 2P
   15.6??WXGA Infotainment Touch Display With Remote Display Technology
More results

Similar Description - ACD-515DHTT-A2-1010

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
ACD-515R AAEON-ACD-515R Datasheet
323Kb / 2P
   15.6??WXGA Infotainment Touch Display With Remote Display Technology
ACD-518D AAEON-ACD-518D Datasheet
325Kb / 2P
   18.5??WXGA Infotainment Multi-Touch Display
ACD-518R AAEON-ACD-518R Datasheet
298Kb / 2P
   18.5??WXGA Infotainment Touch Display With Remote Display Technology
logo
Axiomtek Co., Ltd.
GOT3157W-881-PCT AXIOMTEK-GOT3157W-881-PCT_17 Datasheet
510Kb / 2P
   15.6 WXGA TFT Fanless Multi-touch Panel Computer with LGA1150 Socket
GOT5153W-845 AXIOMTEK-GOT5153W-845 Datasheet
541Kb / 2P
   15.6 WXGA TFT Fanless Touch Panel Computer
GOT3157W-834-PCT AXIOMTEK-GOT3157W-834-PCT_17 Datasheet
494Kb / 2P
   15.6 WXGA TFT Fanless Multi-touch Panel Computer with Intel Celeron
GOT315WL-845 AXIOMTEK-GOT315WL-845 Datasheet
439Kb / 2P
   15.6 WXGA TFT Multi-touch Panel Computer with Intel짰 Pentium짰 Processor
logo
Advantech Co., Ltd.
IDK-1115WP ADVANTECH-IDK-1115WP Datasheet
544Kb / 3P
   15.6 WXGA/Full HD Industrial Display kit with PCT Touch Solution
10-Mar-2022
logo
Axiomtek Co., Ltd.
GOT3157W-111-PCT AXIOMTEK-GOT3157W-111-PCT_17 Datasheet
463Kb / 2P
   15.6 WXGA TFT Fanless Multi-touch Panel Computer with AMD G-series
MPC153-834 AXIOMTEK-MPC153-834_17 Datasheet
390Kb / 2P
   15.6 WXGA TFT Medical Grade Fanless Touch Panel Computer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com