Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSS138WT1 Datasheet(PDF) 4 Page - WILLAS ELECTRONIC CORP

Part # BSS138WT1
Description  200 mAmps, 50 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

BSS138WT1 Datasheet(HTML) 4 Page - WILLAS ELECTRONIC CORP

  BSS138WT1 Datasheet HTML 1Page - WILLAS ELECTRONIC CORP BSS138WT1 Datasheet HTML 2Page - WILLAS ELECTRONIC CORP BSS138WT1 Datasheet HTML 3Page - WILLAS ELECTRONIC CORP BSS138WT1 Datasheet HTML 4Page - WILLAS ELECTRONIC CORP BSS138WT1 Datasheet HTML 5Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 6. On–Resistance versus Drain Current
0
0.1
0.2
2
5
6
Figure 7. On–Resistance versus Drain Current
ID, DRAIN CURRENT (AMPS)
Figure 8. On–Resistance versus Drain Current
0.001
0.1
1
Figure 9. On–Resistance versus Drain Current
VSD, DIODE FORWARD VOLTAGE (VOLTS)
Figure 10. Body Diode Forward Voltage
25°C
VGS = 2.5 V
TJ = 150°C
4
0
0.2
0.4
0.6
3
0.01
-55°C
25°C
0.8
0
0.1
0.2
1
7
ID, DRAIN CURRENT (AMPS)
VGS = 2.75 V
5
3
0
120
40
0
80
510
Ciss
15
0.05
0.15
0.25
150°C
-55°C
6
8
4
2
0.05
0.15
0.25
20
1.0
1.2
150°C
25°C
-55°C
8
9
7
100
20
60
Figure 11. Capacitance
0
0.2
0.4
0.05
1
2.5
3
ID, DRAIN CURRENT (AMPS)
25°C
VGS = 4.5 V
2
1.5
0
0.2
0.4
0.05
1
4
ID, DRAIN CURRENT (AMPS)
VGS = 10 V
3
2
0.1
0.3
0.5
150°C
-55°C
3.5
4.5
2.5
1.5
0.1
0.3
0.5
150°C
25°C
-55°C
4
4.5
3.5
10
1
0.25
0.45
0.15
0.35
5
5.5
6
0.25
0.45
0.15
0.35
25
Coss
Crss
2012-0
WILLAS ELECTRONIC CORP.
Power MOSFET 200 mAmps, 50 Volts
BSS138WT1
Features
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
Low power loss, high efficiency.
High current capability, low forward voltage drop.
High surge capability.
Guardring for overvoltage protection.
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Package outline
Mechanical data
Epoxy : UL94-V0 rated flame retardant
Case : Molded plastic, SOD-123H
Terminals :Plated terminals, solderable per MIL-STD-750
,
Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : Approximated 0.011 gram
0.146(3.7)
0.130(3.3)
0.012(0.3) Typ.
0.071(1.8)
0.056(1.4)
0.040(1.0)
0.024(0.6)
0.031(0.8) Typ.
0.031(0.8) Typ.
Dimensions in inches and (millimeters)
SOD-123H
Pb Free Product
1.0A SURFACE MOUNT SCHOTTKY
SOD-123
PACKAGE
WILLAS
BARRIER RECTIFIERS -20V- 200V
FM120-M
THRU
FM1200-M
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
WILLAS ELECTRONIC CORP.
201
2-06
 
RATINGS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Marking Code
12
13
14
15
16
18
10
115
120
Maximum Recurrent Peak Reverse Voltage
VRRM
Maximum RMS Voltage
VRMS
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
150
200
14
21
28
35
42
56
70
105
140
20
30
40
50
60
80
100
150
200
Volts
Volts
Volts
Maximum Average Forward Rectified Current
 
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IO
 
IFSM
1.0
 
30
Amps
 
Amps
Typical Thermal Resistance (Note 2)
RΘJA
Typical Junction Capacitance (Note 1)
CJ
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
 
 
-55 to +125
40
120
 
- 65 to +175
 
 
-55 to +150
℃/W
PF
 
CHARACTERISTICS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Maximum Forward Voltage at 1.0A DC
VF
0.50
0.70
0.85
0.9
0.92
Volts
@TA=25℃
0.5
Maximum Average Reverse Current at
Rated DC Blocking Voltage
@TA=125℃
IR
10
 
mAmps
 
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Thermal Resistance From Junction to Ambient
 
 
RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"


Similar Part No. - BSS138WT1

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
BSS138WT DGNJDZ-BSS138WT Datasheet
1Mb / 5P
   SOT-523 Plastic-Encapsulate MOSFETS
More results

Similar Description - BSS138WT1

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK138-AB FS-FTK138-AB Datasheet
585Kb / 4P
   POWER MOSFET 200 mAmps, 50 Volts
2022. 04. 28 Revision No : 0
FTK138D FS-FTK138D Datasheet
417Kb / 5P
   POWER MOSPET 200 mAmps, 50 Volts
logo
WILLAS ELECTRONIC CORP
BSS138LT1 WILLAS-BSS138LT1 Datasheet
334Kb / 5P
   Power MOSFET 200 mAmps, 50 Volts
logo
Leshan Radio Company
LBSS138WT1G LRC-LBSS138WT1G Datasheet
371Kb / 8P
   Power MOSFET 200 mAmps, 50 Volts
logo
First Silicon Co., Ltd
FTK138 FS-FTK138 Datasheet
216Kb / 5P
   POWER MOSFET 200 mAmps, 50 Volts
logo
WILLAS ELECTRONIC CORP
BSS84LT1 WILLAS-BSS84LT1 Datasheet
324Kb / 4P
   130 mAmps, 50 Volts
BSS84WT1 WILLAS-BSS84WT1 Datasheet
318Kb / 4P
   130 mAmps, 50 Volts
logo
Shanghai Leiditech Elec...
LBSS138LT1G LEIDITECH-LBSS138LT1G Datasheet
938Kb / 6P
   Power MOSFET 200 mAmps, 50 Volts N?밅hannel SOT-23
logo
Leshan Radio Company
LBSS139WT1G LRC-LBSS139WT1G Datasheet
539Kb / 5P
   Power MOSFET 200 mAmps, 50 Volts N?밅hannel SC??0
LBSS138LT1 LRC-LBSS138LT1 Datasheet
171Kb / 5P
   Power MOSFET 200 mAmps, 50 Volts N-hannel SOT-3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com