Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0322020.HXP Datasheet(PDF) 1 Page - Littelfuse

Part # 0322020.HXP
Description  322/332 Series Lead-free 3AB, Very Fast-acting Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0322020.HXP Datasheet(HTML) 1 Page - Littelfuse

  0322020.HXP Datasheet HTML 1Page - Littelfuse 0322020.HXP Datasheet HTML 2Page - Littelfuse 0322020.HXP Datasheet HTML 3Page - Littelfuse 0322020.HXP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
325
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
322 Series
3AB > Very Fast-Acting > 322 Series
Please refer to www.littelfuse.com/series/322.html for current information.
322/332 Series Lead-free 3AB, Very Fast-acting Fuse
Agency Approvals
Features
Applications
Agency
Agency File Number
Ampere Range
E10480
12A - 30A
E10480
1A - 10A
PS
E
NBK080306-
JP1021A/B
1A - 10A
1A - 30A
Electrical Characteristics for Series
The 3AB Very Fast-Acting Fuse for protection of Silicon
Controlled Rectifiers and similar solid-state devices.
% of Ampere
Rating
Ampere Rating
OpeningTime
100%
1 – 30
4 hours, Minimum
250%
1 – 10
.2 second, Maximum
12 – 30
1 sec.ond, Maximum.
Amp Code
Ampere
Rating
(A)
Voltage
Rating
(V)
Interrupting
Rating
Nominal Cold
Resistance
(Ohms)
Nominal
Melting
I2t (A2 sec)
Agency Approvals
PS
E
001.
1
250
100A@250Vac
100A@125Vdc
200A@72Vdc
0.0927
0.100
x
x
x
1.25
1.25
250
0.0804
0.156
x
x
x
002.
2
250
0.0416
0.560
x
x
x
003.
3
250
0.0245
1.890
x
x
x
004.
4
250
0.0179
3.360
x
x
x
005.
5
250
0.0128
6.250
x
x
x
006.
6
250
0.0117
8.208
x
x
x
007.
7
250
0.0108
10.58
x
x
x
008.
8
250
0.0088
16.45
x
x
x
009.
9
250
0.0077
20.66
x
x
x
010.
10
250
0.0073
24.0
x
x
x
012.
12
65
200A@65Vac
1000A@65Vdc
0.0515
60.0
x
x
015.
15
65
0.0043
90.0
x
x
020.
20
65
0.0034
192.0
x
x
025.*
25
65
0.0029
325.0
x
x
030.*
30
65
0.0023
540.0
x
x
Electrical Characteristic Specifications by Item
* Ratings from 1A to 10A are available for 332 series
* Ratings from 12A to 30A are available for 322 series, these ratings are RoHS compliant version.
Standard 248-14
format only
utilization equipment to provide individual protection for
components or internal circuits.
PS
E
Description
Revised: September 9, 2010


Similar Part No. - 0322020.HXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0322020.H LITTELFUSE-0322020.H Datasheet
30Kb / 1P
   Axial Lead and Cartridge Fuses
0322020.H-ND LITTELFUSE-0322020.H-ND Datasheet
30Kb / 1P
   Axial Lead and Cartridge Fuses
More results

Similar Description - 0322020.HXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
322 LITTELFUSE-322 Datasheet
1Mb / 3P
   322/332 Series Lead-free 3AB, Very Fast-acting Fuse
0314.125HXP LITTELFUSE-0314.125HXP Datasheet
191Kb / 3P
   314/324 Series Lead-free 3AB, Fast-acting Fuse
508 LITTELFUSE-508 Datasheet
584Kb / 3P
   Lead-Free 3AB Fuse
467 LITTELFUSE-467 Datasheet
124Kb / 2P
   SlimLine Lead-Free 0603 Very Fast-Acting Fuse 467 Series
0314.125H LITTELFUSE-0314.125H Datasheet
57Kb / 1P
   3AB Fast-Acting Fuse 314/324 Series
0208.125DRT1P LITTELFUSE-0208.125DRT1P Datasheet
198Kb / 4P
   208 Series Lead-Free 2AG, Fast-Acting Fuse
2206 LITTELFUSE-2206 Datasheet
682Kb / 3P
   2206 Series, Lead-Free 2AG, Fast-Acting Fuse
0312.010V LITTELFUSE-0312.010V Datasheet
197Kb / 4P
   312/318 Series Lead-Free 3AG, Fast-Acting Fuse
0505015.MXEP LITTELFUSE-0505015.MXEP Datasheet
176Kb / 3P
   Axial Lead & Cartridge Fuses 3AB > Fast-Acting > 505 Series
0505015.MXP LITTELFUSE-0505015.MXP Datasheet
176Kb / 3P
   Axial Lead & Cartridge Fuses 3AB > Fast-Acting > 505 Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com