Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0322025.HXP Datasheet(PDF) 3 Page - Littelfuse

Part # 0322025.HXP
Description  322/332 Series Lead-free 3AB, Very Fast-acting Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0322025.HXP Datasheet(HTML) 3 Page - Littelfuse

  0322025.HXP Datasheet HTML 1Page - Littelfuse 0322025.HXP Datasheet HTML 2Page - Littelfuse 0322025.HXP Datasheet HTML 3Page - Littelfuse 0322025.HXP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
327
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
322 Series
3AB > Very Fast-Acting > 322 Series
Please refer to www.littelfuse.com/series/322.html for current information.
322 000P / 332 000P Series
6.35 (.25")
31.75
(1.25")
Dimensions
Packaging
Packaging Option
Packaging Specification
Quantity
Quantity &
Packaging Code
Reel Size
322Series
Bulk
N/A
1000
MX
N/A
Bulk
N/A
100
HX
N/A
332 Series
Bulk
N/A
100
HX
N/A
Bulk
N/A
1000
MX
N/A
Part Numbering System
0322
M X P
xxxx
Lead-free
Packaging Code
Quantity Code
Amp Code
Series
X = Filler
M = 1000
Refer to Amp Code column of
Electrical Characteristics Table


Similar Part No. - 0322025.HXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0322025.H LITTELFUSE-0322025.H Datasheet
30Kb / 1P
   Axial Lead and Cartridge Fuses
0322025.H-ND LITTELFUSE-0322025.H-ND Datasheet
30Kb / 1P
   Axial Lead and Cartridge Fuses
More results

Similar Description - 0322025.HXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
322 LITTELFUSE-322 Datasheet
1Mb / 3P
   322/332 Series Lead-free 3AB, Very Fast-acting Fuse
0314.125HXP LITTELFUSE-0314.125HXP Datasheet
191Kb / 3P
   314/324 Series Lead-free 3AB, Fast-acting Fuse
508 LITTELFUSE-508 Datasheet
584Kb / 3P
   Lead-Free 3AB Fuse
467 LITTELFUSE-467 Datasheet
124Kb / 2P
   SlimLine Lead-Free 0603 Very Fast-Acting Fuse 467 Series
0314.125H LITTELFUSE-0314.125H Datasheet
57Kb / 1P
   3AB Fast-Acting Fuse 314/324 Series
0208.125DRT1P LITTELFUSE-0208.125DRT1P Datasheet
198Kb / 4P
   208 Series Lead-Free 2AG, Fast-Acting Fuse
2206 LITTELFUSE-2206 Datasheet
682Kb / 3P
   2206 Series, Lead-Free 2AG, Fast-Acting Fuse
0312.010V LITTELFUSE-0312.010V Datasheet
197Kb / 4P
   312/318 Series Lead-Free 3AG, Fast-Acting Fuse
0505015.MXEP LITTELFUSE-0505015.MXEP Datasheet
176Kb / 3P
   Axial Lead & Cartridge Fuses 3AB > Fast-Acting > 505 Series
0505015.MXP LITTELFUSE-0505015.MXP Datasheet
176Kb / 3P
   Axial Lead & Cartridge Fuses 3AB > Fast-Acting > 505 Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com