Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD10265AZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD10265AZ
Description  Dual Channel, 12-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD10265AZ Datasheet(HTML) 3 Page - Analog Devices

  AD10265AZ Datasheet HTML 1Page - Analog Devices AD10265AZ Datasheet HTML 2Page - Analog Devices AD10265AZ Datasheet HTML 3Page - Analog Devices AD10265AZ Datasheet HTML 4Page - Analog Devices AD10265AZ Datasheet HTML 5Page - Analog Devices AD10265AZ Datasheet HTML 6Page - Analog Devices AD10265AZ Datasheet HTML 7Page - Analog Devices AD10265AZ Datasheet HTML 8Page - Analog Devices AD10265AZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Test
Mil
AD10265AZ
Parameter
Temp
Level
Subgroup
Min
Typ
Max
Units
SPURIOUS-FREE DYNAMIC RANGE
9
Analog Input @ 1.24 MHz
+25
°C
I
4
75
80
dBFS
Full
II
5, 6
75
80
dBFS
@ 17 MHz
+25
°C
I
4
72
80
dBFS
Full
II
5, 6
72
79
dBFS
@ 32 MHz
+25
°C
I
4
72
79
dBFS
Full
II
5, 6
72
79
dBFS
TWO-TONE IMD REJECTION
10
f1, f2 @ –7 dBFS
Full
II
4, 5, 6
72
80
dBc
CHANNEL-TO-CHANNEL ISOLATION
11
+25
°CIV
12
80
dB
LINEARITY
Differential Nonlinearity
(Encode = 20 MHz)
+25
°C
IV
12
–1.0
±0.5
1.5
LSB
Integral Nonlinearity
(Encode = 20 MHz)
Full
V
±1.25
LSB
DIGITAL OUTPUTS
Logic Compatibility
CMOS
Logic “1” Voltage
Full
I
1, 2, 3
2.8
DVCC – 0.2
V
Logic “0” Voltage
Full
I
1, 2, 3
0.2
0.5
V
Output Coding
Twos Complement
POWER SUPPLY
AVCC Supply Voltage
Full
VI
+5.0
V
I (AVCC) Current
Full
V
336
mA
AVEE Supply Voltage
Full
VI
–5.0
V
I (AVEE) Current
Full
V
66
mA
DVCC Supply Voltage
Full
VI
+3.3
V
I (DVCC) Current
Full
V
20
mA
ICC (Total) Supply Current
Full
I
1, 2, 3
422
520
mA
Power Dissipation (Total)
Full
I
1, 2, 3
2.1
2.4
W
Power Supply Rejection Ratio (PSRR)
Full
IV
7, 8
0.01
0.02
% FSR/% VS
NOTES
1Gain tests are performed on A
IN1 over specified input voltage range.
2Input capacitance specifications show only ceramic package capacitance.
3Full power bandwidth is the frequency at which the spectral power of the fundamental frequency (as determined by FFT analysis) is reduced by 3 dB.
4ENCODE driven by single-ended source;
ENCODE bypassed to ground through 0.01
µF capacitor.
5ENCODE may also be driven differentially in conjunction with
ENCODE; see “Encoding the AD10265” for details.
6Minimum and maximum conversion rates allow for variation in Encode Duty Cycle of 50%
± 5%.
7Analog Input signal power at –1 dBFS; signal-to-noise ratio (SNR) is the ratio of signal level to total noise (first 5 harmonics removed). Encode = 65 MSPS.
8Analog Input signal power at –1 dBFS; signal-to-noise and distortion (SINAD) is the ratio of signal level to total noise + harmonics. Encode = 65 MSPS.
9Analog Input signal equal –1 dBFS; SFDR is ratio of converter full scale to worst spur.
10Both input tones at –7 dBFS; two tone intermodulation distortion (IMD) rejection is the ratio of either tone to the worst 3rd order intermod product. f1 = 17.0 MHz
± 100 kHz, f 2 = 18.0 MHz ± 100 kHz.
11Channel-to-channel isolation tested with A channel/50 ohm terminated <A
IN2 grounded, and a full-scale signal applied to B channel (A IN1).
All specifications guaranteed within 100 ms of initial power up regardless of sequencing.
Specifications subject to change without notice.
AD10265
–3–
REV. 0


Similar Part No. - AD10265AZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD10265PCB AD-AD10265PCB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD10265 AD-AD10265_15 Datasheet
2Mb / 24P
   Dual Channel, 12-Bit, 65 MSPS A/D Converter
REV. A
More results

Similar Description - AD10265AZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD13465 AD-AD13465 Datasheet
1Mb / 20P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10465 AD-AD10465 Datasheet
2Mb / 20P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD13280 AD-AD13280 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10242 AD-AD10242 Datasheet
251Kb / 16P
   Dual, 12-Bit, 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning
REV. A
AD10200 AD-AD10200 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit 105 MSPS IF Sampling A/D Converter with Analog Input Signal Conditioning
REV. A
AD15452 AD-AD15452 Datasheet
340Kb / 16P
   12-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning
REV. 0
AD13280 AD-AD13280_15 Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD13280BF AD-AD13280BF Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD10265 AD-AD10265_15 Datasheet
2Mb / 24P
   Dual Channel, 12-Bit, 65 MSPS A/D Converter
REV. A
AD10200 AD-AD10200_17 Datasheet
1Mb / 20P
   A/D Converter with Analog Input Signal Conditioning
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com