Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF-BP-204SP-P3 Datasheet(PDF) 1 Page - AAEON Technology

Part # TF-BP-204SP-P3
Description  4-slot Industrial Wallmount IPC System, Half-size CPU Cards Support
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-BP-204SP-P3 Datasheet(HTML) 1 Page - AAEON Technology

  TF-BP-204SP-P3 Datasheet HTML 1Page - AAEON Technology TF-BP-204SP-P3 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Specifications
Note: All specifications are subject to change without notice.
04-43
04
High Performance Half-size CPU Cards and 4-slot
PISA/ISA Bus Passive Backplanes
Anti-vibration 3.5" Hard Disk Drive Bay x 1 and Front
Access 3.5" Floppy Disk Drive x 1 (or Slim CD-ROM/
Floppy Disk Drive)
12cm Ball Bearing Cooling Fan and Replaceable
Filter x 1
Supports Standard 1U Power Supply
Anti-Vibration Design for CPU Card
4-slot Industrial Wallmount IPC System, Half-size CPU Cards Support
System
Construction
Heavy-duty Steel
Storage
External:
Slim CD-ROM & Floppy Disk Drive x 1 or
3.5” Floppy Disk Drive x 1 (Front Accessible)
Internal:
3.5” Hard Disk Drive Bay
System Fan
12 cm Ball Bearing Fan with Removable Filter x 1 (Flow-in)
Front Panel
Power On/ Off Switch x 1, Reset x 1
Power LED x 1, IDE LED x 1
Rear Panel
USB x 2
COM x 2
Parallel x 1
Color
Gray
Dimension
6.4”(W) x 8.2”(H) x 10.0”(D)
(162.5mm x 207.5mm x 253.5mm)
Carton Size
15.04” (W) x 10.75” (H) x 14.37” (D)
(382mm x 273mm x 365mm)
Net Weight
12.8 lb (5.8kg)
Gross Weight
15.6 lb (7.1kg)
Environmental
Operating Temperature
32ºF ~ 122ºF (0ºC ~ 50ºC)
Storage Temperature
-4ºF ~ 140ºF (-20ºC~ 60ºC)
Operating Humidity
5 ~ 95%
Storage Humidity
5 ~ 95%@40ºC, non-condensing
Vibration
1G / 5 ~ 500Hz / random operation
Shock
15G peak acceleration (11 msec. duration)
12cm Ball Bearing Fan
Power Supply Inlet
COM x 2
USB2.0 x 2
Easily Replaced Filter
Parallel
Slim CD-ROM/ Floppy Disk Drive
AEC-204B


Similar Part No. - TF-BP-204SP-P3

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-BP-204SP-P3 AAEON-TF-BP-204SP-P3 Datasheet
339Kb / 2P
   6-Slot Wallmount Chassis, Half-Size CPU Cards Support
More results

Similar Description - TF-BP-204SP-P3

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AEC-204 AAEON-AEC-204 Datasheet
339Kb / 2P
   6-Slot Wallmount Chassis, Half-Size CPU Cards Support
AEC-206 AAEON-AEC-206 Datasheet
306Kb / 2P
   6-Slot Wallmount Chassis, Full-Size/ Half-Size CPU Cards Support
AMC-280B AAEON-AMC-280B Datasheet
327Kb / 2P
   8-Slot Wallmount Chassis, Full-Size/ Half-Size CPU Cards Support
AMC-262 AAEON-AMC-262 Datasheet
359Kb / 2P
   6-Slot Wallmount Chassis, Full-Size/ Half-Size Cards Support
AMC-263 AAEON-AMC-263 Datasheet
337Kb / 2P
   5-Slot Wallmount Chassis, Full-Size Cards Support
ARC-640 AAEON-ARC-640 Datasheet
319Kb / 2P
   4U 14-Slot Rackmount Chassis, Full-Size/ Half-Size CPU Cards Support
ARC-645 AAEON-ARC-645 Datasheet
337Kb / 2P
   4U 14-Slot Rackmount Chassis, Full-Size/ Half-Size CPU Cards Support
ARC-625 AAEON-ARC-625 Datasheet
334Kb / 2P
   2U 6-Slot Rackmount Chassis, Full-Size CPU Cards Support
AMC-280M AAEON-AMC-280M Datasheet
438Kb / 2P
   7-Slot Wallmount Chassis, Industrial Main Board Support
logo
BOSER Technology Co., L...
RC-140 BOSER-RC-140 Datasheet
144Kb / 1P
   Half-size Wallmount Chassis with 4-slot Backplane, 80W P/S Provides PICMG1.3 Half-size Backplane
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com