Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD13465 Datasheet(PDF) 3 Page - Analog Devices

Part # AD13465
Description  Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD13465 Datasheet(HTML) 3 Page - Analog Devices

  AD13465 Datasheet HTML 1Page - Analog Devices AD13465 Datasheet HTML 2Page - Analog Devices AD13465 Datasheet HTML 3Page - Analog Devices AD13465 Datasheet HTML 4Page - Analog Devices AD13465 Datasheet HTML 5Page - Analog Devices AD13465 Datasheet HTML 6Page - Analog Devices AD13465 Datasheet HTML 7Page - Analog Devices AD13465 Datasheet HTML 8Page - Analog Devices AD13465 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. 0
–3–
AD13465
Test
Mil Sub-
AD13465AZ/BZ
Parameter
Temp
Level
Group
Min
Typ
Max
Unit
SPURIOUS-FREE DYNAMIC RANGE
9
Analog Input @ 4.98 MHz
25
°C
V
85
dBFS
Analog Input @ 9.9 MHz
25
°C
I
4
80
86
dBFS
Full
II
5, 6
78
84
dBFS
Analog Input @ 21 MHz
25
°C
I
4
70
76
dBFS
Full
II
5, 6
69
74
dBFS
Analog Input @ 32 MHz
25
°C
V
63
dBFS
Full
V
62
dBFS
SINGLE-ENDED ANALOG INPUT
Pass Band Ripple to 10 MHz
25
°C
V
0.05
dB
Pass Band Ripple to 25 MHz
25
°C
V
0.1
dB
DIFFERENTIAL ANALOG INPUT
Pass Band Ripple to 10 MHz
25
°C
V
0.3
dB
Pass Band Ripple to 25 MHz
25
°C
V
0.82
dB
TWO-TONE IMD REJECTION
10
fIN = 9.1 MHz and 10.1 MHz
25
°C
I
4
77.5
82
dBc
f1 and f2 are –7 dB
Full
II
5, 6
76.5
80
fIN = 19.1 MHz and 20.7 MHz
25
°C
V
72
dBc
f1 and f2 are –7 dB
CHANNEL-TO-CHANNEL ISOLATION
11
25
°CIV
12
90
dB
TRANSIENT RESPONSE
25
°C
V
15.3
ns
DIGITAL OUTPUTS
12
Logic Compatibility
CMOS
DVCC = 3.3 V
Logic 1 Voltage
Full
I
1, 2, 3
2.5
DVCC – 0.2
V
Logic 0 Voltage
Full
I
1, 2, 3
0.2
0.5
V
DVCC = 5 V
Logic 1 Voltage
Full
V
DVCC – 0.3
V
Logic 0 Voltage
Full
V
0.35
V
Output Coding
Two’s Complement
POWER SUPPLY
AVCC Supply Voltage
13
Full
VI
4.85
5.0
5.25
V
I (AVCC) Current
Full
V
270
308
mA
AVEE Supply Voltage
13
Full
VI
–5.25
–5.0
–4.75
V
I (AVEE) Current
Full
V
38
49
mA
DVCC Supply Voltage
13
Full
VI
3.135
3.3
3.465
V
I (DVCC) Current
Full
V
34
46
mA
(Total) Supply Current per Channel
Full
I
1, 2, 3
369
403
mA
Power Dissipation (Total)
Full
I
1, 2, 3
3.57
3.9
W
Power Supply Rejection Ratio (PSRR)
Full
V
0.02
% FSR/
% VS
NOTES
1Gain tests are performed on AMP-IN-X-1 input voltage range.
2Input capacitance spec. combines AD8037 capacitance and ceramic package capacitance.
3Full Power Bandwidth is the frequency at which the spectral power of the fundamental frequency (as determined by FFT analysis) is reduced by 3 dB.
4For differential input: +IN = 1 V p-p and –IN = 1 V p-p (signals are 180
° out of phase). For single ended input: +IN = 2 V p-p and –IN = GND.
5All AC specifications tested by driving ENCODE and
ENCODE differentially. AMP-IN-X-1 = 1 V p-p, AMP-IN-X-2 = GND.
6Minimum and Maximum conversion rates allow for variation in Encode Duty Cycle of 50%
± 5%.
7Analog Input signal power at –1 dBFS; signal-to-noise ratio (SNR) is the ratio of signal level to total noise (first five harmonics removed).
Encode = 65 MSPS. SNR is reported in dBFS, related back to converter full scale.
8Analog Input signal power at –1 dBFS; signal-to-noise and distortion (SINAD) is the ratio of signal level to total noise + harmonics.
Encode = 65 MSPS. SINAD is reported in dBFS, related back to converter full scale.
9Analog Input signal power at –1 dBFS; SFDR is ratio of converter full scale to worst spur.
10Both input tones at –7 dBFS; two tone intermodulation distortion (IMD) rejection is the ratio of either tone to the worst third order intermod product.
11Channel-to-channel isolation tested with A Channel grounded and a full-scale signal applied to B Channel.
12Digital output logic levels: DV
CC = 3.3 V, CLOAD = 10 pF. Capacitive loads > 10 pF will degrade performance.
13Supply voltage recommended operating range. AV
CC may be varied from 4.85 V to 5.25 V. However, rated ac (harmonics) performance is valid only over the range
AVCC = 5.0 V to 5.25 V.
Specifications subject to change without notice.


Similar Part No. - AD13465

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AD13 MICROCHIP-AD13 Datasheet
3Mb / 416P
   16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
2016-2018
logo
List of Unclassifed Man...
AD130 ETC1-AD130 Datasheet
329Kb / 4P
   GERMANIUM POWER TRANSISTORS
AD131 ETC1-AD131 Datasheet
329Kb / 4P
   GERMANIUM POWER TRANSISTORS
logo
HANAMICRON
AD1315 HANAMICRON-AD1315 Datasheet
247Kb / 8P
   High Speed Active Load with Inhibit Mode
AD1315KZ HANAMICRON-AD1315KZ Datasheet
247Kb / 8P
   High Speed Active Load with Inhibit Mode
More results

Similar Description - AD13465

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD10465 AD-AD10465 Datasheet
2Mb / 20P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10265 AD-AD10265 Datasheet
267Kb / 18P
   Dual Channel, 12-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD13280 AD-AD13280 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10242 AD-AD10242 Datasheet
251Kb / 16P
   Dual, 12-Bit, 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning
REV. A
AD10200 AD-AD10200 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit 105 MSPS IF Sampling A/D Converter with Analog Input Signal Conditioning
REV. A
AD10465 AD-AD10465_15 Datasheet
1Mb / 24P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter
REV. A
AD10465 AD-AD10465_17 Datasheet
1Mb / 25P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter
AD15452 AD-AD15452 Datasheet
340Kb / 16P
   12-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning
REV. 0
AD10200 AD-AD10200_17 Datasheet
1Mb / 20P
   A/D Converter with Analog Input Signal Conditioning
AD13280 AD-AD13280_15 Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com