Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF-AEM-6511-A1-1010 Datasheet(PDF) 2 Page - AAEON Technology

Part # TF-AEM-6511-A1-1010
Description  IP-67 Water-Proof Fanless Embedded Controller With Intel Atom N270 Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-AEM-6511-A1-1010 Datasheet(HTML) 2 Page - AAEON Technology

  TF-AEM-6511-A1-1010 Datasheet HTML 1Page - AAEON Technology TF-AEM-6511-A1-1010 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10-54
AEC-6511
TF-AEM-6511-A1-1010
Embedded Controller, Intel® Atom™ N270 1.6 GHz, Fanless, DC-in 12V, 2 COM, 2 USB, 1 VGA, 1 LAN
Ordering Information
Optional Accessories
TBD
Gross Weight
6.4 lb (2.9 kg)
Note
Windows® XP Embedded, Windows® XP, Windows® 7, Linux Fedora 2.4
Support
Dimension
Unit: mm


Similar Part No. - TF-AEM-6511-A1-1010

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-AEC-204-W-00 AAEON-TF-AEC-204-W-00 Datasheet
339Kb / 2P
   6-Slot Wallmount Chassis, Half-Size CPU Cards Support
TF-AEC-204B-B AAEON-TF-AEC-204B-B Datasheet
392Kb / 2P
   4-slot Industrial Wallmount IPC System, Half-size CPU Cards Support
TF-AEC-206-B-00 AAEON-TF-AEC-206-B-00 Datasheet
306Kb / 2P
   6-Slot Wallmount Chassis, Full-Size/ Half-Size CPU Cards Support
TF-AEC-6410-A1-1010 AAEON-TF-AEC-6410-A1-1010 Datasheet
280Kb / 2P
   Compact Embedded Controller With AMD Geode LX800 Processor
TF-AEC-6420-A1-1010 AAEON-TF-AEC-6420-A1-1010 Datasheet
297Kb / 2P
   Compact Embedded Controller With Intel Atom Low Power Processor
More results

Similar Description - TF-AEM-6511-A1-1010

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AEC-6611 AAEON-AEC-6611 Datasheet
292Kb / 2P
   Fanless Controller With Intel Atom N270 Processor
FOX-121 AAEON-FOX-121 Datasheet
306Kb / 2P
   IP-67 12.1??Multi-Purpose & Water-Proof Panel PC With Intel Atom N270 1.6 GHz Processor
FOX-151 AAEON-FOX-151 Datasheet
357Kb / 2P
   IP-67 15??Multi-Purpose & Water-Proof Panel PC With Intel짰 Atom??N270 Processor
AEC-6831 AAEON-AEC-6831 Datasheet
360Kb / 2P
   Fanless Embedded Controller With Intel Atom Processor
FOX-81 AAEON-FOX-81 Datasheet
508Kb / 2P
   IP-65 8.4??Multi-Purpose & Water-Proof Panel PC With Intel Atom N270 Processor
AEC-6872 AAEON-AEC-6872 Datasheet
300Kb / 2P
   Fanless Embedded Controller With Intel Atom D510 Processor
AEC-6620 AAEON-AEC-6620 Datasheet
340Kb / 2P
   Fanless Tiny Embedded Controller With Intel Atom??Processor
EMB-9459T AAEON-EMB-9459T Datasheet
259Kb / 2P
   Embedded Motherboard with Onboard Intel Atom N270 Processor
logo
Axiomtek Co., Ltd.
TBOX323-835-FL AXIOMTEK-TBOX323-835-FL_17 Datasheet
622Kb / 2P
   Fanless Embedded System with Intel Atom Processor
logo
AAEON Technology
AEC-6841 AAEON-AEC-6841 Datasheet
411Kb / 2P
   Mini Fanless Embedded Controller With Intel Atom Low Power Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com