Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD13465AZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD13465AZ
Description  Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD13465AZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD13465AZ Datasheet HTML 7Page - Analog Devices AD13465AZ Datasheet HTML 8Page - Analog Devices AD13465AZ Datasheet HTML 9Page - Analog Devices AD13465AZ Datasheet HTML 10Page - Analog Devices AD13465AZ Datasheet HTML 11Page - Analog Devices AD13465AZ Datasheet HTML 12Page - Analog Devices AD13465AZ Datasheet HTML 13Page - Analog Devices AD13465AZ Datasheet HTML 14Page - Analog Devices AD13465AZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REV. 0
AD13465
–11–
Power Supplies
Care should be taken when selecting a power source. Linear
supplies are strongly recommended. Switching supplies tend to
have radiated components that may be received by the AD13465.
Each of the power supply pins should be decoupled as closely to
the package as possible, using 0.1
µF chip capacitors.
The AD13465 has separate digital and analog power supply pins.
The analog supplies are denoted AVCC and the digital supply
pins are denoted DVCC. AVCC and DVCC should be separate
power supplies. This is because the fast digital output swings
can couple switching current back into the analog supplies.
Note that AVCC must be held within +5% and –3% of 5 V. The
AD13465 is specified for DVCC = 3.3 V as this is a common
supply for digital ASICs.
Output Loading
Care must be taken when designing the data receivers for the
AD13465. The digital outputs drive an internal series resistor
(e.g., 100
Ω) followed by a gate like 75LCX574. To minimize
capacitive loading, there should be only one gate on each output
pin. An example of this is shown in the evaluation board sche-
matic shown in Figure 10. The digital outputs of the AD13465
have a constant output slew rate of 1 V/ns. A typical CMOS
gate combined with a PCB trace will have a load of approximately
10 pF. Therefore, as each bit switches, 10 mA (10 pF
× 1 V ÷ 1 ns)
of dynamic current per bit will flow in or out of the device. A full-
scale transition can cause up to 140 mA (14 bits
× 10 mA/bit)
of transient current through the output stages. These switch-
ing currents are confined between ground and the DVCC pin.
Standard TTL gates should be avoided since they can apprecia-
bly add to the dynamic switching currents of the AD13465. It
should also be noted that extra capacitive loading will increase
output timing and invalidate timing specifications. Digital out-
put timing is guaranteed with 10 pF loads.
Figure 9. Evaluation Board Mechanical Layout
LAYOUT INFORMATION
The schematic of the evaluation board (Figure 10) represents a
typical implementation of the AD13465. The pinout of the
AD13465 is very straightforward and facilitates ease of use and
the implementation of high frequency/high resolution design
practices. It is recommended that high quality ceramic chip
capacitors be used to decouple each supply pin to ground directly
at the device. All capacitors can be standard high quality ceramic
chip capacitors.
Care should be taken when placing the digital output runs.
Because the digital outputs have such a high slew rate, the
capacitive loading on the digital outputs should be minimized.
Circuit traces for the digital outputs should be kept short and
connect directly to the receiving gate. Internal circuitry buffers
the outputs of the ADC through a resistor network to eliminate
the need to externally isolate the device from the receiving gate.
EVALUATION BOARD
The AD13465 evaluation board (Figure 9) is designed to
provide optimal performance for evaluation of the AD13465
analog-to-digital converter. The board encompasses everything
needed to ensure the highest level of performance for evaluating
the AD13465. The board requires an analog input signal, encode
clock, and power supply inputs. The clock is buffered on-board
to provide clocks for the latches. The digital outputs and out
clocks are available at the standard 40-pin connectors J1 and J2.
Power to the analog supply pins is connected via banana jacks.
The analog supply powers the associated components and
the analog section of the AD13465. The digital outputs of the
AD13465 are powered via banana jacks with 3.3 V. Contact the
factory if additional layout or applications assistance is required.


Similar Part No. - AD13465AZ

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AD13 MICROCHIP-AD13 Datasheet
3Mb / 416P
   16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
2016-2018
logo
List of Unclassifed Man...
AD130 ETC1-AD130 Datasheet
329Kb / 4P
   GERMANIUM POWER TRANSISTORS
AD131 ETC1-AD131 Datasheet
329Kb / 4P
   GERMANIUM POWER TRANSISTORS
logo
HANAMICRON
AD1315 HANAMICRON-AD1315 Datasheet
247Kb / 8P
   High Speed Active Load with Inhibit Mode
AD1315KZ HANAMICRON-AD1315KZ Datasheet
247Kb / 8P
   High Speed Active Load with Inhibit Mode
More results

Similar Description - AD13465AZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD10465 AD-AD10465 Datasheet
2Mb / 20P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10265 AD-AD10265 Datasheet
267Kb / 18P
   Dual Channel, 12-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD13280 AD-AD13280 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10242 AD-AD10242 Datasheet
251Kb / 16P
   Dual, 12-Bit, 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning
REV. A
AD10200 AD-AD10200 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit 105 MSPS IF Sampling A/D Converter with Analog Input Signal Conditioning
REV. A
AD10465 AD-AD10465_15 Datasheet
1Mb / 24P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter
REV. A
AD10465 AD-AD10465_17 Datasheet
1Mb / 25P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter
AD15452 AD-AD15452 Datasheet
340Kb / 16P
   12-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning
REV. 0
AD10200 AD-AD10200_17 Datasheet
1Mb / 20P
   A/D Converter with Analog Input Signal Conditioning
AD13280 AD-AD13280_15 Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com