Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEC-6841 Datasheet(PDF) 1 Page - AAEON Technology

Part # AEC-6841
Description  Mini Fanless Embedded Controller With Intel Atom Low Power Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

AEC-6841 Datasheet(HTML) 1 Page - AAEON Technology

  AEC-6841 Datasheet HTML 1Page - AAEON Technology AEC-6841 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Note: All specifications are subject to change without notice.
10-29
10
Power Input
Power Button
USB
COM
VGA
Intel® Atom™ N270 Processor, 1.6 GHz
DDR2 SODIMM x 1, Max. 2 GB
COM x 4 (1 Isolated), USB2.0 x 4
10/100Base-TX x 1, Gigabit Ethernet x 1
SATA/ IDE Interfaces
Mini-PCI x 1 (Rev.B) Or Mini Card x 1 (Rev.A)
VGA Output
AT Power Function
DIO Support
Mini Fanless Embedded Controller With Intel® Atom™ Low Power Processor
AEC-6841
USB
System LED
Reset
COM
PS/2
Audio
COM
DIO
COM
LAN
CPU
Intel® Atom™ N270 processor, 1.6 GHz
Chipset
Intel® 945GSE + ICH7M
System Memory
DDR2 SDRAM SODIMM x 1, Max. 2 GB
Display
Interface
VGA
DB-15 x 1, shared system memory up to 224MB/ DVMT 3.0
DVI
Others
Storage
Device
SSD
CompactFlash™ Slot inside
HDD
2.5” SATA 1.5Gb/s /IDE Slim Hard Disk Drive Bay (optional)
Network
LAN
10/100Base-TX x 1, Gigabit Ethernet x 1
Wireless
Front I/O
USB Host
USB2.0 x 2
LAN
Serial Port
RS-232 x 1, RS-232/422/485 x 1
DIO
Audio
Line-in/Line-out/Mic-in x 1
KB/MS
PS/2 x 1
Others
Power Switch x 1, Reset Button x 1, DB-15 x 1, Power input x 1
Rear I/O
USB Host
USB2.0 x 2
LAN
RJ-45 x 2
Serial Port
RS-232 x 2
DIO
DIO x 1
Audio
KB/MS
Others
Expansion
PCIe [x1]
PCI
Mini Card
1 (Version A)
Mini PCI
1 (Version B)
Others
Indicator
Front
Power LED x 1, Hard Disk Drive LED x 1
Rear
Power Requirement
DC-in 9-30V
Power Consumption
Intel® Atom™ N270 1.6GHz,
0.87A@DC 12V
System Cooling
Passive Cooling
Mounting
Wallmount
Operating Temperature
Ambient with Airflow
5°F ~ 122°F (-15°C ~ 50°C) (CompactFlash™)
14°F ~ 122°F (-10°C ~ 50°C) (Hard Disk Drive)
Storage Temperature
-4°F ~ 158°F (-20°C ~ 70°C)
Anti-Vibration
5 g rms /5 ~ 500Hz / operation (CompactFlash™)
1 g rms/ 5 ~ 500Hz/ operation (HDD)
Anti-Shock
50 G peak acceleration (11 msec. duration) (CompactFlash™)
20 G peak acceleration (11 msec. duration) (Hard Disk Drive)
MTBF
54,000
Features
Specifications


Similar Part No. - AEC-6841

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AEC-6840 AAEON-AEC-6840 Datasheet
267Kb / 2P
   Onboard Intel짰 ULV Celeron짰 400/650 MHz Processor
AEC-6845 AAEON-AEC-6845 Datasheet
406Kb / 2P
   Fanless, Wide Power Input Range, COM Port x 8
More results

Similar Description - AEC-6841

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AEC-6831 AAEON-AEC-6831 Datasheet
360Kb / 2P
   Fanless Embedded Controller With Intel Atom Processor
AEC-6911 AAEON-AEC-6911 Datasheet
320Kb / 2P
   Advanced Fanless Embedded Controller With Intel Atom Low Power Processor
AEC-6872 AAEON-AEC-6872 Datasheet
300Kb / 2P
   Fanless Embedded Controller With Intel Atom D510 Processor
AEC-6620 AAEON-AEC-6620 Datasheet
340Kb / 2P
   Fanless Tiny Embedded Controller With Intel Atom??Processor
logo
Axiomtek Co., Ltd.
TBOX323-835-FL AXIOMTEK-TBOX323-835-FL_17 Datasheet
622Kb / 2P
   Fanless Embedded System with Intel Atom Processor
logo
AAEON Technology
AEC-6420 AAEON-AEC-6420 Datasheet
297Kb / 2P
   Compact Embedded Controller With Intel Atom Low Power Processor
AEC-6611 AAEON-AEC-6611 Datasheet
292Kb / 2P
   Fanless Controller With Intel Atom N270 Processor
AEC-6511 AAEON-AEC-6511 Datasheet
249Kb / 2P
   IP-67 Water-Proof Fanless Embedded Controller With Intel Atom N270 Processor
AEC-6643 AAEON-AEC-6643 Datasheet
286Kb / 2P
   Embedded Controller with Intel Atom??D2550 B3 Processor
logo
Axiomtek Co., Ltd.
EBOX625-841-FL AXIOMTEK-EBOX625-841-FL_17 Datasheet
315Kb / 1P
   Fanless Embedded System with Intel Atom Processor E3826 1.46 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com