Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK433-330N-E Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # STK433-330N-E
Description  3channel class-AB Audio Power IC 150W150W150W
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK433-330N-E Datasheet(HTML) 3 Page - Sanyo Semicon Device

  STK433-330N-E Datasheet HTML 1Page - Sanyo Semicon Device STK433-330N-E Datasheet HTML 2Page - Sanyo Semicon Device STK433-330N-E Datasheet HTML 3Page - Sanyo Semicon Device STK433-330N-E Datasheet HTML 4Page - Sanyo Semicon Device STK433-330N-E Datasheet HTML 5Page - Sanyo Semicon Device STK433-330N-E Datasheet HTML 6Page - Sanyo Semicon Device STK433-330N-E Datasheet HTML 7Page - Sanyo Semicon Device STK433-330N-E Datasheet HTML 8Page - Sanyo Semicon Device STK433-330N-E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
STK433-330N-E
No.A2107-3/11
Package Dimensions
unit : mm (typ)
RoHS directive pass
Equivalent Circuit
Pre
Driver
Pre
Driver
Pre
Driver
Stand-by Circuit
11
12
3
8
9
10
13
7
6
4
5
17
16
18
19
15
14
1
2
SUB
9.0
2.9
5.5
0.4
64.0
55.6
3.6
18 2.0=36.0
2.0
(9.8)
0.5
119
(R1.8)


Similar Part No. - STK433-330N-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK433-330N-E ONSEMI-STK433-330N-E Datasheet
376Kb / 11P
   3ch class-AB Audio Power IC
April, 2013
More results

Similar Description - STK433-330N-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK433-130N-E SANYO-STK433-130N-E Datasheet
291Kb / 11P
   2channel class-AB Audio Power IC 150W150W
STK433-130-E SANYO-STK433-130-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 150W150W
logo
Monolithic Power System...
EV7720DS-7782-00D MPS-EV7720DS-7782-00D Datasheet
628Kb / 11P
   150W Class D 5.1 Channel Audio Board
logo
MicroPower Direct, LLC
LDC-150 MPD-LDC-150 Datasheet
1Mb / 4P
   150W Output Power
logo
Mospec Semiconductor
2N3771 MOSPEC-2N3771 Datasheet
132Kb / 3P
   POWER TRANSISTORS(150W)
logo
MicroPower Direct, LLC
LDC-120 MPD-LDC-120 Datasheet
1Mb / 4P
   150W Output Power
logo
Mospec Semiconductor
2N3789 MOSPEC-2N3789 Datasheet
116Kb / 3P
   POWER TRANSISTORS(10A,150W)
logo
FSP TECHNOLOGY INC.
FSP150-P24-C FSP-FSP150-P24-C Datasheet
379Kb / 3P
   150W ITE POWER SUPPLIES
2022.10
logo
Mospec Semiconductor
2N5875 MOSPEC-2N5875 Datasheet
124Kb / 3P
   POWER TRANSISTORS(10A,150W)
2N6050 MOSPEC-2N6050 Datasheet
188Kb / 4P
   POWER TRANSISTORS(12A,150W)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com