Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEC-6877-B4M-1010 Datasheet(PDF) 2 Page - AAEON Technology

Part # AEC-6877-B4M-1010
Description  Fanless Embedded Controller With Intel Core i7/i5/Celeron Processor And PCI/PCIe Expansion
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

AEC-6877-B4M-1010 Datasheet(HTML) 2 Page - AAEON Technology

  AEC-6877-B4M-1010 Datasheet HTML 1Page - AAEON Technology AEC-6877-B4M-1010 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10-39
Dimension
Unit: mm
Part Number
CPU
RAM
LAN
USB
RS-232 RS-232/422/485
Storage
Accessory
Cables
Display
Expansion
Mounting
Power
Temp.
AEC-6877-A1M-1010
Intel® Celeron® B810
2GB
2
4
1
1
CFast™ x 1
HDD x 1
_
VGA x 1
DVI x 1
DP x 2
Mini Card x1
PCIe x 1
Wallmount
DC 9-30V
0°C ~ 50°C without airflow
0°C ~ 55°C with airflow
AEC-6877-A2M-1010
Intel® i7-2710QE 2.1GHz
2GB
2
4
1
1
CFast™ x 1
HDD x 1
_
VGA x 1
DVI x 1
DP x 2
Mini Card x1
PCIe x 1
Wallmount
DC 9-30V
0°C ~ 50°C without airflow
0°C ~ 55°C with airflow
AEC-6877-A3M-1010
Intel® i5-2510E 2.7GHz
2GB
2
4
1
1
CFast™ x 1
HDD x 1
_
VGA x 1
DVI x 1
DP x 2
Mini Card x1
PCIe x 1
Wallmount
DC 9-30V
0°C ~ 50°C without airflow
0°C ~ 55°C with airflow
AEC-6877-A4M-1010
Intel® i7-3610QE 2.3 GHz
2GB
2
4
1
1
CFast™ x 1
HDD x 1
_
VGA x 1
DVI x 1
DP x 2
Mini Card x1
PCIe x 1
Wallmount
DC 9-30V
0°C ~ 50°C without airflow
0°C ~ 55°C with airflow
AEC-6877-B1M-1010
Intel® Celeron® B810
2GB
2
4
1
1
CFast™ x 1
HDD x 1
_
VGA x 1
DVI x 1
DP x 2
Mini Card x1
PCI x 2
Wallmount
DC 9-30V
0°C ~ 50°C without airflow
0°C ~ 55°C with airflow
AEC-6877-B2M-1010
Intel® i7-2710QE 2.1GHz
2GB
2
4
1
1
CFast™ x 1
HDD x 1
_
VGA x 1
DVI x 1
DP x 2
Mini Card x1
PCI x 2
Wallmount
DC 9-30V
0°C ~ 50°C without airflow
0°C ~ 55°C with airflow
AEC-6877-B3M-1010
Intel® i5-2510E 2.7GHz
2GB
2
4
1
1
CFast™ x 1
HDD x 1
_
VGA x 1
DVI x 1
DP x 2
Mini Card x1
PCI x 2
Wallmount
DC 9-30V
0°C ~ 50°C without airflow
0°C ~ 55°C with airflow
AEC-6877-B4M-1010
Intel® i7-3610QE 2.3 GHz
2GB
2
4
1
1
CFast™ x 1
HDD x 1
_
VGA x 1
DVI x 1
DP x 2
Mini Card x1
PCI x 2
Wallmount
DC 9-30V
0°C ~ 50°C without airflow
0°C ~ 55°C with airflow
Ordering Information
AEC-6877


Similar Part No. - AEC-6877-B4M-1010

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AEC-6872 AAEON-AEC-6872 Datasheet
300Kb / 2P
   Fanless Embedded Controller With Intel Atom D510 Processor
AEC-6876 AAEON-AEC-6876 Datasheet
370Kb / 2P
   Fanless Embedded Controller With Intel Core i7/ i5/ Celeron Processor And PCI-Express Expansion
More results

Similar Description - AEC-6877-B4M-1010

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AEC-6876 AAEON-AEC-6876 Datasheet
370Kb / 2P
   Fanless Embedded Controller With Intel Core i7/ i5/ Celeron Processor And PCI-Express Expansion
AEC-6635 AAEON-AEC-6635 Datasheet
524Kb / 2P
   Fanless Embedded Controller With Intel Core i7/i5 Processor
logo
Axiomtek Co., Ltd.
EBOX730-860-FL AXIOMTEK-EBOX730-860-FL_17 Datasheet
295Kb / 1P
   Fanless Embedded System with Intel Core i7/i3 & Celeron Processor
logo
AAEON Technology
AEC-6940 AAEON-AEC-6940 Datasheet
347Kb / 2P
   Advanced Fanless Embedded Controller With Intel Core 2 Duo Processor And PCI-Express Expansion
AEC-6920 AAEON-AEC-6920 Datasheet
335Kb / 2P
   Advanced Fanless Embedded Controller With Intel Core 2 Duo Processor And PCI-Express Expansion
logo
Axiomtek Co., Ltd.
EBOX670-883-FL AXIOMTEK-EBOX670-883-FL_17 Datasheet
348Kb / 1P
   Fanless Embedded System with LGA1150 Socket Intel Core i7/i5/i3 & Celeron
TBOX324-894-FL AXIOMTEK-TBOX324-894-FL Datasheet
605Kb / 2P
   Fanless Embedded System with 7th Gen Intel Core i7/i5/i3 & Celeron
EBOX660-872-FL AXIOMTEK-EBOX660-872-FL_17 Datasheet
338Kb / 1P
   Fanless Embedded System with Socket G2 Intel Core i7/i5/i3 & Celeron
logo
AAEON Technology
ACP-5217 AAEON-ACP-5217 Datasheet
462Kb / 2P
   21.5??Fanless Multi-Touch Computer With Intel Core??i7/i5/Celeron Processor
ACP-5187 AAEON-ACP-5187 Datasheet
325Kb / 2P
   18.5??Fanless Multi-Touch Computer With Intel Core??i7/i5/Celeron Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com