Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK433-890N-E Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # STK433-890N-E
Description  4channel class-AB Audio Power IC 80W4ch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK433-890N-E Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button STK433-890N-E Datasheet HTML 3Page - Sanyo Semicon Device STK433-890N-E Datasheet HTML 4Page - Sanyo Semicon Device STK433-890N-E Datasheet HTML 5Page - Sanyo Semicon Device STK433-890N-E Datasheet HTML 6Page - Sanyo Semicon Device STK433-890N-E Datasheet HTML 7Page - Sanyo Semicon Device STK433-890N-E Datasheet HTML 8Page - Sanyo Semicon Device STK433-890N-E Datasheet HTML 9Page - Sanyo Semicon Device STK433-890N-E Datasheet HTML 10Page - Sanyo Semicon Device STK433-890N-E Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
STK433-890N-E
No.A2109-7/12
Recommended external components
STK433-840N-E/890N-E
Parts
Location
Recommended
value
Circuit purpose
Above
Recommended value
Below
Recommended value
R01, R02
100
Ω/1W
Resistance for Ripple filters. (Fuse resistance is recommended.
Ripple filter is constituted with C03, C04.)
Short-through current
may decrease at
high frequency.
Short-through current
may increase at high
frequency.
R03,R04,R05,
R06
1k
Ω
Resistance for input filters.
-
-
R07,R08,R09,
R10
56k
Ω
Input impedance is determined.
Output neutral voltage (VN) shift.
(It is referred that R07=R11, R08=R12,
R09=R13, R10=R14)
R11,R12,R13,
R14
56k
Ω
Voltage Gain (VG) is determined with R15, R16, R17, R18
-
-
R15,R16,R17,
R18
1.8k
Ω
Voltage Gain (VG) is determined with R11, R12, R13, and R14.
(As for VG, it is desirable to set up by R15, R16, R17, and R18.)
It may oscillate.
(Vg < 30dB)
With especially no
problem
R19,R20,R21,
R22
4.7
Ω
Resistance for oscillation prevention.
-
-
R23,R24,R25,
R26
4.7
Ω/1W
Resistance for oscillation prevention.
-
-
R27,R28,R29,
R30
0.22
Ω
±10%, 5W
Output emitter resi@stor (Metal-plate Resistor is recommended.)
Decrease of
Maximum output
Power
It may cause thermal
runaway
R31
Note *4
Select Restriction resistance, for the impression voltage of ‘#13 (Stand-By) pin’ must not exceed the maximum
rating.
C01, C02
100
μF/100V
Capacitor for oscillation prevention.
• Locate near the HIC as much as possible.
• Power supply impedance is lowered and stable operation of
the IC is carried out. (Electrolytic capacitor is recommended.)
-
-
C03,C04
100
μF/100V
Decoupling capacitor
• The Ripple ingredient mixed in an input side Is removed from a
power supply line. (Ripple filter is constituted with R01, R02.)
The change in the Ripple ingredient mixed in
an input side from a power supply line
C05,C06,C07,
C08
2.2
μF/50V
Input coupling capacitor. (For DC current prevention.)
-
C09,C10,C11,
C12
470pF
Input filter capacitor
• A high frequency noise is reduced with the filter constituted by
R03, R04, R05, R06.
-
C13,C14,C15,
C16
5pF
Capacitor for oscillation prevention.
It may oscillate.
C17,C18,C19,
C20
10
μF/10V
Negative feedback capacitor.
The cutoff frequency of a low cycle changes.
(fL = 1/(2
π ⋅ C17 ⋅ R15))
The voltage gain (VG)
of low frequency is
extended. However,
the pop noise at the
time of a power
supply injection also
becomes large.
The voltage gain (VG)
of low frequency
decreases.
C21,C22,C23,
C24
0.1
μF
Capacitor for oscillation prevention.
It may oscillate.
C25,C26,C27,
C28
100pF
Capacitor for oscillation prevention.
It may oscillate.
L01,L02,L03,
L04
3
μH
Coil for oscillation prevention.
With especially
no problem
It may oscillate.


Similar Part No. - STK433-890N-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK433-890N-E ONSEMI-STK433-890N-E Datasheet
459Kb / 12P
   4ch class-AB Audio Power IC
April, 2013
More results

Similar Description - STK433-890N-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK433-840N-E SANYO-STK433-840N-E Datasheet
270Kb / 12P
   4channel class-AB Audio Power IC 40W 횞 4ch
logo
ON Semiconductor
STK433-890N-E ONSEMI-STK433-890N-E Datasheet
459Kb / 12P
   4ch class-AB Audio Power IC
April, 2013
STK433-840N-E ONSEMI-STK433-840N-E Datasheet
459Kb / 12P
   4ch class-AB Audio Power IC
April, 2013
logo
Sanyo Semicon Device
STK433-090-E SANYO-STK433-090-E Datasheet
184Kb / 11P
   2-channel class AB audio power IC,80W80W
STK433-040N-E SANYO-STK433-040N-E Datasheet
295Kb / 11P
   2channel class-AB Audio Power IC
logo
ON Semiconductor
STK433-130N-E ONSEMI-STK433-130N-E Datasheet
375Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
logo
Sanyo Semicon Device
STK404-140N-E SANYO-STK404-140N-E Datasheet
213Kb / 11P
   1ch class-AB Audio Power IC
logo
ON Semiconductor
STK404-070N-E ONSEMI-STK404-070N-E Datasheet
284Kb / 10P
   1ch class-AB Audio Power IC
April, 2013
STK404-140N-E ONSEMI-STK404-140N-E Datasheet
332Kb / 11P
   1ch class-AB Audio Power IC
April, 2013
STK433-330N-E ONSEMI-STK433-330N-E Datasheet
376Kb / 11P
   3ch class-AB Audio Power IC
April, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com