Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF-AEC-6920-B7-1110 Datasheet(PDF) 2 Page - AAEON Technology

Part # TF-AEC-6920-B7-1110
Description  Advanced Fanless Embedded Controller With Intel Core 2 Duo Processor And PCI-Express Expansion
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-AEC-6920-B7-1110 Datasheet(HTML) 2 Page - AAEON Technology

  TF-AEC-6920-B7-1110 Datasheet HTML 1Page - AAEON Technology TF-AEC-6920-B7-1110 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10-48
Ordering Information
Optional Accessories
TF-AEC-6920-A1-1110
Embedded Controller, Intel® Core™ 2 Duo 2.0 GHz, Fanless, 1 PCIe, 1 PCI, DC 9-30V, 512MB RAM
TF-AEC-6920-A2-1110
Embedded Controller, Intel® Core™ 2 Duo 1.6 GHz, Fanless.1 PCIe, 1 PCI, DC 9-30V, 512MB RAM
TF-AEC-6920-A3-1110
Embedded Controller, Intel® Celeron® M 1.86 GHz, Fanless, 1 PCIe, 1 PCI, DC 9-30V, 512MB RAM
TF-AEC-6920-A4-1110
Embedded Controller, Intel® Core™ 2 Duo 2.0GHz, Fanless, 1 PCIe, 1 PCI, DC 9-30V, 1GB RAM
TF-AEC-6920-A5-1110
Embedded Controller, Intel® Core™ 2 Duo 1.6 GHz, Fanless,1 PCIe, 1 PCI, DC 9-30V, 1GB RAM
TF-AEC-6920-A6-1110
Embedded Controller, Intel® Core™ 2 Duo 2.0 GHz, Fanless, 1 PCIe, 1 PCI, DC 9-30V, 2GB RAM
TF-AEC-6920-A7-1110
Embedded Controller, Intel® Core™ 2 Duo 1.6 GHz, Fanless, 1 PCIe, 1 PCI, DC 9-30V, 2GB RAM
TF-AEC-6920-A9-1110
Embedded Controller, Intel® Core™ 2 Duo L7400 1.5GHz, Fanless, 1 PCIe, 1 PCI, DC 9-30V
TF-AEC-6920-A10-1010
Embedded Controller, Intel® Core™ 2 Duo T2500 2.0GHz, Fanless, 1 PCIe, 1 PCI, DC9-30V, 1GB RAM
TF-AEC-6920-B1-1110
Embedded Controller, Intel® Core™ 2 Duo 2.0 GHz, Fanless, 2 PCI, DC 9-30V, 512MB RAM
TF-AEC-6920-B2-1110
Embedded Controller, Intel® Core™ 2 Duo 1.6 GHz, Fanless, 2 PCI, DC 9-30V, 512MB RAM
TF-AEC-6920-B3-1110
Embedded Controller, Intel® Celeron® M 1.86 GHz, Fanless, 2PCI, DC 9-30V, 512MB RAM
1757912001
AC Adapter (120W), Input AC 100~240V; Output: DC 19V
1702031830
Power Cord (US type)
1702031831
Power Cord (European type)
1702031810
Power Cord (Japanese type)
9783204012
Automotive Hard Disk Drive 40G
9741692003
Slim CD-ROM + 2.5” SATA HDD Kit
9741692004
2.5” IDE x 1 + 2.5” SATA HDD Kit
9741692005
3.5” IDE HDD Kit
TF-AEC-6920-B4-1110
Embedded Controller, Intel® Core™ 2 Duo 2.0GHz, Fanless, 2 PCI, DC 9-30V, 1GB RAM
TF-AEC-6920-B5-1110
Embedded Controller, Intel® Core™ 2 Duo 1.6 GHz, Fanless, DC 9-30V, 1GB RAM
TF-AEC-6920-B6-1110
Embedded Controller, Intel® Core™ 2 Duo 2.0 GHz, Fanless, 2 PCI, DC 9-30V, 2GB RAM
TF-AEC-6920-B7-1110
Embedded Controller, Intel® Core™ 2 Duo 1.6 GHz, Fanless, 2 PCI, DC 9-30V, 2GB RAM
TF-AEC-6920-B8-1110
Embedded Controller, Intel® Core™ 2 Duo T2500 2.0GHz, Fanless, 2 PCI, DC 9-30V, 1GB RAM
Certification
EMC
CE/FCC class A
Safety
UL, LVD
Dimension (W x H x D)
8.4"(W) x 3.7"(H) x 9.4"(D) (214mm x 94.8mm x 237.8mm)
Gross Weight
12.76 lb (5.8 Kg)
AEC-6920
Dimension
Unit: mm


Similar Part No. - TF-AEC-6920-B7-1110

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-AEC-6924-A1-1010 AAEON-TF-AEC-6924-A1-1010 Datasheet
289Kb / 2P
   Advanced Fanless Embedded Controller With Intel Core 2 Duo Processor
TF-AEC-6924-A2-1010 AAEON-TF-AEC-6924-A2-1010 Datasheet
289Kb / 2P
   Advanced Fanless Embedded Controller With Intel Core 2 Duo Processor
More results

Similar Description - TF-AEC-6920-B7-1110

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AEC-6940 AAEON-AEC-6940 Datasheet
347Kb / 2P
   Advanced Fanless Embedded Controller With Intel Core 2 Duo Processor And PCI-Express Expansion
AEC-6930 AAEON-AEC-6930 Datasheet
273Kb / 2P
   Advanced Fanless Embedded Controller With Intel Core 2 Duo Processor
AEC-6924 AAEON-AEC-6924 Datasheet
289Kb / 2P
   Advanced Fanless Embedded Controller With Intel Core 2 Duo Processor
AEC-6876 AAEON-AEC-6876 Datasheet
370Kb / 2P
   Fanless Embedded Controller With Intel Core i7/ i5/ Celeron Processor And PCI-Express Expansion
AEC-6967 AAEON-AEC-6967 Datasheet
336Kb / 2P
   Advanced Fanless Embedded Controller With Intel 2nd Generation Core i Series Processors And PCI-Express Expansion
AEC-6877 AAEON-AEC-6877 Datasheet
343Kb / 2P
   Fanless Embedded Controller With Intel Core i7/i5/Celeron Processor And PCI/PCIe Expansion
EMB-945T AAEON-EMB-945T Datasheet
373Kb / 2P
   Embedded Motherboard with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
EMB-9458T AAEON-EMB-9458T Datasheet
296Kb / 2P
   Embedded Motherboard with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
AEC-6635 AAEON-AEC-6635 Datasheet
524Kb / 2P
   Fanless Embedded Controller With Intel Core i7/i5 Processor
AIS-Q454 AAEON-AIS-Q454 Datasheet
274Kb / 2P
   Advanced Mini-ITX System Controller With Intel Core 2 Duo/ Quad Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com