Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT2907ADW1T1 Datasheet(PDF) 4 Page - WILLAS ELECTRONIC CORP

Part # MMBT2907ADW1T1
Description  Dual General Purpose Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

MMBT2907ADW1T1 Datasheet(HTML) 4 Page - WILLAS ELECTRONIC CORP

  MMBT2907ADW1T1 Datasheet HTML 1Page - WILLAS ELECTRONIC CORP MMBT2907ADW1T1 Datasheet HTML 2Page - WILLAS ELECTRONIC CORP MMBT2907ADW1T1 Datasheet HTML 3Page - WILLAS ELECTRONIC CORP MMBT2907ADW1T1 Datasheet HTML 4Page - WILLAS ELECTRONIC CORP MMBT2907ADW1T1 Datasheet HTML 5Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
C eb
TYPICAL SMALL–SIGNAL CHARACTERISTICS
NOISE FIGURE
V CE = 10 Vdc, T A = 25°C
f=1.0 kHz
50 100 200
500 1.0 k 2.0 k
5.0 k 10 k
20 k
50 k
I C = –1.0 mA, R S= 430 Ω
–500 µA, R S= 560 Ω
–50 µA, R S= 2.7 k Ω
–100 µA, R S= 1.6 k Ω
f, FREQUENCY (kHz)
Figure 7. Frequency Effects
R S, SOURCE RESISTANCE ( Ω )
Figure 8. Source Resistance Effects
REVERSE VOLTAGE (VOLTS)
Figure 9. Capacitances
I C , COLLECTOR CURRENT (mA)
Figure 10. Current–Gain — Bandwidth Product
I C , COLLECTOR CURRENT (mA)
Figure 11. “On” Voltage
I C , COLLECTOR CURRENT (mA)
Figure 12. Temperature Coefficients
T J = 25°C
R θVB for V BE
I C = –50µA
–100 µA
–500 µA
–1.0 mA
RS=OPTIMUM SOURCE RESISTANCE
–0.1 –0.2 –0.3 –0.5
–1.0
–2.0 –3.0 –5.0
–10
–20 –30
–1.0 –2.0
–5.0
–10
–20
–50
–100 –200
–500 –1000
–0.1 –0.2
–0.5 –1.0 –2.0 –5.0 –10 –20
–50 –100 –200
–500
+0.5
0
–0.5
– 1.0
–1.5
–2.0
–2.5
0.01 0.02 0.05 0.1 0.2
0.5
1.0 2.0
5.0 10
20
50 100
10
8.0
6.0
4.0
2.0
0
10
8.0
6.0
4.0
2.0
0
C cb
30
20
10
7.0
5.0
3.0
2.0
400
300
200
100
80
60
40
30
20
VCE=–20 V
T J= 25°C
V BE(sat) @ I C /I B = 10
V CE(sat) @ I C /I B = 10
V BE(on) @ V CE = –10 V
R θVC for V CE(sat)
–0.1 –0.2
–0.5 –1.0 –2.0 –5.0 –10 –20
–50 –100 –200
–500
–1.0
–0.8
–0.6
– 0.4
–0.2
0
2012- 0
WILLAS ELECTRONIC CORP.
Dual General Purpose Transistor
MMBT2907ADW1T1
Features
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
Low power loss, high efficiency.
High current capability, low forward voltage drop.
High surge capability.
Guardring for overvoltage protection.
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Package outline
Mechanical data
Epoxy : UL94-V0 rated flame retardant
Case : Molded plastic, SOD-123H
Terminals :Plated terminals, solderable per MIL-STD-750
,
Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : Approximated 0.011 gram
0.146(3.7)
0.130(3.3)
0.012(0.3) Typ.
0.071(1.8)
0.056(1.4)
0.040(1.0)
0.024(0.6)
0.031(0.8) Typ.
0.031(0.8) Typ.
Dimensions in inches and (millimeters)
SOD-123H
Pb Free Product
1.0A SURFACE MOUNT SCHOTTKY
SOD-123
PACKAGE
WILLAS
BARRIER RECTIFIERS -20V- 200V
FM120-M
THRU
FM1200-M
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
WILLAS ELECTRONIC CORP.
201
2-06
 
RATINGS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Marking Code
12
13
14
15
16
18
10
115
120
Maximum Recurrent Peak Reverse Voltage
VRRM
Maximum RMS Voltage
VRMS
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
150
200
14
21
28
35
42
56
70
105
140
20
30
40
50
60
80
100
150
200
Volts
Volts
Volts
Maximum Average Forward Rectified Current
 
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IO
 
IFSM
1.0
 
30
Amps
 
Amps
Typical Thermal Resistance (Note 2)
RΘJA
Typical Junction Capacitance (Note 1)
CJ
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
 
 
-55 to +125
40
120
 
- 65 to +175
 
 
-55 to +150
℃/W
PF
 
CHARACTERISTICS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Maximum Forward Voltage at 1.0A DC
VF
0.50
0.70
0.85
0.9
0.92
Volts
@TA=25℃
0.5
Maximum Average Reverse Current at
Rated DC Blocking Voltage
@TA=125℃
IR
10
 
mAmps
 
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Thermal Resistance From Junction to Ambient
 
 
RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"


Similar Part No. - MMBT2907ADW1T1

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
MMBT2907ADW YEASHIN-MMBT2907ADW Datasheet
1,019Kb / 4P
   TRANSISTOR(PNP)
logo
DONGGUAN YOU FENG WEI E...
MMBT2907ADW YFWDIODE-MMBT2907ADW Datasheet
576Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
logo
AiT Semiconductor Inc.
MMBT2907ADW AITSEMI-MMBT2907ADW Datasheet
957Kb / 8P
   SWITCHINGTRANSISTORS DUAL GENERAL PURPOSE TRANSISTOR
REV1.0
More results

Similar Description - MMBT2907ADW1T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC858CDXV6 ONSEMI-BC858CDXV6 Datasheet
65Kb / 6P
   Dual General Purpose Transistor
March, 2003 - Rev. 2
MBT3946DW1T1G ONSEMI-MBT3946DW1T1G Datasheet
246Kb / 10P
   Dual General Purpose Transistor
October, 2009 ??Rev. 5
logo
Unisonic Technologies
IMX2 UTC-IMX2_11 Datasheet
100Kb / 2P
   GENERAL PURPOSE DUAL TRANSISTOR
logo
ON Semiconductor
NST3904DP6T5G ONSEMI-NST3904DP6T5G Datasheet
101Kb / 4P
   Dual General Purpose Transistor
April, 2008 ??Rev. 0
NST3946DW1T1 ONSEMI-NST3946DW1T1 Datasheet
168Kb / 12P
   Dual General Purpose Transistor
January, 2004 ??Rev. 2
EMT1DXV6 ONSEMI-EMT1DXV6_14 Datasheet
60Kb / 4P
   Dual General Purpose Transistor
November, 2014 ??Rev. 2
logo
Unisonic Technologies
IMT17 UTC-IMT17_15 Datasheet
194Kb / 4P
   GENERAL PURPOSE DUAL TRANSISTOR
logo
ON Semiconductor
MBT3906DW1T1 ONSEMI-MBT3906DW1T1 Datasheet
111Kb / 6P
   Dual General Purpose Transistor
January, 2005 ??Rev. 1
logo
Leshan Radio Company
LMBT3904DW1T1G LRC-LMBT3904DW1T1G_15 Datasheet
246Kb / 7P
   Dual General Purpose Transistor
logo
Unisonic Technologies
UMZ1N UTC-UMZ1N_15 Datasheet
95Kb / 3P
   GENERAL PURPOSE DUAL TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com