Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA1XLT1 Datasheet(PDF) 2 Page - WILLAS ELECTRONIC CORP

Part # MMBTA1XLT1
Description  Darlington Amplifier Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

MMBTA1XLT1 Datasheet(HTML) 2 Page - WILLAS ELECTRONIC CORP

  MMBTA1XLT1 Datasheet HTML 1Page - WILLAS ELECTRONIC CORP MMBTA1XLT1 Datasheet HTML 2Page - WILLAS ELECTRONIC CORP MMBTA1XLT1 Datasheet HTML 3Page - WILLAS ELECTRONIC CORP MMBTA1XLT1 Datasheet HTML 4Page - WILLAS ELECTRONIC CORP MMBTA1XLT1 Datasheet HTML 5Page - WILLAS ELECTRONIC CORP MMBTA1XLT1 Datasheet HTML 6Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS (3)
DC Current Gain
hFE
––
(I C = 10 mAdc, V CE = 5.0 Vdc)
MMBTA13
5,000
MMBTA14
10,000
(I C = 100mAdc, V CE = 5.0Vdc)
MMBTA13
10,000
MMBTA14
20,000
Collector–Emitter Saturation Voltage
VCE(sat)
––
1.5
Vdc
(I C = 100 mAdc, I B = 0.1 mAdc)
Base–Emitter On Voltage
V BE
2.0
Vdc
(I C = 100mAdc, V CE = 5.0Vdc)
SMALL–SIGNAL CHARACTERISTICS
Current – Gain–Bandwidth Product(4)
f
T
125
MHz
(V CE = 5.0 Vdc, I C = 10mAdc, f = 100 MHz)
3. Pulse Test: Pulse Width <300 µs, Duty Cycle <2.0%.
4. f T = |h f e | *f test .
R S
in
en
IDEAL
TRANSISTOR
Figure 1. Transistor Noise Model
DarlingtonAmplifierTransistors
MMBTA1xLT1
2012-11
WILLAS ELECTRONIC CORP.


Similar Part No. - MMBTA1XLT1

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MMBTA10 SEMTECH_ELEC-MMBTA10 Datasheet
88Kb / 1P
   NPN Silicon Epitaxial Planar Transistor
logo
Dongguan Pingjingsemi T...
MMBTA10 PJSEMI-MMBTA10 Datasheet
824Kb / 3P
   NPN Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBTA11 SEMTECH_ELEC-MMBTA11 Datasheet
88Kb / 1P
   NPN Silicon Epitaxial Planar Transistor
logo
First Silicon Co., Ltd
MMBTA13 FS-MMBTA13 Datasheet
339Kb / 8P
   DarlingtonAmplifier Transistors
logo
Weitron Technology
MMBTA13 WEITRON-MMBTA13 Datasheet
208Kb / 5P
   NPN Transistors Darlington Amplifier
More results

Similar Description - MMBTA1XLT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBTA13LT1 MOTOROLA-MMBTA13LT1 Datasheet
235Kb / 8P
   Darlington Amplifier Transistors
logo
Leshan Radio Company
LMBTA13LT1 LRC-LMBTA13LT1 Datasheet
220Kb / 6P
   Darlington Amplifier Transistors
logo
ON Semiconductor
MMBTA13LT1 ONSEMI-MMBTA13LT1_16 Datasheet
194Kb / 6P
   Darlington Amplifier Transistors
October, 2016 ??Rev. 6
MMBTA13LT1 ONSEMI-MMBTA13LT1_06 Datasheet
74Kb / 6P
   Darlington Amplifier Transistors
January, 2006 ??Rev. 2
MMBTA13LT1G ONSEMI-MMBTA13LT1G_09 Datasheet
189Kb / 6P
   Darlington Amplifier Transistors
August, 2009 ??Rev. 3
logo
Leshan Radio Company
LMBTA13LT1G LRC-LMBTA13LT1G_15 Datasheet
330Kb / 6P
   Darlington Amplifier Transistors
LMBTA14LT1G LRC-LMBTA14LT1G_15 Datasheet
338Kb / 6P
   Darlington Amplifier Transistors
logo
Weitron Technology
MMBT6427 WEITRON-MMBT6427 Datasheet
271Kb / 5P
   NPN Transistors Darlington Amplifier
MMBTA13 WEITRON-MMBTA13 Datasheet
208Kb / 5P
   NPN Transistors Darlington Amplifier
logo
AiT Semiconductor Inc.
MMBTA13L AITSEMI-MMBTA13L Datasheet
771Kb / 8P
   GENERAL PURPOSE TRANSISTORS DARLINGTON AMPLIFIER TRANSISTORS
REV1.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com